Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

GXO-U129DI Datasheet(PDF) 1 Page - Golledge Electronics Ltd

Part # GXO-U129DI
Description  3.3V & 5V CMOS Oscillator Tight Stability
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GOLLEDGE [Golledge Electronics Ltd]
Direct Link  http://www.golledge.com
Logo GOLLEDGE - Golledge Electronics Ltd

GXO-U129DI Datasheet(HTML) 1 Page - Golledge Electronics Ltd

  GXO-U129DI Datasheet HTML 1Page - Golledge Electronics Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
1.84320
2.00000
3.68640
4.00000
5.00000
8.00000
10.00000
12.00000
14.31818
16.00000
18.43200
20.00000
24.00000
24.57600
25.00000
27.00000
29.48920
29.49120
30.00000
32.00000
33.86880
36.86400
40.00000
44.23680
44.73600
48.00000
49.15200
50.00000
3.3V & 5V CMOS Oscillator - Tight Stability
GXO-U129
Tel:
+44 1460 256 100
Fax:
+44 1460 256 101
E-mail:
sales@golledge.com
Web:
www.golledge.com
25 Nov 02
7.50
(max)
5.00
(max)
1.50
(max)
1.40
2.60
2.00
2.20
2.00
1.80
1.80
TOP VIEW
3
2
1
ACTUAL SIZE
4
SOLDER PAD LAYOUT
5.08
0.80
PAD
1
2
3
4
CONNECTION
Enable/Disable
Ground
Output
Supply
12
3
4
Features
« Tight frequency stability
« Enable / disable tristate function
« Power saving function (P & L variants)
« Industry standard SM package
Option
Codes
PS
L
Variant
Parameters
Product name + variant + option codes + frequency
eg:
GXO-U129S/E 40.0MHz 5V,±15ppm,-10+70°C
GXO-U129L/DI 40.0MHz 5V,±20ppm,-40+85°C
Ordering Information
Standard.
Optional - Please specify required code(s) when ordering
Scale 2:1
Specifications
GXO-U129P: 5.0V supply, E/D with power saving
GXO-U129S: 5.0V supply, E/D
GXO-U129L: 3.3V supply, E/D with power saving
Available on T&R - 2k pcs per reel. See our website for details
Frequencies in MHz
Standard Frequencies
* P and L variants only. Other frequencies available. Please consult our sales office.
* Frequency stability is inclusive of calibration @ 25°C, operating temperature range, supply
voltage change, load change, ageing, shock and vibration.
±10ppm stability is not available over -40+85°C
Open
‘1’ level
‘0’ level
Enabled
Enabled
High Impedance
Enable / Disable Function
Input (pad 1)
Output (pad 3)
Frequency range: 1.8 ~ 50.0MHz
Frequency stability*:
±20ppm
D
±15ppm
E
±10ppm
F
Operating temperature range:
-10 to +70°C
-40 to +85°C
I
Storage temperature range:
-55 to +125°C
Supply voltage (VDD):
+5.0V (±0.5V)
+3.3V (±0.3V)
Supply current):
22mA max
Logic levels: ‘0’ level = 10%V
DD max
‘1’ level = 90%V
DD min
Start up time:
5ms max
Waveform symmetry: 45:55 max
Driving ability:
10 LSTTL
15pF HCMOS
Rise / fall time:
5ns max
Enable / disable function:
Tristate (control via pad 1)
100ns / 100ns
5ms / 150ns
Stand-by current:
50µA max


Similar Part No. - GXO-U129DI

ManufacturerPart #DatasheetDescription
logo
Golledge Electronics Lt...
GXO-U129L GOLLEDGE-GXO-U129L Datasheet
133Kb / 1P
   3.3V & 5V CMOS Oscillator - Tight Stability
GXO-U129L GOLLEDGE-GXO-U129L Datasheet
564Kb / 4P
   3.3V 7x5mm Oscillator with Tight Stability
GXO-U129L/DI GOLLEDGE-GXO-U129L/DI Datasheet
133Kb / 1P
   3.3V & 5V CMOS Oscillator - Tight Stability
GXO-U129P GOLLEDGE-GXO-U129P Datasheet
133Kb / 1P
   3.3V & 5V CMOS Oscillator - Tight Stability
GXO-U129P GOLLEDGE-GXO-U129P Datasheet
564Kb / 4P
   5V 7x5mm Oscillator with Tight Stability
More results

Similar Description - GXO-U129DI

ManufacturerPart #DatasheetDescription
logo
Golledge Electronics Lt...
GXO-U129 GOLLEDGE-GXO-U129_16 Datasheet
133Kb / 1P
   3.3V & 5V CMOS Oscillator - Tight Stability
GXO-3232 GOLLEDGE-GXO-3232 Datasheet
170Kb / 2P
   2.5~3.3V Tight Stability Oscillator
GXO-5332 GOLLEDGE-GXO-5332 Datasheet
83Kb / 2P
   2.5~3.3V Tight Stability Oscillator
GXO-3332 GOLLEDGE-GXO-3332 Datasheet
82Kb / 2P
   2.5~3.3V Tight Stability Oscillator
GXO-3332 GOLLEDGE-GXO-3332_16 Datasheet
171Kb / 2P
   1.8 ~ 3.3V Tight Stability Oscillator
GXO-5332 GOLLEDGE-GXO-5332_16 Datasheet
201Kb / 2P
   2.5~3.3V Tight Stability Oscillator
GXO-U129P GOLLEDGE-GXO-U129P Datasheet
564Kb / 4P
   5V 7x5mm Oscillator with Tight Stability
GXO-5351 GOLLEDGE-GXO-5351 Datasheet
565Kb / 4P
   5V SM Oscillator with Tight Stability
GXO-U129S GOLLEDGE-GXO-U129S Datasheet
564Kb / 4P
   5V 7x5mm Oscillator with Tight Stability
GXO-U129L GOLLEDGE-GXO-U129L Datasheet
564Kb / 4P
   3.3V 7x5mm Oscillator with Tight Stability
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com