Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EN5310 Datasheet(PDF) 4 Page - Enpirion, Inc.

Part # EN5310
Description  1A Voltage Mode Synchronous Buck PWM DC-DC Converter
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ENPIRION [Enpirion, Inc.]
Direct Link  http://www.enpirion.com
Logo ENPIRION - Enpirion, Inc.

EN5310 Datasheet(HTML) 4 Page - Enpirion, Inc.

  EN5310 Datasheet HTML 1Page - Enpirion, Inc. EN5310 Datasheet HTML 2Page - Enpirion, Inc. EN5310 Datasheet HTML 3Page - Enpirion, Inc. EN5310 Datasheet HTML 4Page - Enpirion, Inc. EN5310 Datasheet HTML 5Page - Enpirion, Inc. EN5310 Datasheet HTML 6Page - Enpirion, Inc. EN5310 Datasheet HTML 7Page - Enpirion, Inc. EN5310 Datasheet HTML 8Page - Enpirion, Inc. EN5310 Datasheet HTML 9Page - Enpirion, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
Rev 0.95 – March 2005
www.enpirion.com
EN5310
4
Electrical Characteristics
NOTE: VIN=3.3V and over operating temperature range unless otherwise noted. Typical values are at TA =
25°C.
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNITS
Operating Input
Voltage
VIN
2.375
5.5
V
Quiescent Supply
Current
IQ
No switching, AVIN = 3.3V,
PVIN = 3.3V, ENABLE=0V
15
mA
No-Load Operating
Current
INL
Includes PWM, gate drive and
inductor ripple current.
35
mA
Switching
Frequency
FOSC
5
MHz
Thermal Overload
Trip Point
TJ
160
°C
VOUT
Range
VOUT
Using external voltage divider
0.9
V
Accuracy
VOUT
Over line, load and temperature
2.0
%
Line Regulation
∆VOUT
VIN = 2.5 to 5.0 volts
3
mV
Load Regulation
∆VOUT
ILOAD = 0 to 1A
3
mV
∆VOUT
TA= 0 to 70ºC
TBD
mV
Temperature
Regulation
∆VOUT
TA= -40 to 85ºC
TBD
mV
Transient Response (IOUT = 0% to 100% or 100% to 0% of Rated Load)
Peak Deviation
VOUT
VIN = 5V, 1.2V < VOUT < 3.3V
2
5
%
Output Voltage Ripple
Peak-to-peak
VOUT-PP
VIN = 5.0V, VOUT = 1.2V, IOUT = 1A,
COUT = 20uF, 2 x 10µF X5R or X7R
ceramic capacitors
12
mV
Maximum Continuous Output Current (Note 4)
Output Current
IOUT
1000
mA
Enable Operation
Disable Threshold
VDISABLE
Max voltage to ensure the converter
is disabled
0.8
V
Enable Threshold
VENABLE
Min voltage to ensure the converter
is enabled
1.8
V
Power OK Operation
POK low voltage
VPOK
IPOK = 1mA
0.4
V
Max POK Voltage
VPOK
Supply voltage applied to POK
5.5
V
NOTES:
4. Maximum output current may need to be de-rated, based on operating condition, to meet TJ requirements.


Similar Part No. - EN5310

ManufacturerPart #DatasheetDescription
logo
Enpirion, Inc.
EN5311 ENPIRION-EN5311 Datasheet
296Kb / 16P
   1A Synchronous Buck Regulator With Integrated Inductor
EN5311QI ENPIRION-EN5311QI Datasheet
296Kb / 16P
   1A Synchronous Buck Regulator With Integrated Inductor
logo
Altera Corporation
EN5311QI ALTERA-EN5311QI Datasheet
973Kb / 16P
   1A PowerSoC Synchronous Buck Regulator With Integrated Inductor
logo
Enpirion, Inc.
EN5311QI-E ENPIRION-EN5311QI-E Datasheet
296Kb / 16P
   1A Synchronous Buck Regulator With Integrated Inductor
logo
List of Unclassifed Man...
EN5312Q ETC1-EN5312Q Datasheet
253Kb / 12P
   Fully Integrated Voltage Mode Synchronous Buck PWM DC-DC Converter Module
More results

Similar Description - EN5310

ManufacturerPart #DatasheetDescription
logo
Enpirion, Inc.
EN5330 ENPIRION-EN5330 Datasheet
409Kb / 11P
   3A Voltage Mode Synchronous Buck PWM DC-DC Converter
EN5360 ENPIRION-EN5360 Datasheet
388Kb / 11P
   6A Voltage Mode Synchronous Buck PWM DC-DC Converter
logo
Advanced Power Electron...
APE1723 A-POWER-APE1723 Datasheet
349Kb / 10P
   200KHz, 1A PWM BUCK DC/DC CONVERTER
logo
List of Unclassifed Man...
EN5312Q ETC1-EN5312Q Datasheet
253Kb / 12P
   Fully Integrated Voltage Mode Synchronous Buck PWM DC-DC Converter Module
logo
Advanced Analogic Techn...
AAT1152 ANALOGICTECH-AAT1152 Datasheet
335Kb / 18P
   850kHz 1A Synchronous Buck DC/DC Converter
logo
Enpirion, Inc.
EN2360QI ENPIRION-EN2360QI Datasheet
1Mb / 24P
   6A Voltage Mode Synchronous Buck PWM DC-DC Converter with Integrated Inductor
EN6347QI ENPIRION-EN6347QI Datasheet
583Kb / 16P
   4A Voltage Mode Synchronous Buck PWM DC-DC Converter with Integrated Inductor
EN2360QI ENPIRION-EN2360QI Datasheet
1Mb / 24P
   6A Voltage Mode Synchronous Buck PWM DC-DC Converter with Integrated Inductor
EN6337QI ENPIRION-EN6337QI Datasheet
417Kb / 17P
   3A Voltage Mode Synchronous Buck PWM DC-DC Converter with Integrated Inductor
EN5337QI ENPIRION-EN5337QI Datasheet
276Kb / 12P
   3A Voltage Mode Synchronous Buck PWM DC-DC Converter with Integrated Inductor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com