Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EN5310DC-T Datasheet(PDF) 1 Page - Enpirion, Inc.

Part # EN5310DC-T
Description  1A Voltage Mode Synchronous Buck PWM DC-DC Converter
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ENPIRION [Enpirion, Inc.]
Direct Link  http://www.enpirion.com
Logo ENPIRION - Enpirion, Inc.

EN5310DC-T Datasheet(HTML) 1 Page - Enpirion, Inc.

  EN5310DC-T Datasheet HTML 1Page - Enpirion, Inc. EN5310DC-T Datasheet HTML 2Page - Enpirion, Inc. EN5310DC-T Datasheet HTML 3Page - Enpirion, Inc. EN5310DC-T Datasheet HTML 4Page - Enpirion, Inc. EN5310DC-T Datasheet HTML 5Page - Enpirion, Inc. EN5310DC-T Datasheet HTML 6Page - Enpirion, Inc. EN5310DC-T Datasheet HTML 7Page - Enpirion, Inc. EN5310DC-T Datasheet HTML 8Page - Enpirion, Inc. EN5310DC-T Datasheet HTML 9Page - Enpirion, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
Rev 0.95 – March 2005
www.enpirion.com
1
ENPIRION
EN5310
1A Voltage Mode Synchronous Buck PWM
DC-DC Converter
Description
The EN5310 is a Power System on a Chip DC-DC
converter. It is specifically designed to meet the
precise voltage and fast transient requirements of
present and future high-performance, low-power
processor, DSP, FPGA, memory boards and system
level applications in a distributed power architecture.
Advanced circuit techniques, ultra high switching
frequency, and very advanced, high-density,
integrated circuit and proprietary inductor technology
deliver high-quality, ultra compact, non-isolated DC-
DC conversion. Operating this converter requires only
three external components that include small value
input and output ceramic capacitors and a soft-start
capacitor.
The EN5310 significantly helps in system design and
productivity by offering greatly simplified board
design, layout and manufacturing requirements. In
addition, a reduction in the number of vendors
required for the complete power solution helps to
enable an overall system cost savings.
Typical Application Circuit
VID Output
Voltage Select
V
OUT
V
IN
VSENSE
22µF
10µF
15nF
VOUT
VS0
VS1
VS2
POK
PGND
AGND
SS
PVIN
AVIN
Features
• 1000mA output current capacity
• External inductor is NOT required
• Lead-Free packaging
• 5MHz operating frequency
• More than 90% efficient
• VOUT accuracy of 2% over line, load and
temperature
• 1/2 the board area of discrete component solutions
• Very fast transient response
• All high speed switching signals contained inside
the part
• Wide input voltage range of 2.375V to 5.5V
• Digital voltage selector with options for common
output voltages from 0.8V to 3.3V
• External resistor divider and OVP option for
programming output voltages from 0.9V to 4.0V
• Output enable pin and Power OK signal
• Programmable soft-start time
• Programmable over-current protection
• Thermal shutdown, short circuit, over-voltage and
under-voltage protection
Applications
• VOIP phones, video telephones
• Broadband, networking, LAN/WAN, optical
telecommunications equipment
• Point of load regulation for low-power processors,
network processors, DSPs, FPGAs, and ASICs
• Low voltage, distributed power architectures with
2.5V, 3.3V or 5V rails
Ordering Information
Part Number
Temp Rating (°C)
Package
EN5310DC
0 to 70
36-pin DFN
EN5310DC-T
0 to 70
36-pin DFN T&R
EN5310DI
-40 to +85
36-pin DFN
EN5310DI-T
-40 to +85
36-pin DFN T&R
EN5310DC-E
DFN Evaluation Board


Similar Part No. - EN5310DC-T

ManufacturerPart #DatasheetDescription
logo
Enpirion, Inc.
EN5311 ENPIRION-EN5311 Datasheet
296Kb / 16P
   1A Synchronous Buck Regulator With Integrated Inductor
EN5311QI ENPIRION-EN5311QI Datasheet
296Kb / 16P
   1A Synchronous Buck Regulator With Integrated Inductor
logo
Altera Corporation
EN5311QI ALTERA-EN5311QI Datasheet
973Kb / 16P
   1A PowerSoC Synchronous Buck Regulator With Integrated Inductor
logo
Enpirion, Inc.
EN5311QI-E ENPIRION-EN5311QI-E Datasheet
296Kb / 16P
   1A Synchronous Buck Regulator With Integrated Inductor
logo
List of Unclassifed Man...
EN5312Q ETC1-EN5312Q Datasheet
253Kb / 12P
   Fully Integrated Voltage Mode Synchronous Buck PWM DC-DC Converter Module
More results

Similar Description - EN5310DC-T

ManufacturerPart #DatasheetDescription
logo
Enpirion, Inc.
EN5330 ENPIRION-EN5330 Datasheet
409Kb / 11P
   3A Voltage Mode Synchronous Buck PWM DC-DC Converter
EN5360 ENPIRION-EN5360 Datasheet
388Kb / 11P
   6A Voltage Mode Synchronous Buck PWM DC-DC Converter
logo
Advanced Power Electron...
APE1723 A-POWER-APE1723 Datasheet
349Kb / 10P
   200KHz, 1A PWM BUCK DC/DC CONVERTER
logo
List of Unclassifed Man...
EN5312Q ETC1-EN5312Q Datasheet
253Kb / 12P
   Fully Integrated Voltage Mode Synchronous Buck PWM DC-DC Converter Module
logo
Advanced Analogic Techn...
AAT1152 ANALOGICTECH-AAT1152 Datasheet
335Kb / 18P
   850kHz 1A Synchronous Buck DC/DC Converter
logo
Enpirion, Inc.
EN2360QI ENPIRION-EN2360QI Datasheet
1Mb / 24P
   6A Voltage Mode Synchronous Buck PWM DC-DC Converter with Integrated Inductor
EN6347QI ENPIRION-EN6347QI Datasheet
583Kb / 16P
   4A Voltage Mode Synchronous Buck PWM DC-DC Converter with Integrated Inductor
EN2360QI ENPIRION-EN2360QI Datasheet
1Mb / 24P
   6A Voltage Mode Synchronous Buck PWM DC-DC Converter with Integrated Inductor
EN6337QI ENPIRION-EN6337QI Datasheet
417Kb / 17P
   3A Voltage Mode Synchronous Buck PWM DC-DC Converter with Integrated Inductor
EN5337QI ENPIRION-EN5337QI Datasheet
276Kb / 12P
   3A Voltage Mode Synchronous Buck PWM DC-DC Converter with Integrated Inductor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com