Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EN5310DC-E Datasheet(PDF) 6 Page - Enpirion, Inc.

Part # EN5310DC-E
Description  1A Voltage Mode Synchronous Buck PWM DC-DC Converter
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ENPIRION [Enpirion, Inc.]
Direct Link  http://www.enpirion.com
Logo ENPIRION - Enpirion, Inc.

EN5310DC-E Datasheet(HTML) 6 Page - Enpirion, Inc.

Back Button EN5310DC-E Datasheet HTML 2Page - Enpirion, Inc. EN5310DC-E Datasheet HTML 3Page - Enpirion, Inc. EN5310DC-E Datasheet HTML 4Page - Enpirion, Inc. EN5310DC-E Datasheet HTML 5Page - Enpirion, Inc. EN5310DC-E Datasheet HTML 6Page - Enpirion, Inc. EN5310DC-E Datasheet HTML 7Page - Enpirion, Inc. EN5310DC-E Datasheet HTML 8Page - Enpirion, Inc. EN5310DC-E Datasheet HTML 9Page - Enpirion, Inc. EN5310DC-E Datasheet HTML 10Page - Enpirion, Inc.  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
Rev 0.95 – March 2005
www.enpirion.com
EN5310
6
Theory of Operation
Synchronous Buck Converter
The EN5310 is a synchronous, pin programmable
power supply with integrated power MOSFET
switches and inductor. The nominal input voltage
range is 2.5-5.0V. The output can be set to common
voltages by connecting appropriate combinations of 3
voltage selection pins to ground. If different voltage
levels are required, provision is also made to allow
external programming. The feedback control loop is
voltage-mode and the part uses a low-noise PWM
topology. Up to 1A of output current can be drawn
from this converter. The 5MHz operating frequency
enables the use of small-size output capacitors.
The power supply also has protection features such as:
• Programmable over-current protection (to
protect the IC from excessive load current)
• Thermal shutdown (to protect the converter
from getting too hot)
• Over-voltage protection that stops the PWM
switching and turns on the lower N-MOSFET
at 120% of the programmed output voltage in
order to protect the load from an OV
condition.
• Under-voltage lockout circuit to disable the
converter output when the input voltage is less
than approximately 2.2V
Additional features include:
• Soft-start circuit, limiting the in-rush current
when the converter is powered up.
• Power good circuit indicating whether the
output voltage is within 90%-120% of the
programmed voltage.
Output Voltage Programming
The EN5310 output voltage is programmed using one
of two methods. Common output voltages are
achieved by tying one or more of the three Voltage
Select pins (VS0, VS1 & VS2) to ground (see Table
1). If all three are left floating, the output voltage and
over voltage thresholds are determined by the voltages
presented at the XFB and XOV pins respectively.
These voltages should be set by way of resistor
dividers between VOUT to GND with the midpoint
going to XFB and XOV.
Use an appropriate resistor ratio such that the desired
output voltage across the resistor pair causes the XFB
pin to be 0.8V at the nominal set-point. It is
recommended that the resistor values used should be
in the 20K-40K range. Contact Enpirion Applications
Support for more specific information. If Over-
Voltage protection is required, the output of a second
divider to XOV should be set such that 0.96V is
present at the desired trip point. By design, if both
resistor dividers are the same, the OV trip-point will
be 20% above the nominal output voltage.
XFB
22µF
10µF
15 nF
VOUT
POK
PGND
AGND
SS
PVIN
AVIN
XOV
V
OUT
V
IN
Table 1: Output Voltage Select Table
VS2*
VS1*
VS0*
Output Voltage
0
0
0
3.3V
0
0
1
2.5V
0
1
0
1.8V
0
1
1
1.5V
1
0
0
1.25V
1
0
1
1.2V
1
1
0
0.8V**
1
1
1
User Selectable
** 0.8V ref only, not guaranteed performance
* The VS0, VS1 and VS2 pins are defaulted to a ‘1’
with an internal pull-up resistor. Only connect
these pins to AGND if a ‘0’ is required. If a ‘1’ is
required, then leave the pin floating.
Capacitor Selection
The EN5310 needs about 10-20uF of input
capacitance. Low-cost, low-ESR ceramic capacitors
can be used as input capacitors for this converter and
it is strongly recommended that they be rated X5R or
X7R. In some applications, lower value capacitors are
needed in parallel with the larger, lossy capacitors in
order to provide high frequency decoupling.


Similar Part No. - EN5310DC-E

ManufacturerPart #DatasheetDescription
logo
Enpirion, Inc.
EN5311 ENPIRION-EN5311 Datasheet
296Kb / 16P
   1A Synchronous Buck Regulator With Integrated Inductor
EN5311QI ENPIRION-EN5311QI Datasheet
296Kb / 16P
   1A Synchronous Buck Regulator With Integrated Inductor
logo
Altera Corporation
EN5311QI ALTERA-EN5311QI Datasheet
973Kb / 16P
   1A PowerSoC Synchronous Buck Regulator With Integrated Inductor
logo
Enpirion, Inc.
EN5311QI-E ENPIRION-EN5311QI-E Datasheet
296Kb / 16P
   1A Synchronous Buck Regulator With Integrated Inductor
logo
List of Unclassifed Man...
EN5312Q ETC1-EN5312Q Datasheet
253Kb / 12P
   Fully Integrated Voltage Mode Synchronous Buck PWM DC-DC Converter Module
More results

Similar Description - EN5310DC-E

ManufacturerPart #DatasheetDescription
logo
Enpirion, Inc.
EN5330 ENPIRION-EN5330 Datasheet
409Kb / 11P
   3A Voltage Mode Synchronous Buck PWM DC-DC Converter
EN5360 ENPIRION-EN5360 Datasheet
388Kb / 11P
   6A Voltage Mode Synchronous Buck PWM DC-DC Converter
logo
Advanced Power Electron...
APE1723 A-POWER-APE1723 Datasheet
349Kb / 10P
   200KHz, 1A PWM BUCK DC/DC CONVERTER
logo
List of Unclassifed Man...
EN5312Q ETC1-EN5312Q Datasheet
253Kb / 12P
   Fully Integrated Voltage Mode Synchronous Buck PWM DC-DC Converter Module
logo
Advanced Analogic Techn...
AAT1152 ANALOGICTECH-AAT1152 Datasheet
335Kb / 18P
   850kHz 1A Synchronous Buck DC/DC Converter
logo
Enpirion, Inc.
EN2360QI ENPIRION-EN2360QI Datasheet
1Mb / 24P
   6A Voltage Mode Synchronous Buck PWM DC-DC Converter with Integrated Inductor
EN6347QI ENPIRION-EN6347QI Datasheet
583Kb / 16P
   4A Voltage Mode Synchronous Buck PWM DC-DC Converter with Integrated Inductor
EN2360QI ENPIRION-EN2360QI Datasheet
1Mb / 24P
   6A Voltage Mode Synchronous Buck PWM DC-DC Converter with Integrated Inductor
EN6337QI ENPIRION-EN6337QI Datasheet
417Kb / 17P
   3A Voltage Mode Synchronous Buck PWM DC-DC Converter with Integrated Inductor
EN5337QI ENPIRION-EN5337QI Datasheet
276Kb / 12P
   3A Voltage Mode Synchronous Buck PWM DC-DC Converter with Integrated Inductor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com