Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FTR-F4AK006T Datasheet(PDF) 4 Page - Fujitsu Component Limited.

Part # FTR-F4AK006T
Description  2 POLE 5A/TV-3 RATED COMPACT TYPE
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJITSU [Fujitsu Component Limited.]
Direct Link  http://edevice.fujitsu.com/fmd/en/index.html
Logo FUJITSU - Fujitsu Component Limited.

FTR-F4AK006T Datasheet(HTML) 4 Page - Fujitsu Component Limited.

  FTR-F4AK006T Datasheet HTML 1Page - Fujitsu Component Limited. FTR-F4AK006T Datasheet HTML 2Page - Fujitsu Component Limited. FTR-F4AK006T Datasheet HTML 3Page - Fujitsu Component Limited. FTR-F4AK006T Datasheet HTML 4Page - Fujitsu Component Limited. FTR-F4AK006T Datasheet HTML 5Page - Fujitsu Component Limited. FTR-F4AK006T Datasheet HTML 6Page - Fujitsu Component Limited.  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
4
FTR-F4 SERIES
n
REFERENCE DATA
l
Dimensions
l
Schematics
(BOTTOM VIEW)
FTR-F4 type
n
DIMENSIONS
l
PC board mounting
hole layout
(BOTTOM VIEW)
Unit: mm
2
1
6
4
3
5
2-ø0.9(.035)
4-ø1.3(.051)
5(.197)
15(.590)
1.8(.071)
0
10
30
50 60 70
20
40
100
80
60
40
20
100
80 90
Nominal voltage multiplying factor (%)
Operate
Release
Distribution of operate and release voltage
FTR-F4AK012T
n=250
0
1
3
5
6
7
2
4
100
80
60
40
20
10
8
9
Time (ms)
Operate
Release
Distribution of operate and release time
FTR-F4AK012T
n=250
0
2
4
6
8
10 12 14 16 18 20
100
80
60
40
20
Contact resistance (m )
Distribution of contact resistance
FTR-F4AK012T
n=250
2
5
10
1
X
X
X
X
100
50
20
10
5
2
10
8
6
4
2
0
Operation (x104)
Electrical life test
Initial
FTR-F4AK012T
n=8
10 OP/minute
250VAC, 5 A (resistive)
Operate
Release
2
5
10
1
A
A
A
A
100
50
20
10
5
2
10
8
6
4
2
0
Operation (x104)
Electrical life test
Initial
FTR-F4AK012T
n=8
10 OP/minute
30VDC, 5 A (resistive)
Operate
Release
24.0 +0.3(.945+.012)
15 (0.590)
5(.197)
1.8(.071)
(0.5(.020)
0.3(.011)
0.4(.016)
1.0(.039)
7.5(.295)
12.0+0.3(.472+.012)
ø0.5.
(.020)
7.5(.295)
20
100
50
200
10
A
A
A
100
50
20
10
5
2
10
8
6
4
2
0
A
A
A
A
A
A
A
A
A
Operation (x104)
Mechanical life test
Initial
FTR-F4AK012T
n=20
300 OP/minute
Operate
Release


Similar Part No. - FTR-F4AK006T

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
FTR-F4AK006T FUJITSU-FTR-F4AK006T Datasheet
665Kb / 6P
   POWER RELAY 2 POLE 5A/TV-3 RATED COMPACT TYPE
More results

Similar Description - FTR-F4AK006T

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
FTR-F4 FUJITSU-FTR-F4_07 Datasheet
665Kb / 6P
   POWER RELAY 2 POLE 5A/TV-3 RATED COMPACT TYPE
FTR-F4 FUJITSU-FTR-F4_V01 Datasheet
248Kb / 7P
   POWER RELAY 2 POLE 5A / TV-3 Rated Compact Type Relay
28th, 2017
logo
Panasonic Semiconductor
ALA2F12 PANASONIC-ALA2F12 Datasheet
71Kb / 4P
   TV-4 rated. 2a 3A/5A power relays Automatic vending machine
logo
Fujitsu Component Limit...
FTR-F4G FUJITSU-FTR-F4G_11 Datasheet
333Kb / 7P
   POWER RELAY 2 POLE - 5A - 1.5mm contact gap
FTR-F3AA005E-HA FUJITSU-FTR-F3AA005E-HA Datasheet
605Kb / 8P
   POWER RELAY 1 POLE 5A SLIM TYPE RELAY
FTR-F4G FUJITSU-FTR-F4G Datasheet
321Kb / 6P
   POWER RELAY 2 POLE - 5A - 1.5mm contact gap
FTR-F3HA FUJITSU-FTR-F3HA Datasheet
603Kb / 7P
   POWER RELAY 1 POLE 5A SLIM TYPE RELAY
logo
CONEC Elektronische Bau...
33DSMT1-E15SNCT CONEC-33DSMT1-E15SNCT Datasheet
128Kb / 1P
   Rated current : 5A max
logo
Fujitsu Component Limit...
FTR-F2 FUJITSU-FTR-F2 Datasheet
607Kb / 8P
   POWER RELAY 1 POLE-5A (CADMIUM FREE CONTACTS TYPE)
logo
Ningbo Tianbo Ganglian ...
HJQ-22F-2 TIANBO-HJQ-22F-2 Datasheet
1Mb / 3P
   2 to 3 pole configurations
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com