Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FSCM0465RGWDTU Datasheet(PDF) 6 Page - Fairchild Semiconductor

Part # FSCM0465RGWDTU
Description  Green Mode Fairchild Power Switch
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FSCM0465RGWDTU Datasheet(HTML) 6 Page - Fairchild Semiconductor

Back Button FSCM0465RGWDTU Datasheet HTML 2Page - Fairchild Semiconductor FSCM0465RGWDTU Datasheet HTML 3Page - Fairchild Semiconductor FSCM0465RGWDTU Datasheet HTML 4Page - Fairchild Semiconductor FSCM0465RGWDTU Datasheet HTML 5Page - Fairchild Semiconductor FSCM0465RGWDTU Datasheet HTML 6Page - Fairchild Semiconductor FSCM0465RGWDTU Datasheet HTML 7Page - Fairchild Semiconductor FSCM0465RGWDTU Datasheet HTML 8Page - Fairchild Semiconductor FSCM0465RGWDTU Datasheet HTML 9Page - Fairchild Semiconductor FSCM0465RGWDTU Datasheet HTML 10Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 20 page
background image
© 2006 Fairchild Semiconductor Corporation
www.fairchildsemi.com
FSCM0465R Rev. 1.0.1
6
Electrical Characteristics
TA = 25°C unless otherwise specified.
Notes:
1. Pulse Test: Pulse width
≤ 300µS, duty ≤ 2%
2. These parameters, although guaranteed at the design, are not tested in mass production.
3. These parameters indicate the inductor current. Where packages are I2PAK or D2PAK, this should be decreased to
2.0A by external resistor.
4. MOSFET switching time is essentially independent of operating temperature.
Symbol
Parameter
Condition
Min. Typ. Max. Unit
SenseFET SECTION
IDSS
Zero Gate Voltage Current
VDS = Max, Rating VGS = 0V
-
-
250
µA
RDS(ON)
Static Drain Source on Resistance(1)
VGS = 10V, ID = 2.3A
-
2.2
2.6
Ω
COSS
Output Capacitance
VGS = 0V, VDS = 25V, f = 1MHz
-
60
-
pF
td(on)
Turn-on Delay Time
VDD = 325V, ID = 3.2A
(4)
-23-
ns
tr
Rise Time
-
20
-
td(off)
Turn-off Delay Time
-
65
-
tf
Fall Time
-
27
-
CONTROL SECTION
fOSC
Switching Frequency
VCC = 14V, VFB = 5V
60
66
72
kHz
Δf
MOD
Switching Frequency Modulation Range
-
±3
-
kHz
tMOD
Switching Frequency Modulation Cycle
-
4
-
ms
fSTABLE
Switching Frequency Stability
10V
≤ V
CC ≤ 17V
013
%
Δf
OSC
Switching Frequency Variation(2)
−25°C ≤ T
A ≤ +85°C
-
±5
±10
%
DMAX
Maximum Duty Cycle
75
80
85
%
DMIN
Minimum Duty Cycle
-
-
0
%
VSTART
UVLO Threshold Voltage
VFB = GND
11
12
13
V
VSTOP
789
V
IFB
Feedback Source Current
VFB = GND
0.7
0.9
1.1
mA
tS/S
Internal Soft-Start Time
10
15
20
ms
BURST MODE SECTION
VBURH
Burst Mode Voltages
VCC = 14V
0.4
0.5
0.6
V
VBURL
VCC = 14V
0.24
0.3
0.36
V
PROTECTION SECTION
ILIMIT
Peak Current Limit(3)
VCC = 14V, VFB = 5V
2.2
2.5
2.8
A
VOVP
Over-Voltage Protection
18
19
20
V
TSD
Thermal Shutdown Temperature(2)
130
145
160
°C
IDELAY
Shutdown Delay Current
VFB = 4V
3.5
5.3
7
µA
VSD
Shutdown Feedback Voltage
VFB ≥ 5.5V
5.5
6
6.5
V
TOTAL DEVICE SECTION
Istart
Startup Current
-
20
40
µA
IOP(MIN)
Operating Supply Current
VCC = 10V, VFB = 0V
-2.5
5
mA
IOP(MAX)
VCC = 20V, VFB = 0V


Similar Part No. - FSCM0465RGWDTU

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FSCM0565R FAIRCHILD-FSCM0565R Datasheet
346Kb / 20P
   Green Mode Fairchild Power Switch (FPS)
FSCM0565R FAIRCHILD-FSCM0565R Datasheet
3Mb / 22P
   Green-Mode Fairchild Power Switch (FPS?? for Quasi-Resonant Operation - Low EMI and High Efficiency
FSCM0565R FAIRCHILD-FSCM0565R Datasheet
2Mb / 22P
   Green-Mode Fairchild Power Switch (FPS?? for Quasi-Resonant Operation - Low EMI and High Efficiency
FSCM0565R FAIRCHILD-FSCM0565R Datasheet
2Mb / 23P
   Green-Mode Fairchild Power Switch
logo
ON Semiconductor
FSCM0565R ONSEMI-FSCM0565R Datasheet
2Mb / 24P
   Green-Mode Power Switch for Quasi-Resonant Operation - Low EMI and High Efficiency
October-2017, Rev. 3
More results

Similar Description - FSCM0465RGWDTU

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FSQ100 FAIRCHILD-FSQ100 Datasheet
741Kb / 12P
   Green Mode Fairchild Power Switch
FSL127H FAIRCHILD-FSL127H Datasheet
1Mb / 15P
   Green Mode Fairchild Power Switch
FSQ0765RQ FAIRCHILD-FSQ0765RQ Datasheet
3Mb / 19P
   Green-Mode Fairchild Power Switch
FSDM0465RE FAIRCHILD-FSDM0465RE Datasheet
519Kb / 21P
   Green Mode Fairchild Power Switch
FSDH321 FAIRCHILD-FSDH321_04 Datasheet
510Kb / 20P
   Green Mode Fairchild Power Switch
FSBH0170 FAIRCHILD-FSBH0170_11 Datasheet
944Kb / 16P
   Green Mode Fairchild Power Switch
FSBH0F70A FAIRCHILD-FSBH0F70A_10 Datasheet
801Kb / 16P
   Green Mode Fairchild Power Switch
FSGM0465RB FAIRCHILD-FSGM0465RB Datasheet
927Kb / 18P
   Green-Mode Fairchild Power Switch
FSGM0765R FAIRCHILD-FSGM0765R Datasheet
823Kb / 18P
   Green-Mode Fairchild Power Switch
FSL137H FAIRCHILD-FSL137H_10 Datasheet
1Mb / 15P
   Green Mode Fairchild Power Switch
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com