Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MMBV809LT1 Datasheet(PDF) 2 Page - E-Tech Electronics LTD

Part # MMBV809LT1
Description  Silicon Tuning Diode
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETL [E-Tech Electronics LTD]
Direct Link  http://e-tech.com.hk
Logo ETL - E-Tech Electronics LTD

MMBV809LT1 Datasheet(HTML) 2 Page - E-Tech Electronics LTD

  MMBV809LT1 Datasheet HTML 1Page - E-Tech Electronics LTD MMBV809LT1 Datasheet HTML 2Page - E-Tech Electronics LTD  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
I5–2/2
MMBV809LT1
1000
100
10
10
100
1000
10
9
8
7
6
5
4
3
2
1
0
0.5
1
2
3
4
5
8
10
15
f , FREQUENCY ( GHz )
Figure 2. Figure of Merit
V R , REVERSE VOLTAGE (VOLTS)
Figure 1. Diode Capacitance
V R =3Vdc
TA = 25°C
1.04
1.03
1.02
1.01
1.00
0.99
0.98
0.97
0.96
–75
–50
–25
0
+25
+50
+75
+100
+125
T A, AMBIENT TEMPERATURE (°C)
Figure 4. Diode Capacitance
TYPICAL CHARACTERISTICS
V R= 3.0Vdc
f = 1.0MHz
1000
800
600
400
0
0.2
0.4
0.6
0.8
1.0
1.2
V R= 3.0Vdc
f = 1.0MHz
f , FREQUENCY ( GHz )
Figure 3. Series Resistance


Similar Part No. - MMBV809LT1

ManufacturerPart #DatasheetDescription
logo
Leshan Radio Company
MMBV809LT1 LRC-MMBV809LT1 Datasheet
90Kb / 2P
   Silicon Tuning Diode
logo
ON Semiconductor
MMBV809LT1 ONSEMI-MMBV809LT1 Datasheet
37Kb / 4P
   Silicon Tuning Diode
November, 2001 ??Rev. 3
MMBV809LT1 ONSEMI-MMBV809LT1 Datasheet
47Kb / 3P
   Silicon Tuning Diode
January, 2006 ??Rev. 4
MMBV809LT1G ONSEMI-MMBV809LT1G Datasheet
47Kb / 3P
   Silicon Tuning Diode
January, 2006 ??Rev. 4
MMBV809LT1 ONSEMI-MMBV809LT1_06 Datasheet
47Kb / 3P
   Silicon Tuning Diode
January, 2006 ??Rev. 4
More results

Similar Description - MMBV809LT1

ManufacturerPart #DatasheetDescription
logo
Leshan Radio Company
MMBV809LT1 LRC-MMBV809LT1 Datasheet
90Kb / 2P
   Silicon Tuning Diode
logo
Infineon Technologies A...
BBY51 INFINEON-BBY51 Datasheet
444Kb / 3P
   Silicon Tuning Diode
Dec-15-2003
logo
ON Semiconductor
MMVL2105T1 ONSEMI-MMVL2105T1 Datasheet
49Kb / 4P
   Silicon Tuning Diode
February, 2006 ??Rev. 1
MMBV409LT1 ONSEMI-MMBV409LT1 Datasheet
47Kb / 3P
   Silicon Tuning Diode
January, 2006 ??Rev. 3
MMBV432LT1 ONSEMI-MMBV432LT1_06 Datasheet
48Kb / 4P
   Silicon Tuning Diode
January, 2006 ??Rev. 4
MMBV609LT1 ONSEMI-MMBV609LT1_06 Datasheet
46Kb / 3P
   Silicon Tuning Diode
January, 2006 ??Rev. 3
MMBV809LT1 ONSEMI-MMBV809LT1_06 Datasheet
47Kb / 3P
   Silicon Tuning Diode
January, 2006 ??Rev. 4
logo
Infineon Technologies A...
BBY59 INFINEON-BBY59_07 Datasheet
58Kb / 6P
   Silicon Tuning Diode
2007-04-20
BB837 INFINEON-BB837_07 Datasheet
76Kb / 7P
   Silicon Tuning Diode
2007-04-20
BBY65 INFINEON-BBY65_07 Datasheet
56Kb / 6P
   Silicon Tuning Diode
2007-04-20
logo
ON Semiconductor
MMVL105GT1 ONSEMI-MMVL105GT1_06 Datasheet
42Kb / 3P
   Silicon Tuning Diode
February, 2006 ??Rev. 2
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com