Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ICS95V860YHLF-T Datasheet(PDF) 10 Page - Integrated Circuit Systems

Part # ICS95V860YHLF-T
Description  2.5V DDR/Zero Delay Fan Out Buffer (100MHz - 225MHz)
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

ICS95V860YHLF-T Datasheet(HTML) 10 Page - Integrated Circuit Systems

Back Button ICS95V860YHLF-T Datasheet HTML 2Page - Integrated Circuit Systems ICS95V860YHLF-T Datasheet HTML 3Page - Integrated Circuit Systems ICS95V860YHLF-T Datasheet HTML 4Page - Integrated Circuit Systems ICS95V860YHLF-T Datasheet HTML 5Page - Integrated Circuit Systems ICS95V860YHLF-T Datasheet HTML 6Page - Integrated Circuit Systems ICS95V860YHLF-T Datasheet HTML 7Page - Integrated Circuit Systems ICS95V860YHLF-T Datasheet HTML 8Page - Integrated Circuit Systems ICS95V860YHLF-T Datasheet HTML 9Page - Integrated Circuit Systems ICS95V860YHLF-T Datasheet HTML 10Page - Integrated Circuit Systems  
Zoom Inzoom in Zoom Outzoom out
 10 / 10 page
background image
10
ICS95V860
0675D—01/07/04
Ordering Information
ICS95V860yHLF-T
MIN.
NOM.
MAX.
MIN.
NOM.
MAX.
A
1.00
1.10
1.20
0.039
0.043
0.047
A1
0.165
0.20
0.235
0.006
0.008
0.009
A2
0.16
0.20
0.24
0.006
0.008
0.009
A3
0.675
0.70
0.725
0.027
0.028
0.029
b
0.25
0.30
0.35
0.010
0.012
0.014
D
D1
E
E1
e
* For Reference Only. Controlling dimensions in mm.
7.00 BSC
.276 BSC
ref.: AIT-R0072MK-01
5.00 BSC
0.50 BSC
.197 BSC
.0197 BSC
MILLIMETER
INCH*
SYMBOL
5.00 BSC
.197 BSC
7.00 BSC
.276 BSC
Example:
Designation for tape and reel packaging
Lead Free (Optional)
Package Type
H = BGA
Revision Designator (will not correlate with datasheet revision)
Device Type
Prefix
ICS = Standard Device
ICS XXXX y H LF- T
C
E
B
D
A
3 2 1
A
B
C
D
4
5
6
7
8
9
10
10
11
11
E
F
G
H
J
K
L
E1
e
D1
b
A1
A
0.12 C
A2
A3
ROW A,
COLUMN
TOP VIEW
1
TYP.


Similar Part No. - ICS95V860YHLF-T

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
ICS95V842 ICST-ICS95V842 Datasheet
80Kb / 9P
   DDR Phase Lock Loop Clock Driver (60MHz - 220MHz)
logo
Renesas Technology Corp
ICS95V842 RENESAS-ICS95V842 Datasheet
263Kb / 10P
   DDR Phase Lock Loop Clock Driver (60MHz - 220MHz)
2019
logo
Integrated Circuit Syst...
ICS95V842I ICST-ICS95V842I Datasheet
93Kb / 9P
   DDR Phase Lock Loop Clock Driver (60MHz - 220MHz)
ICS95V842YFILF-T ICST-ICS95V842YFILF-T Datasheet
93Kb / 9P
   DDR Phase Lock Loop Clock Driver (60MHz - 220MHz)
ICS95V847 ICST-ICS95V847 Datasheet
85Kb / 9P
   2.5V Wide Range Frequency Clock Driver (45MHz - 233MHz)
More results

Similar Description - ICS95V860YHLF-T

ManufacturerPart #DatasheetDescription
logo
Winbond
W83176R-735 WINBOND-W83176R-735_06 Datasheet
245Kb / 13P
   DIMM DDR ZERO DELAY BUFFER
logo
Integrated Circuit Syst...
ICS93725 ICST-ICS93725 Datasheet
66Kb / 8P
   DDR and SDRAM Zero Delay Buffer
logo
Renesas Technology Corp
ICS93725 RENESAS-ICS93725 Datasheet
99Kb / 8P
   DDR and SDRAM Zero Delay Buffer
08/01/03
logo
Cypress Semiconductor
CY28343 CYPRESS-CY28343 Datasheet
91Kb / 10P
   Zero Delay SDR/DDR Clock Buffer
CY23FS08 CYPRESS-CY23FS08 Datasheet
238Kb / 12P
   Failsafe 2.5V/ 3.3V Zero Delay Buffer
CY23FS04-2 CYPRESS-CY23FS04-2 Datasheet
374Kb / 12P
   Failsafe??2.5V/3.3V Zero Delay Buffer
CY23FS04 CYPRESS-CY23FS04 Datasheet
216Kb / 12P
   Failsafe 2.5V/ 3.3V Zero Delay Buffer
CY23FS08 CYPRESS-CY23FS08_06 Datasheet
271Kb / 12P
   Failsafe??2.5V/ 3.3V Zero Delay Buffer
CY23FS04 CYPRESS-CY23FS04_05 Datasheet
215Kb / 12P
   Failsafe??2.5V/ 3.3V Zero Delay Buffer
logo
Lattice Semiconductor
ISPCLOCK5300S LATTICE-ISPCLOCK5300S Datasheet
1Mb / 56P
   In-System Programmable, Zero-Delay, Universal Fan-Out Buffer, Single-Ended
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com