Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MMUN2233RL34 Datasheet(PDF) 1 Page - E-Tech Electronics LTD

Part # MMUN2233RL34
Description  Bias Resistor Transistor
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETL [E-Tech Electronics LTD]
Direct Link  http://e-tech.com.hk
Logo ETL - E-Tech Electronics LTD

MMUN2233RL34 Datasheet(HTML) 1 Page - E-Tech Electronics LTD

  MMUN2233RL34 Datasheet HTML 1Page - E-Tech Electronics LTD MMUN2233RL34 Datasheet HTML 2Page - E-Tech Electronics LTD MMUN2233RL34 Datasheet HTML 3Page - E-Tech Electronics LTD MMUN2233RL34 Datasheet HTML 4Page - E-Tech Electronics LTD MMUN2233RL34 Datasheet HTML 5Page - E-Tech Electronics LTD MMUN2233RL34 Datasheet HTML 6Page - E-Tech Electronics LTD MMUN2233RL34 Datasheet HTML 7Page - E-Tech Electronics LTD MMUN2233RL34 Datasheet HTML 8Page - E-Tech Electronics LTD  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
Q2–1/8
PNP Silicon Surface Mount Transistor with
Monolithic Bias Resistor Network
This new series of digital transistors is designed to replace a single device and its
external resistor bias network. The BRT (Bias Resistor Transistor) contains a single
transistor with a monolithic bias network consisting of two resistors; a series base
resistor and a base-emitter resistor.The BRT eliminates these individual components
by integrating them into a single device. The use of a BRT can reduce both system
cost and board space. The device is housed in the SOT-23 package which is
designed for low power surface mount applications.
∗ Simplifies Circuit Design
∗ Reduces Board Space
∗ Reduces Component Count
∗ The SOT-23 package can be soldered using wave or
reflow. The modified gull-winged leads absorb thermal
stress during soldering eliminating the possibility of
damage to the die.
∗ Available in 8 mm embossed tape and reel. Use the
Device Number to order the 7 inch/3000 unit reel.
Replace “T1” with “T3” in the Device Number to order
the 13 inch/10,000 unit reel.
MMUN2211RLT1
MMUN2212RLT1
MMUN2213RLT1
MMUN2214RLT1
MMUN2215RLT1
MMUN2230RLT1
MMUN2231RLT1
MMUN2232RLT1
MMUN2233RL34
CASE
318–08, STYLE 6
SOT– 23 (TO–236AB)
NPN SILICON
BIAS RESISTOR
TRANSISTOR
Bias Resistor Transistor
MAXIMUM RATINGS (T A = 2
5°C unless otherwise noted)
Rating
Symbol
Value
Unit
Collector-Base Voltage
VCBO
50
Vdc
Collector-Emitter Voltage
V CEO
50
Vdc
Collector Current
I C
100
mAdc
Total Power Dissipation @ T A = 2
5°C (1)
P D
200
mW
Derate above 2
5°C
1.6
mW
/°C
THERMAL CHARACTERISTICS
Rating
Symbol
Value
Unit
Thermal Resistance — Junction-to-Ambient (surface mounted)
R θJA
625
°C/W
Operating and Storage Temperature Range
TJ , Tstg
–65 to +150
°C
Maximum Temperature for Soldering Purposes
T L
260
°C
Time in Solder Bath
10
Sec
DEVICE MARKING AND RESISTOR VALUES
Device
Marking
R1 (K)
R2 (K)
MMUN2211RLT1
A8A
10
10
MMUN2212RLT1
A8B
22
22
MMUN2213RLT1
A8C
47
47
MMUN2214RLT1
A8D
10
47
MMUN2215RLT1(2)
A8E
10
MMUN2216RLT1 (2)
A8F
4.7
MMUN2230RLT1 (2)
A8G
1
1
MMUN2231RLT1 (2)
A8H
2.2
2.2
MMUN2232RLT1(2)
A8J
4.7
4.7
MMUN2233RLT1 (2)
A8K
4.7
47
MMUN2234RLT1(2)
A8L
22
47
1. Device mounted on a FR-4 glass epoxy printed circuit board using the minimum recommended footprint.
2. New devices. Updated curves to follow in subsequent data sheets.
R1
R2
PIN3
Collector
(output)
PIN1
base
(Input)
PIN2
Emitter
(Ground)
1
3
2


Similar Part No. - MMUN2233RL34

ManufacturerPart #DatasheetDescription
logo
Leshan Radio Company
MMUN2233RLT1 LRC-MMUN2233RLT1 Datasheet
294Kb / 8P
   Bias Resistor Transistor
More results

Similar Description - MMUN2233RL34

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MUN5111DW1T1 ONSEMI-MUN5111DW1T1_06 Datasheet
109Kb / 12P
   Bias Resistor Transistor
February, 2006 ??Rev. 8
MUN5111T1 ONSEMI-MUN5111T1 Datasheet
132Kb / 12P
   Bias Resistor Transistor
October, 2004 ??Rev. 7
logo
Leshan Radio Company
LDTA123YET1G LRC-LDTA123YET1G_15 Datasheet
258Kb / 3P
   Bias Resistor Transistor
LDTA124GET1G LRC-LDTA124GET1G_15 Datasheet
285Kb / 3P
   Bias Resistor Transistor
logo
Weitron Technology
MMUN2211 WEITRON-MMUN2211_07 Datasheet
470Kb / 10P
   Bias Resistor Transistor
logo
ON Semiconductor
MMUN2211LT1 ONSEMI-MMUN2211LT1 Datasheet
104Kb / 12P
   Bias Resistor Transistor
May, 2004 ??Rev. 4
logo
Leshan Radio Company
LDTC123TLT1G LRC-LDTC123TLT1G Datasheet
217Kb / 3P
   Bias Resistor Transistor
MUN2211RT1 LRC-MUN2211RT1 Datasheet
328Kb / 8P
   Bias Resistor Transistor
LDTA123YET1G LRC-LDTA123YET1G Datasheet
258Kb / 3P
   Bias Resistor Transistor
LDTC113ZET1G LRC-LDTC113ZET1G Datasheet
278Kb / 3P
   Bias Resistor Transistor
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com