Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IR91-21C Datasheet(PDF) 8 Page - Everlight Electronics Co., Ltd

Part # IR91-21C
Description  1.9mm Round Subminiature Axial Infrared LED
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EVERLIGHT [Everlight Electronics Co., Ltd]
Direct Link  http://www.everlight.com
Logo EVERLIGHT - Everlight Electronics Co., Ltd

IR91-21C Datasheet(HTML) 8 Page - Everlight Electronics Co., Ltd

  IR91-21C Datasheet HTML 1Page - Everlight Electronics Co., Ltd IR91-21C Datasheet HTML 2Page - Everlight Electronics Co., Ltd IR91-21C Datasheet HTML 3Page - Everlight Electronics Co., Ltd IR91-21C Datasheet HTML 4Page - Everlight Electronics Co., Ltd IR91-21C Datasheet HTML 5Page - Everlight Electronics Co., Ltd IR91-21C Datasheet HTML 6Page - Everlight Electronics Co., Ltd IR91-21C Datasheet HTML 7Page - Everlight Electronics Co., Ltd IR91-21C Datasheet HTML 8Page - Everlight Electronics Co., Ltd IR91-21C Datasheet HTML 9Page - Everlight Electronics Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 8 / 9 page
background image
Everlight Electronics Co., Ltd.
http:\\www.everlight.com
Rev 3
Page: 8 of 9
Device No:DIR-091-027
Prepared date:07-20-2005
Prepared by:Jaine Tsai
IR91-21C
Reliability Test Item And Condition
The reliability of products shall be satisfied with items listed below.
Confidence level:90%
LTPD:10%
NO. Item
Test Conditions
Test Hours/
Cycles
Sample
Sizes
Failure
Judgement
Criteria
Ac/Re
1
REFLOW Soldering TEMP.:260℃±5℃
5secs
6Mins
22pcs
0/1
2
Temperature Cycle H : +100℃
15mins
5mins
L : -40℃
15mins
50Cycles
22pcs
0/1
3
Thermal Shock
H :+100℃
5mins
10secs
L :-10℃
5mins
50Cycles
22pcs
0/1
4
High Temperature
Storage
TEMP.:+100℃
1000hrs
22pcs
0/1
5
Low Temperature
Storage
TEMP.:-40℃
1000hrs
22pcs
0/1
6
DC Operating Life
IF=20mA
1000hrs
22pcs
0/1
7
High Temperature/
High Humidity
85℃ / 85% R.H
1000hrs
22pcs
IR≧U×2
Ee≦L×0.8
VF≧U×1.2
U:Upper
Specification
Limit
L:Lower
Specification
Limit
0/1


Similar Part No. - IR91-21C

ManufacturerPart #DatasheetDescription
logo
Everlight Electronics C...
IR91-21C-TR10 EVERLIGHT-IR91-21C-TR10 Datasheet
190Kb / 10P
   1.9mm Round Subminiature ?쏾-Bend??Lead Infrared LED
IR91-21C-TR10 EVERLIGHT-IR91-21C-TR10_15 Datasheet
206Kb / 9P
   1.9mm Round Subminiature Z-Bend Lead Infrared LED
IR91-21C-TR7 EVERLIGHT-IR91-21C-TR7 Datasheet
212Kb / 10P
   1.9mm Round Subminiature ??Gull Wing?쒵ead Infrared LED
IR91-21C-TR7 EVERLIGHT-IR91-21C-TR7_15 Datasheet
238Kb / 9P
   1.9mm Round Subminiature ??Gull Wing?쒵ead Infrared LED
IR91-21C EVERLIGHT-IR91-21C_15 Datasheet
179Kb / 8P
   1.9mm Round Subminiature Axial Infrared LED
More results

Similar Description - IR91-21C

ManufacturerPart #DatasheetDescription
logo
Everlight Electronics C...
IR91-21C EVERLIGHT-IR91-21C_15 Datasheet
179Kb / 8P
   1.9mm Round Subminiature Axial Infrared LED
EAISA2522A0 EVERLIGHT-EAISA2522A0 Datasheet
452Kb / 8P
   1.9mm Round Subminiature Axial Infrared LED
EAISG2522A0 EVERLIGHT-EAISG2522A0 Datasheet
595Kb / 9P
   1.9mm Round Subminiature ?쏽oke?쒵ead Infrared LED
EAISY2021A1 EVERLIGHT-EAISY2021A1 Datasheet
592Kb / 9P
   1.9mm Round Subminiature ?쏽oke??Lead Infrared LED
PT91-21B EVERLIGHT-PT91-21B_07 Datasheet
188Kb / 9P
   1.9mm Round Subminiature Axial Phototransistor
PT91-21B EVERLIGHT-PT91-21B Datasheet
190Kb / 7P
   1.9mm Round Subminiature Axial Phototransistor
PT91-21C EVERLIGHT-PT91-21C_05 Datasheet
245Kb / 9P
   1.9mm Round Subminiature Axial Phototransistor
EAISG2021A2 EVERLIGHT-EAISG2021A2 Datasheet
484Kb / 9P
   1.9mm Round Subminiature??Z-Bend??Lead Infrared LED
IR91-21C-TR10 EVERLIGHT-IR91-21C-TR10 Datasheet
190Kb / 10P
   1.9mm Round Subminiature ?쏾-Bend??Lead Infrared LED
IR91-21C-TR7 EVERLIGHT-IR91-21C-TR7 Datasheet
212Kb / 10P
   1.9mm Round Subminiature ??Gull Wing?쒵ead Infrared LED
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com