Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IXGX50N60C2D1 Datasheet(PDF) 5 Page - IXYS Corporation

Part # IXGX50N60C2D1
Description  HiPerFAST IGBT with Diode
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

IXGX50N60C2D1 Datasheet(HTML) 5 Page - IXYS Corporation

  IXGX50N60C2D1 Datasheet HTML 1Page - IXYS Corporation IXGX50N60C2D1 Datasheet HTML 2Page - IXYS Corporation IXGX50N60C2D1 Datasheet HTML 3Page - IXYS Corporation IXGX50N60C2D1 Datasheet HTML 4Page - IXYS Corporation IXGX50N60C2D1 Datasheet HTML 5Page - IXYS Corporation IXGX50N60C2D1 Datasheet HTML 6Page - IXYS Corporation  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
© 2004 IXYS All rights reserved
Fig. 15. Gate Charge
0
2
4
6
8
10
12
14
16
0
30
60
90
120
150
Q
G - nanoCoulombs
VCE = 300V
IC = 40A
IG = 10mA
Fig. 16. Capacitance
10
100
1000
10000
0
5
10
15
20
25
30
35
40
V
C E - V olts
Cies
Coes
Cres
f = 1 MHz
Fig. 13. Dependence of Turn-Off
Sw itching Tim e on Tem perature
20
40
60
80
100
120
140
160
180
200
25
35
45
55
65
75
85
95
105 115 125
T
J - Degrees Centigrade
IC = 80A
t
d(off)
t
fi - - - - - -
RG = 2Ω
VGE = 15V
VCE = 480V
I
C = 20A
IC = 40A
IC = 20A
Fig. 16. Maxim um Transient Therm al Resistance
0.00
0.05
0.10
0.15
0.20
0.25
0.30
0.35
1
10
100
1000
Pulse Width - milliseconds
Fig. 14. Reverse-Bias
Safe Operating Area
0
10
20
30
40
50
60
70
80
90
100
110
100
200
300
400
500
600
V C E - Volts
TJ = 125ºC
RG = 10Ω
dV/dT < 10V/ns
IXGK 50N60C2D1
IXGX 50N60C2D1


Similar Part No. - IXGX50N60C2D1

ManufacturerPart #DatasheetDescription
logo
IXYS Corporation
IXGX50N60A2D1 IXYS-IXGX50N60A2D1 Datasheet
130Kb / 6P
   IGBT with Diode
IXGX50N60AU1 IXYS-IXGX50N60AU1 Datasheet
190Kb / 6P
   HiPerFAST IGBT with Diode
IXGX50N60AU1S IXYS-IXGX50N60AU1S Datasheet
190Kb / 6P
   HiPerFAST IGBT with Diode
IXGX50N60B2D1 IXYS-IXGX50N60B2D1 Datasheet
633Kb / 6P
   HiPerFAST IGBT with Diode
IXGX50N60BD1 IXYS-IXGX50N60BD1 Datasheet
125Kb / 5P
   HiPerFAST IGBT with Diode
More results

Similar Description - IXGX50N60C2D1

ManufacturerPart #DatasheetDescription
logo
IXYS Corporation
IXG7N60BD1 IXYS-IXG7N60BD1 Datasheet
84Kb / 2P
   HiPerFAST IGBT with Diode
IXGX50N60AU1 IXYS-IXGX50N60AU1 Datasheet
190Kb / 6P
   HiPerFAST IGBT with Diode
IXGR24N60CD1 IXYS-IXGR24N60CD1 Datasheet
42Kb / 2P
   HiPerFAST IGBT with Diode
IXGA7N60BD1 IXYS-IXGA7N60BD1 Datasheet
84Kb / 2P
   HiPerFAST IGBT with Diode
IXGH32N60CD1 IXYS-IXGH32N60CD1 Datasheet
168Kb / 5P
   HiPerFAST IGBT with Diode
IXGH24N60BU1 IXYS-IXGH24N60BU1 Datasheet
135Kb / 6P
   HiPerFAST IGBT with Diode
IXGK50N60B2D1 IXYS-IXGK50N60B2D1 Datasheet
633Kb / 6P
   HiPerFAST IGBT with Diode
IXGK50N60BD1 IXYS-IXGK50N60BD1 Datasheet
125Kb / 5P
   HiPerFAST IGBT with Diode
IXGH30N60BU1 IXYS-IXGH30N60BU1 Datasheet
141Kb / 5P
   HiPerFAST IGBT with Diode
IXGK60N60B2D1 IXYS-IXGK60N60B2D1 Datasheet
622Kb / 6P
   HiPerFAST IGBT with Diode
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com