Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IXGX50N60C2D1 Datasheet(PDF) 6 Page - IXYS Corporation

Part # IXGX50N60C2D1
Description  HiPerFAST IGBT with Diode
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

IXGX50N60C2D1 Datasheet(HTML) 6 Page - IXYS Corporation

  IXGX50N60C2D1 Datasheet HTML 1Page - IXYS Corporation IXGX50N60C2D1 Datasheet HTML 2Page - IXYS Corporation IXGX50N60C2D1 Datasheet HTML 3Page - IXYS Corporation IXGX50N60C2D1 Datasheet HTML 4Page - IXYS Corporation IXGX50N60C2D1 Datasheet HTML 5Page - IXYS Corporation IXGX50N60C2D1 Datasheet HTML 6Page - IXYS Corporation  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
IXYS reserves the right to change limits, test conditions, and dimensions.
IXGK 50N60C2D1
IXGX 50N60C2D1
200
600
1000
0
400
800
80
90
100
110
120
130
140
0.00001
0.0001
0.001
0.01
0.1
1
0.0001
0.001
0.01
0.1
1
0
40
80
120
160
0.0
0.5
1.0
1.5
2.0
K
f
T
VJ
°C
-di
F/dt
t
s
K/W
0
200
400
600
800 1000
0
5
10
15
20
0.0
0.4
0.8
1.2
1.6
V
FR
di
F/dt
V
200
600
1000
0
400
800
0
20
40
60
80
100
1000
0
1000
2000
3000
4000
012
0
20
40
60
80
100
120
140
160
I
RM
Q
r
I
F
A
V
F
-di
F/dt
-di
F/dt
A/
µs
A
V
nC
A/
µs
A/
µs
t
rr
ns
t
fr
A/
µs
µs
DSEP 60-06A
Z
thJC
I
F=120A
I
F= 60A
I
F= 30A
T
VJ= 100°C
V
R = 300V
T
VJ= 100°C
I
F
= 60A
Fig. 19. Peak reverse current I
RM
versus -di
F/dt
Fig. 18. Reverse recovery charge Q
r
versus -di
F/dt
Fig. 17. Forward current I
F versus VF
T
VJ= 100°C
V
R = 300V
T
VJ= 100°C
V
R = 300V
I
F=120A
I
F= 60A
I
F= 30A
Q
r
I
RM
Fig. 20. Dynamic parameters Q
r, IRM
versus T
VJ
Fig. 21. Recovery time t
rr versus -diF/dt
Fig. 22. Peak forward voltage V
FR and
t
fr versus diF/dt
I
F=120A
I
F= 60A
I
F= 30A
t
fr
V
FR
Fig. 23. Transient thermal resistance junction to case
Constants for Z
thJC calculation:
iR
thi (K/W)
t
i (s)
1
0.324
0.0052
2
0.125
0.0003
3
0.201
0.0385
T
VJ= 25°C
T
VJ=150°C
T
VJ=100°C
Note: Fig. 2 through Fig. 6 show typical
values


Similar Part No. - IXGX50N60C2D1

ManufacturerPart #DatasheetDescription
logo
IXYS Corporation
IXGX50N60A2D1 IXYS-IXGX50N60A2D1 Datasheet
130Kb / 6P
   IGBT with Diode
IXGX50N60AU1 IXYS-IXGX50N60AU1 Datasheet
190Kb / 6P
   HiPerFAST IGBT with Diode
IXGX50N60AU1S IXYS-IXGX50N60AU1S Datasheet
190Kb / 6P
   HiPerFAST IGBT with Diode
IXGX50N60B2D1 IXYS-IXGX50N60B2D1 Datasheet
633Kb / 6P
   HiPerFAST IGBT with Diode
IXGX50N60BD1 IXYS-IXGX50N60BD1 Datasheet
125Kb / 5P
   HiPerFAST IGBT with Diode
More results

Similar Description - IXGX50N60C2D1

ManufacturerPart #DatasheetDescription
logo
IXYS Corporation
IXG7N60BD1 IXYS-IXG7N60BD1 Datasheet
84Kb / 2P
   HiPerFAST IGBT with Diode
IXGX50N60AU1 IXYS-IXGX50N60AU1 Datasheet
190Kb / 6P
   HiPerFAST IGBT with Diode
IXGR24N60CD1 IXYS-IXGR24N60CD1 Datasheet
42Kb / 2P
   HiPerFAST IGBT with Diode
IXGA7N60BD1 IXYS-IXGA7N60BD1 Datasheet
84Kb / 2P
   HiPerFAST IGBT with Diode
IXGH32N60CD1 IXYS-IXGH32N60CD1 Datasheet
168Kb / 5P
   HiPerFAST IGBT with Diode
IXGH24N60BU1 IXYS-IXGH24N60BU1 Datasheet
135Kb / 6P
   HiPerFAST IGBT with Diode
IXGK50N60B2D1 IXYS-IXGK50N60B2D1 Datasheet
633Kb / 6P
   HiPerFAST IGBT with Diode
IXGK50N60BD1 IXYS-IXGK50N60BD1 Datasheet
125Kb / 5P
   HiPerFAST IGBT with Diode
IXGH30N60BU1 IXYS-IXGH30N60BU1 Datasheet
141Kb / 5P
   HiPerFAST IGBT with Diode
IXGK60N60B2D1 IXYS-IXGK60N60B2D1 Datasheet
622Kb / 6P
   HiPerFAST IGBT with Diode
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com