Selected language     English  ▼


LA73052 Datasheet(PDF) 1 Page - Sanyo Semicon Device

Part No. LA73052
Description  4ch 75ohm Video Driver
Download  6 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  SANYO [Sanyo Semicon Device]
Homepage  http://www.ssdc-jp.com/eng/
Logo 

   
 1 page
background image
30706 MS OT B8-7298,B8-5738 No.A0244-1/7
LA73052
Overview
This LA73052 is a 4ch 75
Ω Video Driver IC. The LA73052 is ideal for use the video output driver such as VCR and
DVD-player equipment.
Functions
• 6dB AMP+driver (2ch)
• 2input-1output SW+6dB AMP+driver (2ch)
Specifications
Maximum Ratings at Ta = 25
°C
Parameter
Symbol
Conditions
Ratings
Unit
Maximum supply voltage
VCC max
±7, +14
V
Allowable power dissipation
Pd max
Ta
≤ 80°C ∗
700
mW
Operating temperature
Topr
-20 to +80
°C
Storage temperature
Tstg
-55 to +150
°C
∗ When mounted on a 114.3×76.1×1.6mm3 glass epoxy board.
Recommended Operating Conditions at Ta = 25°C
Parameter
Symbol
Conditions
Ratings
Unit
Recommending operation voltage
VCC
±5
+9
V
Operating voltage range
VCC op
±4.0 to ±5.5
V
+8 to +10
Ordering number : ENA0244
Monolithic Linear IC
4ch 75
Ω Video Driver




Html Pages

1  2  3  4  5  6 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
NJM22433-INPUT VIDEO SWITCH WITH 75OHM DRIVER 1 2 3 4 5 New Japan Radio
NJM2267DUAL VIDEO 6dB AMPLIFIER WITH 75OHM DRIVER 1 2 3 4 5 MoreNew Japan Radio
ENA0241Monolithic Linear IC 6ch 75ohm Video Driver 1 2 3 4 5 MoreSanyo Semicon Device
TD62707AP4CH HIGH-VOLTAGE SOURCE DRIVER WITH ENABLE 1 2 3 4 5 MoreToshiba Semiconductor
CR6928Triple video driver hybrid amplifier 1 2 3 4 5 MoreNXP Semiconductors
BH76812FVMLow voltage operation video driver with LPF 1 2 3 4 5 MoreRohm
SPT9404SINGLE VIDEO DRIVER 1 2 3 4 List of Unclassifed Manufacturers
TK1541475 OHM VIDEO LINE DRIVER 1 2 3 4 5 MoreTOKO, Inc
TD62064074P4CH HIHG-CURRENT DARLINGTON SINK DRIVER 1 2 3 4 5 MoreToshiba Semiconductor
TD62M4500F4CH LOW SATURATION VOLTAGE SINK DRIVER 1 2 3 4 Toshiba Semiconductor

Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl