Selected language     English  ▼


LA73052 Datasheet(PDF) 2 Page - Sanyo Semicon Device

Part No. LA73052
Description  4ch 75ohm Video Driver
Download  6 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  SANYO [Sanyo Semicon Device]
Homepage  http://www.ssdc-jp.com/eng/
Logo 

   
 2 page
background image
LA73052
No.A0244-2/7
Electrical Characteristics at Ta = 25°C, VCC = ±5V
Ratings
Parameter
Symbol
Conditions
min
typ
max
Unit
Current dissipation
ICC1
No signal
46.8
55
63.2
mA
Voltage gain
VG
VIN = 1Vp-p, f = 4.43MHz
5.7
6.2
6.7
dB
Frequency
characteristics 1
VF1
VIN = 1Vp-p, f = 100k/5MHz
-1.0
0
1.0
dB
Frequency
characteristics 2
VF2
VIN = 1Vp-p, f = 100k/27MHz
-25
-20
dB
Group delay
GD
f = 100k/4.43MHz
±10
±15
ns
Maximum output level
VO max
f = 1kHz, THD = 1%
3.0
4.0
Vp-p
Control voltage H level
VcntH
Pins 12, 24, 28, 30, 33 input voltage
2.5
VCC
V
Control voltage L level
VcntL
Pins 12, 24, 28, 30, 33 input voltage
0
1.0
V
Design guarantee items
Ratings
Parameter
Symbol
Conditions
min
typ
max
Unit
Video S/N
VG1V
-75
-70
dB
Differential Gain
DG
VIN = 1Vp-p, RAMP signal
1.0
%
Differential Phase
DP
VIN = 1Vp-p, RAMP signal
1.0
deg.
Mute attenuation
VMUTEV
VIN = 1Vp-p, f = 4.43MHz
-60
-55
dB
Cross-talk between
channel
VCTKV
VIN = 1Vp-p, f = 4.43MHz
-60
-55
dB
Truth Table
Pin 12
Pin 30
Pins 24, 28, 33
H
VIN4A
VIN1B
THROUTH
L
VIN4B
VIN1A
MUTE
Package Dimensions
unit : mm
3247A
SANYO : SSOP36(275mil)
1
36
18
19
0.8
15.0
0.2
0.3
(0.7)




Html Pages

1  2  3  4  5  6 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
NJM22433-INPUT VIDEO SWITCH WITH 75OHM DRIVER 1 2 3 4 5 New Japan Radio
NJM2267DUAL VIDEO 6dB AMPLIFIER WITH 75OHM DRIVER 1 2 3 4 5 MoreNew Japan Radio
ENA0241Monolithic Linear IC 6ch 75ohm Video Driver 1 2 3 4 5 MoreSanyo Semicon Device
TD62707AP4CH HIGH-VOLTAGE SOURCE DRIVER WITH ENABLE 1 2 3 4 5 MoreToshiba Semiconductor
CR6928Triple video driver hybrid amplifier 1 2 3 4 5 MoreNXP Semiconductors
BH76812FVMLow voltage operation video driver with LPF 1 2 3 4 5 MoreRohm
SPT9404SINGLE VIDEO DRIVER 1 2 3 4 List of Unclassifed Manufacturers
TK1541475 OHM VIDEO LINE DRIVER 1 2 3 4 5 MoreTOKO, Inc
TD62064074P4CH HIHG-CURRENT DARLINGTON SINK DRIVER 1 2 3 4 5 MoreToshiba Semiconductor
TD62M4500F4CH LOW SATURATION VOLTAGE SINK DRIVER 1 2 3 4 Toshiba Semiconductor

Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl