Selected language     English  â–¼


LA73052 Datasheet(PDF) 5 Page - Sanyo Semicon Device

Part No. LA73052
Description  4ch 75ohm Video Driver
Download  6 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  SANYO [Sanyo Semicon Device]
Homepage  http://www.ssdc-jp.com/eng/
Logo 

   
 5 page
background image
LA73052
No.A0244-5/7
Pin Functions
Pin No.
Pin Name
Terminal Explanation
Equivalent Circuit
1
3
17
DCCNT1
DCCNT2
DCCNT3
DC offset mode charge terminal between input and output.
When a condenser is input at the position between pin 1
(DCCNT1) and GND, the operation of IC becomes the mode
with 0.6V DC offset between input and output of 1ch
(pins 5 and 34).
Similarly when a condenser is input at the position between
pin 3 (DCCNT2) and GND, it becomes the mode with 0.3V DC
offset between input and output of 1, 2, 3ch (pins 7 and 34, pins
9 and 29, pins 11 and 27), and when a condenser is input at the
position between pin 17 (DCCNT3) and GND, it becomes the
mode with 0.3V DC offset between input and output of 4ch
(pins 13 or 15, and pin 31).
And when pins 1, 3, 17 and GND is shorted, it becomes the
mode without DC offset between input and output.
2
4
18
32
GND
Both ±power supply and +power supply are GND.
5
7
9
11
13
15
VIN1A
VIN1B
VIN2
VIN3
VIN4A
VIN4B
Input terminal.
Non-bias. It is possible to use with being directly connected
with DC. When DC coupling, it is necessary to add bias after
the coupling.
6
8
10
14
16
20
22
23
26
31
35
NC
12
24
28
30
33
SW2
MUTE3
MUTE2
SW1
MUTE1
Changeover terminal of Mute or Input Switch
When the Mute terminal is Low, it is Mute.
Changeover of Input Switch is :
SW1
High : VIN1B
Low : VIN1A
SW2
High : VIN4A
Low : VIN4B
When the terminal is Open, it is Low.
Continued on next page.




Html Pages

1  2  3  4  5  6 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
NJM22433-INPUT VIDEO SWITCH WITH 75OHM DRIVER 1 2 3 4 5 New Japan Radio
NJM2267DUAL VIDEO 6dB AMPLIFIER WITH 75OHM DRIVER 1 2 3 4 5 MoreNew Japan Radio
ENA0241Monolithic Linear IC 6ch 75ohm Video Driver 1 2 3 4 5 MoreSanyo Semicon Device
TD62707AP4CH HIGH-VOLTAGE SOURCE DRIVER WITH ENABLE 1 2 3 4 5 MoreToshiba Semiconductor
CR6928Triple video driver hybrid amplifier 1 2 3 4 5 MoreNXP Semiconductors
BH76812FVMLow voltage operation video driver with LPF 1 2 3 4 5 MoreRohm
SPT9404SINGLE VIDEO DRIVER 1 2 3 4 List of Unclassifed Manufacturers
TK1541475 OHM VIDEO LINE DRIVER 1 2 3 4 5 MoreTOKO, Inc
TD62064074P4CH HIHG-CURRENT DARLINGTON SINK DRIVER 1 2 3 4 5 MoreToshiba Semiconductor
TD62M4500F4CH LOW SATURATION VOLTAGE SINK DRIVER 1 2 3 4 Toshiba Semiconductor

Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl