Selected language     English  ▼


LA73052 Datasheet(PDF) 6 Page - Sanyo Semicon Device

Part No. LA73052
Description  4ch 75ohm Video Driver
Download  6 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  SANYO [Sanyo Semicon Device]
Homepage  http://www.ssdc-jp.com/eng/
Logo 

   
 6 page
background image
LA73052
PS No.A0244-6/7
Continued from preceding page.
Pin No.
Pin Name
Terminal Explanation
Equivalent Circuit
19
21
–VCC.
–VCC of using ±power supply. Using +power supply, it is GND.
25
27
29
34
VOUT4
VOUT3
VOUT2
VOUT1
Output terminal
Using ±power supply, in case of the mode with DC offset, it is
possible to use without capacitor of output by setting
pin 5 to 0.6V-bias and by setting pins 7, 9, 11, 13, 15 to
0.3V-bias. And in case of the mode without DC offset, it is
possible to use without capacitor of output by setting each input
to zero-bias. When using +power supply, both of the modes
needs coupling capacitor.
36
+VCC
Both ±power supply and +power supply are +VCC.
This catalog provides information as of March, 2006. Specifications and information herein are subject
to change without notice.
Specifications of any and all SANYO products described or contained herein stipulate the performance,
characteristics, and functions of the described products in the independent state, and are not guarantees of
the performance, characteristics, and functions of the described products as mounted in the customer's
products or equipment. To verify symptoms and states that cannot be evaluated in an independent device,
the customer should always evaluate and test devices mounted in the customer's products or equipment.
SANYO Electric Co., Ltd. strives to supply high-quality high-reliability products. However, any and all
semiconductor products fail with some probability. It is possible that these probabilistic failures could give
rise to accidents or events that could endanger human lives, that could give rise to smoke or fire, or that
could cause damage to other property. When designing equipment, adopt safety measures so that these
kinds of accidents or events cannot occur. Such measures include but are not limited to protective circuits
and error prevention circuits for safe design, redundant design, and structural design.
In the event that any or all SANYO products (including technical data, services) described or contained
herein are controlled under any of applicable local export control laws and regulations, such products must
not be exported without obtaining the export license from the authorities concerned in accordance with the
above law.
No part of this publication may be reproduced or transmitted in any form or by any means, electronic or
mechanical, including photocopying and recording, or any information storage or retrieval system, of
otherwise, without the prior written permission of SANYO Electric Co., Ltd.
Any and all information described or contained herein are subject to change without notice due to
product/technology improvement, etc. When designing equipment, refer to the "Delivery Specification" for
the SANYO product that you intend to use.
Information (including circuit diagrams and circuit parameters) herein is for example only; it is not
guaranteed for volume production. SANYO believes information herein is accurate and reliable, but no
guarantees are made or implied regarding its use or any infringements of intellectual property rights or other
rights of third parties.




Html Pages

1  2  3  4  5  6 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
NJM22433-INPUT VIDEO SWITCH WITH 75OHM DRIVER 1 2 3 4 5 New Japan Radio
NJM2267DUAL VIDEO 6dB AMPLIFIER WITH 75OHM DRIVER 1 2 3 4 5 MoreNew Japan Radio
ENA0241Monolithic Linear IC 6ch 75ohm Video Driver 1 2 3 4 5 MoreSanyo Semicon Device
TD62707AP4CH HIGH-VOLTAGE SOURCE DRIVER WITH ENABLE 1 2 3 4 5 MoreToshiba Semiconductor
CR6928Triple video driver hybrid amplifier 1 2 3 4 5 MoreNXP Semiconductors
BH76812FVMLow voltage operation video driver with LPF 1 2 3 4 5 MoreRohm
SPT9404SINGLE VIDEO DRIVER 1 2 3 4 List of Unclassifed Manufacturers
TK1541475 OHM VIDEO LINE DRIVER 1 2 3 4 5 MoreTOKO, Inc
TD62064074P4CH HIHG-CURRENT DARLINGTON SINK DRIVER 1 2 3 4 5 MoreToshiba Semiconductor
TD62M4500F4CH LOW SATURATION VOLTAGE SINK DRIVER 1 2 3 4 Toshiba Semiconductor

Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl