Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M28R400CB-KGD Datasheet(PDF) 5 Page - STMicroelectronics

Part # M28R400CB-KGD
Description  Known Good Die 4 Mbit (256Kb x16, Boot Block) 1.8V Supply Flash Memory
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M28R400CB-KGD Datasheet(HTML) 5 Page - STMicroelectronics

  M28R400CB-KGD Datasheet HTML 1Page - STMicroelectronics M28R400CB-KGD Datasheet HTML 2Page - STMicroelectronics M28R400CB-KGD Datasheet HTML 3Page - STMicroelectronics M28R400CB-KGD Datasheet HTML 4Page - STMicroelectronics M28R400CB-KGD Datasheet HTML 5Page - STMicroelectronics M28R400CB-KGD Datasheet HTML 6Page - STMicroelectronics M28R400CB-KGD Datasheet HTML 7Page - STMicroelectronics M28R400CB-KGD Datasheet HTML 8Page - STMicroelectronics M28R400CB-KGD Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 11 page
background image
5/11
M28R400CT-KGD, M28R400CB-KGD
DIE SPECIFICATIONS
Figure 3. Die Photograph and Pad Location
Figure 4. Wafer/Die Orientation
21
22
34
35
46
110
11
LOGO
LOGO
LOGO
LOGO
LOGO
LOGO
LOGO
LOGO
LOGO
AI08416
WAFER FRONT SIDE


Similar Part No. - M28R400CB-KGD

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
M28R400CB STMICROELECTRONICS-M28R400CB Datasheet
755Kb / 50P
   4 Mbit (256Kb x16, Boot Block) 1.8V Supply Flash Memory
M28R400CB STMICROELECTRONICS-M28R400CB Datasheet
863Kb / 48P
   4 Mbit (256Kb x16, Boot Block) 1.8V Supply Flash Memory
M28R400CB120ZB1T STMICROELECTRONICS-M28R400CB120ZB1T Datasheet
863Kb / 48P
   4 Mbit (256Kb x16, Boot Block) 1.8V Supply Flash Memory
M28R400CB120ZB1U STMICROELECTRONICS-M28R400CB120ZB1U Datasheet
863Kb / 48P
   4 Mbit (256Kb x16, Boot Block) 1.8V Supply Flash Memory
M28R400CB120ZB6T STMICROELECTRONICS-M28R400CB120ZB6T Datasheet
863Kb / 48P
   4 Mbit (256Kb x16, Boot Block) 1.8V Supply Flash Memory
More results

Similar Description - M28R400CB-KGD

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
M28R400CT120ZB6 STMICROELECTRONICS-M28R400CT120ZB6 Datasheet
863Kb / 48P
   4 Mbit (256Kb x16, Boot Block) 1.8V Supply Flash Memory
M28R400CT STMICROELECTRONICS-M28R400CT Datasheet
755Kb / 50P
   4 Mbit (256Kb x16, Boot Block) 1.8V Supply Flash Memory
M29F400BT STMICROELECTRONICS-M29F400BT_06 Datasheet
318Kb / 40P
   4 Mbit (512Kb x8 or 256Kb x16, Boot Block) single supply Flash memory
M29F400BT STMICROELECTRONICS-M29F400BT Datasheet
208Kb / 22P
   4 Mbit 512Kb x8 or 256Kb x16, Boot Block Single Supply Flash Memory
M29W400DT STMICROELECTRONICS-M29W400DT Datasheet
291Kb / 38P
   4 Mbit (512Kb x8 or 256Kb x16, Boot Block) 3V Supply Flash Memory
M29F400T STMICROELECTRONICS-M29F400T Datasheet
231Kb / 34P
   4 Mbit 512Kb x8 or 256Kb x16, Boot Block Single Supply Flash Memory
M36W432TG STMICROELECTRONICS-M36W432TG Datasheet
439Kb / 66P
   32 Mbit 2Mb x16, Boot Block Flash Memory and 4 Mbit 256Kb x16 SRAM, Multiple Memory Product
M29F200T STMICROELECTRONICS-M29F200T Datasheet
224Kb / 33P
   2 Mbit 256Kb x8 or 128Kb x16, Boot Block Single Supply Flash Memory
logo
Micron Technology
M29F200BB70N6 MICRON-M29F200BB70N6 Datasheet
373Kb / 39P
   2 Mbit (256Kb x8 or 128Kb x16, Boot Block) Single Supply Flash Memory
logo
STMicroelectronics
M29F200BT STMICROELECTRONICS-M29F200BT Datasheet
146Kb / 22P
   2 Mbit 256Kb x8 or 128Kb x16, Boot Block Single Supply Flash Memory
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com