Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M672-4-AA Datasheet(PDF) 2 Page - Integrated Circuit Systems

Part # M672-4-AA
Description  VCSO WITH SELECTABLE OUTPUT FREQUENCY DIVIDER
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

M672-4-AA Datasheet(HTML) 2 Page - Integrated Circuit Systems

  M672-4-AA Datasheet HTML 1Page - Integrated Circuit Systems M672-4-AA Datasheet HTML 2Page - Integrated Circuit Systems M672-4-AA Datasheet HTML 3Page - Integrated Circuit Systems M672-4-AA Datasheet HTML 4Page - Integrated Circuit Systems  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
M672 Datasheet Rev 0.2
2 of 4
Revised 07Apr2004
Integr ate d Circuit Systems , In c. ● Comm unication s Modules ● www.icst.com ● tel (508) 852-5400
Integrated
Circuit
Systems, Inc.
M672
VCSO WITH SELECTABLE OUTPUT FREQUENCY DIVIDER
Preliminar y In f o r m atio n
PIN DESCRIPTIONS
PARAMETER MEASUREMENT INFORMATION
Output Rise and Fall Time
Figure 3: Output Rise and Fall Time
Output Duty Cycle
Figure 4: Output Duty Cycle
Number
Name
I/O
Configuration
Description
1VIN
Input
Frequency control input.
2
P_SEL
Input
Internal pull-up resistor1
P Divider selection:
Logic 0 selects P=1, so that Fout = Fvcso.
Logic 1 selects P=d, so that Fout = 1/d Fvcso.2
3GND
Ground
Power supply ground connection.
4
5
FOUT
nFOUT
Output
No internal terminator
Clock output pair. Differential LVPECL.
6VCC
Power
Power supply connection, connect to +3.3V.
Table 2: Pin Descriptions
Note 1: See “P Select Pull-up” in Table 5, DC Characteristics on pg. 3.
Note 2: The P divider value d (4, 8, or 2) is specified as part of the order number. Format is M672-d-xx. See Ordering Information on pg. 4.
ABSOLUTE MAXIMUM RATINGS1
Note 1: Stresses beyond those listed under Absolute Maximum Ratings may cause permanent damage to the
device. These ratings are stress specifications only. Functional operation of product at these conditions
or any conditions beyond those listed in Recommended Conditions of Operation, DC Characteristics, or
AC Characteristics is not implied. Exposure to absolute maximum rating conditions for extended periods
may affect product reliability.
Symbol Parameter
Rating
Unit
V
I
Inputs
-0.5 to V
CC +0.5
V
V
O
Outputs
-0.5 to V
CC +0.5
V
V
CC
Power Supply Voltage
4.6
V
T
S
Storage Temperature
-55 to +125
oC
Table 3: Absolute Maximum Ratings
RECOMMENDED CONDITIONS OF OPERATION
Symbol Parameter
Min
Typ
Max
Unit
V
CC
Positive Supply Voltage
2.97
3.3
3.63
V
T
A
Ambient Operating Temperature
-40
25
+85
oC
Table 4: Recommended Conditions of Operation
20%
80%
tR
20%
tF
80%
Clock
Outputs
VP-P
tPW
tPERIOD
(Output Pulse Width)
tPERIOD
tPW
odc =
nFOUT
FOUT


Similar Part No. - M672-4-AA

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
M67204F ATMEL-M67204F Datasheet
72Kb / 5P
   Radiation Tolerant FIFOs
M67204F ATMEL-M67204F_14 Datasheet
77Kb / 5P
   Empty Flag Parasitic Pulse
M67204H ATMEL-M67204H Datasheet
1Mb / 20P
   Rad. Tolerant High Speed 4 Kb x 9 Parallel FIFO
M67204H ATMEL-M67204H_14 Datasheet
1Mb / 4P
   Asynchronous Read/Write Operations
M67204H ATMEL-M67204H_14 Datasheet
69Kb / 4P
   Empty Flag Parasitic Pulse
More results

Similar Description - M672-4-AA

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
M685 ICST-M685 Datasheet
281Kb / 7P
   DUAL SAW, SELECTABLE FREQUENCY VCSO
logo
Integrated Device Techn...
M685 IDT-M685 Datasheet
120Kb / 7P
   DUAL SAW, SELECTABLE FREQUENCY VCSO
logo
Integrated Circuit Syst...
M660-02 ICST-M660-02 Datasheet
199Kb / 4P
   DUAL SAW, SELECTABLE FREQUENCY VCSO
M660 ICST-M660 Datasheet
59Kb / 1P
   DUAL SAW, SELECTABLE FREQUENCY VCSO
logo
Microchip Technology
MCP7940N MICROCHIP-MCP7940N_14 Datasheet
1Mb / 56P
   Clock output with selectable frequency
03/13/14
logo
Vectron International, ...
VS-751 VECTRON-VS-751 Datasheet
255Kb / 7P
   Dual Frequency VCSO
VS-509 VECTRON-VS-509_11 Datasheet
207Kb / 9P
   Dual Frequency VCSO
VS-550 VECTRON-VS-550_06 Datasheet
144Kb / 7P
   Dual Frequency VCSO
VS-709 VECTRON-VS-709 Datasheet
719Kb / 9P
   Dual Frequency VCSO
VS-505 VECTRON-VS-505 Datasheet
258Kb / 9P
   Single Frequency VCSO
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com