Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX6143 Datasheet(PDF) 2 Page - Maxim Integrated Products

Part # MAX6143
Description  High-Precision Voltage Reference with Temperature Sensor
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX6143 Datasheet(HTML) 2 Page - Maxim Integrated Products

  MAX6143 Datasheet HTML 1Page - Maxim Integrated Products MAX6143 Datasheet HTML 2Page - Maxim Integrated Products MAX6143 Datasheet HTML 3Page - Maxim Integrated Products MAX6143 Datasheet HTML 4Page - Maxim Integrated Products MAX6143 Datasheet HTML 5Page - Maxim Integrated Products MAX6143 Datasheet HTML 6Page - Maxim Integrated Products MAX6143 Datasheet HTML 7Page - Maxim Integrated Products MAX6143 Datasheet HTML 8Page - Maxim Integrated Products MAX6143 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
High-Precision Voltage Reference with
Temperature Sensor
2
_______________________________________________________________________________________
ABSOLUTE MAXIMUM RATINGS
Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress ratings only, and functional
operation of the device at these or any other conditions beyond those indicated in the operational sections of the specifications is not implied. Exposure to
absolute maximum rating conditions for extended periods may affect device reliability.
IN to GND ...............................................................-0.3V to +42V
OUT, SHDN, TRIM, TEMP to GND...............-0.3V to (VIN + 0.3V)
Output Short Circuit to GND .....................................................5s
Continuous Power Dissipation (TA = +70°C)
8-Pin SO (derate 5.9mW/°C above +70°C) ..................471mW
Operating Temperature Range ........................-40°C to +125°C
Junction Temperature .....................................................+150°C
Storage Temperature Range ............................-65°C to +150°C
Lead Temperature (soldering, 10s) ................................+300°C
ELECTRICAL CHARACTERISTICS—MAX6143_25 (VOUT = 2.5V)
(VIN = VSHDN = +5V, TA = -40°C to +125°C, unless otherwise noted. Typical values are at TA = +25°C.) (Note 1)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
OUTPUT
MAX6143A_25 (0.06%)
2.4985
2.5
2.5015
Output Voltage
VOUT
No load, TA = +25°C
MAX6143B_25 (0.1%)
2.4975
2.5
2.5025
V
Output Adjustment Range
∆VTRIM
RPOT = 10kΩ±3
±6%
MAX6143AASA
1.5
3
Output-Voltage
Temperature Coefficient
(Note 2)
TCVOUT
TA = -40°C to +125°C
MAX6143BASA
3
10
ppm/
°C
TA = +25°C
0.6
5
Line Regulation (Note 3)
∆VOUT / ∆VIN 4.5V ≤ VIN ≤ 40V
TA = -40°C to +125°C
0.8
10
ppm/V
TA = +25°C2
10
Sourcing:
0
≤ IOUT ≤ 10mA
TA = -40°C to +125°C2
15
TA = +25°C50
500
Load Regulation (Note 3)
∆VOUT /
∆IOUT
Sinking:
-0.6mA
≤ IOUT ≤ 0
TA = -40°C to +125°C90
900
ppm/mA
OUT shorted to GND
60
Output Short-Circuit
Current
ISC
OUT shorted to IN
3
mA
Temperature Hysteresis
(Note 4)
∆VOUT/
cycle
120
ppm
Long-Term Stability
∆VOUT/
time
1000 hours at TA = +25°C50
ppm
DYNAMIC
f = 0.1Hz to 10Hz
3.8
µVP-P
Noise Voltage
eOUT
f = 10Hz to 1kHz
6.8
µVRMS
Turn-On Settling Time
tR
To VOUT = 0.1% of final value, COUT = 50pF
150
µs
INPUT
Supply Voltage Range
VIN
Guaranteed by line regulation test
4.5
40.0
V
TA = +25°C
300
450
Quiescent Supply Current
IIN
No load, normal
operation
TA = -40°C to +125°C
600
µA
Shutdown Supply Current
ISHDN
No load, VSHDN <
0.8V
TA = -40°C to +125°C
0.01
5µA


Similar Part No. - MAX6143

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX6143AASA10 MAXIM-MAX6143AASA10 Datasheet
962Kb / 16P
   High-Precision Voltage Reference with Temperature Sensor
Rev 1; 4/04
MAX6143AASA25 MAXIM-MAX6143AASA25 Datasheet
962Kb / 16P
   High-Precision Voltage Reference with Temperature Sensor
Rev 1; 4/04
MAX6143AASA33 MAXIM-MAX6143AASA33 Datasheet
962Kb / 16P
   High-Precision Voltage Reference with Temperature Sensor
Rev 1; 4/04
MAX6143AASA41 MAXIM-MAX6143AASA41 Datasheet
962Kb / 16P
   High-Precision Voltage Reference with Temperature Sensor
Rev 1; 4/04
MAX6143AASA50 MAXIM-MAX6143AASA50 Datasheet
962Kb / 16P
   High-Precision Voltage Reference with Temperature Sensor
Rev 1; 4/04
More results

Similar Description - MAX6143

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX6143AASA25 MAXIM-MAX6143AASA25 Datasheet
962Kb / 16P
   High-Precision Voltage Reference with Temperature Sensor
Rev 1; 4/04
MAX6173 MAXIM-MAX6173_V01 Datasheet
3Mb / 20P
   High-Precision Voltage References with Temperature Sensor
2019
MAX6173 MAXIM-MAX6173 Datasheet
419Kb / 15P
   High-Precision Voltage References with Temperature Sensor
Rev 0; 5/04
logo
RHOPOINT COMPONENTS
VRE120C RHOPOINT-VRE120C Datasheet
337Kb / 5P
   Precision High Temperature Reference Supplies
logo
List of Unclassifed Man...
VRE125 ETC2-VRE125 Datasheet
330Kb / 5P
   Precision High Temperature Reference Supplies
logo
Analog Devices
REF-02 AD-REF-02 Datasheet
337Kb / 8P
   5V Precision Voltage Reference/Temperature Trangsducer
REV. B
logo
Texas Instruments
REF6225 TI1-REF6225 Datasheet
1Mb / 35P
[Old version datasheet]   High-Precision Voltage Reference
logo
Analog Technologies, In...
ATREF500 ANALOGTECHNOLOGIES-ATREF500 Datasheet
155Kb / 3P
   High Precision Voltage Reference
6/12/2021
logo
Analog Devices
AD588 AD-AD588 Datasheet
3Mb / 12P
   High Precision Voltage Reference
REV. D
REF02 AD-REF02_05 Datasheet
584Kb / 16P
   5 V Precision Voltage Reference/Temperature Transducer
Rev. I
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com