Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PEEL18LV8ZJ-25 Datasheet(PDF) 7 Page - Anachip Corp

Part # PEEL18LV8ZJ-25
Description  CMOS Programmable Electrically Erasable Logic Device
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANACHIP [Anachip Corp]
Direct Link  
Logo ANACHIP - Anachip Corp

PEEL18LV8ZJ-25 Datasheet(HTML) 7 Page - Anachip Corp

Back Button PEEL18LV8ZJ-25 Datasheet HTML 2Page - Anachip Corp PEEL18LV8ZJ-25 Datasheet HTML 3Page - Anachip Corp PEEL18LV8ZJ-25 Datasheet HTML 4Page - Anachip Corp PEEL18LV8ZJ-25 Datasheet HTML 5Page - Anachip Corp PEEL18LV8ZJ-25 Datasheet HTML 6Page - Anachip Corp PEEL18LV8ZJ-25 Datasheet HTML 7Page - Anachip Corp PEEL18LV8ZJ-25 Datasheet HTML 8Page - Anachip Corp PEEL18LV8ZJ-25 Datasheet HTML 9Page - Anachip Corp PEEL18LV8ZJ-25 Datasheet HTML 10Page - Anachip Corp  
Zoom Inzoom in Zoom Outzoom out
 7 / 10 page
background image
Anachip Corp.
www.anachip.com.tw
Rev. 1.0 Dec 16, 2004
7/10
This device has been designed and tested for the specified
operating ranges. Improper operation outside of these
levels is not guaranteed. Exposure to absolute maximum
ratings may cause permanent damage.
Table 1 - Absolute Maximum Ratings
Symbol
Parameter
Conditions
Rating
Unit
VCC
Supply Voltage
Relative to Ground
-0.5 to + 6.0
V
VI, VO
Voltage Applied to Any Pin
2
Relative to Ground
1
-0.5 to 5.5
V
IO
Output Current
Per Pin (I OL , I OH )
± 25
mA
TST
Storage Temperature
-65 to +150
°C
TLT
Lead Temperature
Soldering 10 Seconds
+300
°C
Table 2 - Operating Range
Symbol
Parameter
Conditions
Min
Max
Unit
Vcc
Supply Voltage
3
Commercial / Industrial
2.7
3.6
V
Commercial
0
+70
TA
Ambient Temperature
Industrial
-40
+85
°C
TRVCC
VCC Rise Time
See Note 4
250
ms
Table 3 - D. C. Electrical Characteristics
Over the operating range (unless otherwise specified)
Symbol
Parameter
Conditions
Min
Max
Unit
VOH
Output HIGH Voltage - TTL
VCC = Min, IOH = -2.0 mA
VCC - 0.5
V
VOHC
Output HIGH Voltage - CMOS
VCC = Min, IOH = -10 A
VCC - 0.3
V
VOL
Output LOW Voltage - TTL
VCC = Min, IOL = 8.0 mA
0.4
V
VOLC
Output LOW Voltage - CMOS
VCC = Min, IOL = 10 A
0.15
V
VIH
Input HIGH Voltage
VCC = 3.3 V
2.0
5.5
V
VIL
Input LOW Voltage
VCC = 3.3 V
-0.3
0.8
V
VH
Input Voltage Hysteresis
0.2
V
VCC = Max, GND
≤ VIN ≤ VCC, I/O = High Z
+/- 1
µA
Input Leakage Current
VCC = Min, GND
≤ VIN ≤ 5.5V, I/O = High Z
25
µA
VCC = Max, GND
≤ VIN ≤ VCC, I/O = High Z
+/- 1
µA
IIN
I/O Leakage Current
VCC = Min, GND
≤ VIN ≤ 5.5V, I/O = High Z
500
µA
ICCS
VCC Current, Standby
VIN = 0V or VCC, All Outputs disabled
5
5 (typ)
25
µA
ICC
11
VCC Current, f=1MHz
VIN = 0V or VCC, All Outputs disabled
5
1.5 (typ)
3
mA
CIN
8
Input Capacitance
6
PF
COUT
8
Output Capacitance
TA = 25°C, VCC = Max @ f = 1 MHz
12
PF


Similar Part No. - PEEL18LV8ZJ-25

ManufacturerPart #DatasheetDescription
logo
Anachip Corp
PEEL18LV8ZJ-15 ANACHIP-PEEL18LV8ZJ-15 Datasheet
230Kb / 10P
   CMOS Programmable Electrically Erasable Logic Device
PEEL18LV8ZJ-15L ANACHIP-PEEL18LV8ZJ-15L Datasheet
230Kb / 10P
   CMOS Programmable Electrically Erasable Logic Device
More results

Similar Description - PEEL18LV8ZJ-25

ManufacturerPart #DatasheetDescription
logo
Anachip Corp
PEEL18CV8Z ANACHIP-PEEL18CV8Z Datasheet
442Kb / 10P
   CMOS Programmable Electrically Erasable Logic Device
PEEL22LV10AZ ANACHIP-PEEL22LV10AZ Datasheet
683Kb / 10P
   CMOS Programmable Electrically Erasable Logic Device
PEEL16CV8 ANACHIP-PEEL16CV8 Datasheet
386Kb / 11P
   CMOS Programmable Electrically Erasable Logic Device
logo
List of Unclassifed Man...
PEEL22CV10 ETC-PEEL22CV10 Datasheet
247Kb / 10P
   CMOS Programmable Electrically Erasable Logic Device
logo
Anachip Corp
PEEL22CV10A ANACHIP-PEEL22CV10A Datasheet
339Kb / 10P
   CMOS Programmable Electrically Erasable Logic Device
logo
List of Unclassifed Man...
16CV8-25 ETC2-16CV8-25 Datasheet
168Kb / 10P
   CMOS Programmable Electrically Erasable Logic Device
logo
Anachip Corp
PEEL22CV10AZ ANACHIP-PEEL22CV10AZ Datasheet
475Kb / 10P
   CMOS Programmable Electrically Erasable Logic Device
logo
List of Unclassifed Man...
22LV10AZ-25 ETC2-22LV10AZ-25 Datasheet
139Kb / 10P
   CMOS Programmable Electrically Erasable Logic Device
18CV8 ETC-18CV8 Datasheet
411Kb / 10P
   CMOS Programmable Electrically Erasable Logic Device
logo
Anachip Corp
PEEL18LV8Z ANACHIP-PEEL18LV8Z Datasheet
230Kb / 10P
   CMOS Programmable Electrically Erasable Logic Device
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com