Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MUN5215DW1T1 Datasheet(PDF) 4 Page - E-Tech Electronics LTD

Part # MUN5215DW1T1
Description  Dual Bias ResistorTransistors
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETL [E-Tech Electronics LTD]
Direct Link  http://e-tech.com.hk
Logo ETL - E-Tech Electronics LTD

MUN5215DW1T1 Datasheet(HTML) 4 Page - E-Tech Electronics LTD

  MUN5215DW1T1 Datasheet HTML 1Page - E-Tech Electronics LTD MUN5215DW1T1 Datasheet HTML 2Page - E-Tech Electronics LTD MUN5215DW1T1 Datasheet HTML 3Page - E-Tech Electronics LTD MUN5215DW1T1 Datasheet HTML 4Page - E-Tech Electronics LTD MUN5215DW1T1 Datasheet HTML 5Page - E-Tech Electronics LTD MUN5215DW1T1 Datasheet HTML 6Page - E-Tech Electronics LTD MUN5215DW1T1 Datasheet HTML 7Page - E-Tech Electronics LTD MUN5215DW1T1 Datasheet HTML 8Page - E-Tech Electronics LTD  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
MUN5211dw–4/8
Input Resistor
MUN5211DW1T1
MUN5212DW1T1
MUN5213DW1T1
MUN5214DW1T1
MUN5215DW1T1
MUN5216DW1T1
MUN5230DW1T1
MUN5231DW1T1
MUN5232DW1T1
MUN5233DW1T1
MUN5234DW1T1
MUN5235DW1T1
MUN5236DW1T1
MUN5237DW1T1
MUN5211DW1T1
Series
ELECTRICAL CHARACTERISTICS
(T A = 25°C unless otherwise noted, common for Q 1 and Q 2 ,)
(Continued)
Characteristic
Symbol
Min
Typ
Max
Unit
ON CHARACTERISTICS(Note 6.)
300
250
200
150
100
50
0
T A , AMBIENT TEMPERATURE (°C)
Figure 1. Derating Curve
–50
0
50
100
150
R
1
7.0
15.4
32.9
7.0
7.0
3.3
0.7
1.5
3.3
3.3
15.4
1.54
70
32.9
10
22
47
10
10
4.7
1.0
2.2
4.7
4.7
22
2.2
100
47
13
28.6
61.1
13
13
6.1
1.3
2.9
6.1
6.1
28.6
2.86
130
61.1
k
Resistor Ratio
MUN5211DW1T1/MUN5212DW1T1/
MUN5213DW1T1/MUN5236DW1T1
MUN5214DW1T1
MUN5215DW1T1/MUN5216DW1T1
MUN5230DW1T1/MUN5231DW1T1/MUN5232DW1T1
MUN5233DW1T1
MUN5234DW1T1
MUN5235DW1T1
MUN5237DW1T1
R
1 /R 2
0.8
0.17
0.8
0.055
0.38
0.038
1.7
1.0
0.21
1.0
0.1
0.47
0.047
2.1
1.2
0.25
1.2
0.185
0.56
0.056
2.6
6. Pulse Test: Pulse Width < 300 ms, Duty Cycle < 2.0%
833°C


Similar Part No. - MUN5215DW1T1

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MUN5215DW1T1 MOTOROLA-MUN5215DW1T1 Datasheet
179Kb / 10P
   Dual Bias Resistor Trasnsistors
logo
ON Semiconductor
MUN5215DW1T1 ONSEMI-MUN5215DW1T1 Datasheet
179Kb / 10P
   Dual Bias Resistor Transistors
December, 2003 ??Rev. 5
logo
Leshan Radio Company
MUN5215DW1T1 LRC-MUN5215DW1T1 Datasheet
199Kb / 8P
   Dual Bias Resistor Transistors
logo
ON Semiconductor
MUN5215DW1T1 ONSEMI-MUN5215DW1T1 Datasheet
151Kb / 20P
   Dual Bias Resistor Transistors
December, 2003 ??Rev. 5
MUN5215DW1T1 ONSEMI-MUN5215DW1T1 Datasheet
139Kb / 21P
   Dual Bias Resistor Transistors
December, 2005 ??Rev. 7
More results

Similar Description - MUN5215DW1T1

ManufacturerPart #DatasheetDescription
logo
Leshan Radio Company
LMUN5233DW1T1G LRC-LMUN5233DW1T1G_15 Datasheet
156Kb / 10P
   Dual Bias ResistorTransistors
LMUN5232DW1T1G LRC-LMUN5232DW1T1G_15 Datasheet
156Kb / 10P
   Dual Bias ResistorTransistors
LMUN5234DW1T1G LRC-LMUN5234DW1T1G_15 Datasheet
156Kb / 10P
   Dual Bias ResistorTransistors
LMUN5211DW1T1G LRC-LMUN5211DW1T1G_15 Datasheet
228Kb / 10P
   Dual Bias ResistorTransistors
LMUN5236DW1T1G LRC-LMUN5236DW1T1G_15 Datasheet
156Kb / 10P
   Dual Bias ResistorTransistors
LMUN5237DW1T1G LRC-LMUN5237DW1T1G_15 Datasheet
156Kb / 10P
   Dual Bias ResistorTransistors
LMUN5212DW1T1G LRC-LMUN5212DW1T1G_15 Datasheet
156Kb / 10P
   Dual Bias ResistorTransistors
logo
Yea Shin Technology Co....
MUN5211DW YEASHIN-MUN5211DW Datasheet
994Kb / 10P
   Dual Bias ResistorTransistors
logo
Leshan Radio Company
LMUN5213DW1T1G LRC-LMUN5213DW1T1G_15 Datasheet
156Kb / 10P
   Dual Bias ResistorTransistors
LMUN5214DW1T1G LRC-LMUN5214DW1T1G_15 Datasheet
156Kb / 10P
   Dual Bias ResistorTransistors
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com