Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AH337I-L Datasheet(PDF) 1 Page - Anachip Corp

Part # AH337I-L
Description  Single Phase Hall Effect Switch
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANACHIP [Anachip Corp]
Direct Link  
Logo ANACHIP - Anachip Corp

AH337I-L Datasheet(HTML) 1 Page - Anachip Corp

  AH337I-L Datasheet HTML 1Page - Anachip Corp AH337I-L Datasheet HTML 2Page - Anachip Corp AH337I-L Datasheet HTML 3Page - Anachip Corp AH337I-L Datasheet HTML 4Page - Anachip Corp AH337I-L Datasheet HTML 5Page - Anachip Corp AH337I-L Datasheet HTML 6Page - Anachip Corp AH337I-L Datasheet HTML 7Page - Anachip Corp AH337I-L Datasheet HTML 8Page - Anachip Corp  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
AH337
Single Phase Hall Effect Switch
This datasheet contains new product information. Anachip Corp. reserves the rights to modify the product specification without notice. No liability is assumed as a result of the use of
this product. No rights under any patent accompany the sale of the product.
Rev.1.2 Mar. 29, 2006
1/8
Features
- 4.2V to 28V DC operation voltage
- Temperature compensation
- Wide operating voltage range
- Open drain pre-driver
- 25mA maximum sinking output current.
- Package: SIP3, SOT23
Applications
- VCD/DVD loader, CD/DVD ROM
- Cover detector
- Speed measurement
- Home appliances
- Home safety
General Description
AH337 is an switched Hall-Effect IC which is for
contactless switching applications. The device
includes an on-chip Hall voltage generator for
magnetic sensing, an amplifier that amplifies the
Hall voltage, a schmitt trigger to provide switching
hysteresis for noise rejection, and an open-drain
output. The bandgap regulator allows a wide
operating voltage range.
If a magnetic flux density larger than threshold Bop,
DO is turned on(low). The output state is held until
a magnetic flux density reversal falls below Brp
causing DO to be turned off (high).
Pin Assignment
337
1
2 : GND
3 : OUT
23
337
1
2
3
1 : Vdd
(Top view)
(SIP package)
(SOT23 package)
Pin Descriptions
Name
P/I/O
Pin #
Description
Vdd
P
1
Positive Power Supply
GND
P
2
Ground
OUT
O
3
Output Pin
Ordering Information
AH337 X - X X X
Packing
P: SIP3
W: SOT23
Package
Lead
L : Lead Free
Wafer Body
Blank or
A~Z : if necessary
to specify
Spread-leg ammo pack for SIP-3L;
Blank : Bulk
A
:
Tape & Reel for SOT23


Similar Part No. - AH337I-L

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
AH337 DIODES-AH337 Datasheet
164Kb / 9P
   SINGLE PHASE HALL EFFECT SWITCH
AH337-PG-A DIODES-AH337-PG-A Datasheet
164Kb / 9P
   SINGLE PHASE HALL EFFECT SWITCH
AH337-PG-B DIODES-AH337-PG-B Datasheet
164Kb / 9P
   SINGLE PHASE HALL EFFECT SWITCH
AH337-PL-A DIODES-AH337-PL-A Datasheet
164Kb / 9P
   SINGLE PHASE HALL EFFECT SWITCH
AH337-PL-B DIODES-AH337-PL-B Datasheet
164Kb / 9P
   SINGLE PHASE HALL EFFECT SWITCH
More results

Similar Description - AH337I-L

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
AH337 DIODES-AH337 Datasheet
164Kb / 9P
   SINGLE PHASE HALL EFFECT SWITCH
ATS137 DIODES-ATS137 Datasheet
189Kb / 10P
   SINGLE HALL EFFECT SWITCH
ATS137 Rev. 4
logo
Anachip Corp
ATS137 ANACHIP-ATS137 Datasheet
202Kb / 7P
   Single Hall Effect Switch
logo
Diodes Incorporated
ATS137 DIODES-ATS137_10 Datasheet
202Kb / 12P
   SINGLE HALL EFFECT SWITCH
ATS137 Rev. 10
AH375-WLA DIODES-AH375-WLA Datasheet
183Kb / 9P
   SINGLE PHASE HALL EFFECT LATCH
AH375-WL-7 DIODES-AH375-WL-7 Datasheet
183Kb / 9P
   SINGLE PHASE HALL EFFECT LATCH
logo
Anachip Corp
AH375 ANACHIP-AH375_1 Datasheet
183Kb / 6P
   Single Phase Hall Effect Latch
logo
BCD Semiconductor Manuf...
AH477 BCDSEMI-AH477 Datasheet
54Kb / 2P
   SINGLE PHASE HALL EFFECT LATCH
AH477 BCDSEMI-AH477_09 Datasheet
588Kb / 10P
   SINGLE PHASE HALL EFFECT LATCH
logo
Diodes Incorporated
AH477A DIODES-AH477A Datasheet
847Kb / 10P
   SINGLE PHASE HALL EFFECT LATCH
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com