Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MP96X-2 Datasheet(PDF) 1 Page - PerkinElmer Optoelectronics

Part # MP96X-2
Description  Single Photon Counting Module for Particle Measurement
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PERKINELMER [PerkinElmer Optoelectronics]
Direct Link  http://www.perkinelmer.com
Logo PERKINELMER - PerkinElmer Optoelectronics

MP96X-2 Datasheet(HTML) 1 Page - PerkinElmer Optoelectronics

  MP96X-2 Datasheet HTML 1Page - PerkinElmer Optoelectronics MP96X-2 Datasheet HTML 2Page - PerkinElmer Optoelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
www.per kinelmer.com/opto
.
Description
The Photon Counting module series
MP96X-2 / MP97X-2 is specially
designed for particle measurement with
530 nm and 632 nm lasers. Based on the
standard multialkali photocathode, the
sensitive diameter is reduced to 2mm in
order to achieve an excellent low dark
count performance. With an optional
SMA adapter, also a fiber read out is
possible.
The MP96X-2/MP97X-2 series satisfies
by exceptional low after pulses. It is an
easy to use module, containing the
Channel Photomultiplier, a high voltage
power supply, a discrimination amplifier
and a pulse shaper for fast output pulses.
An installed active quenching system
avoids over- illumination to the detector.
Features
· Specially selected for best performance
@ 530 nm / 632 nm
· Low dark counts
· Very high stability in noise level
· Exceptional low after pulses
· Extended red sensitivity
· No cooling required
· Active quenching circuit for high light
protection
· Optical fiber read-out possible
· 5 volts operating voltage
MP 96X-2/ MP 97X-2 CPM Module
Single Photon Counting Module
for Particle Measurement
Lighting
Imaging
Telecom
Sensors
Channel Photomultipliers and Modules


Similar Part No. - MP96X-2

ManufacturerPart #DatasheetDescription
logo
PerkinElmer Optoelectro...
MP962 PERKINELMER-MP962 Datasheet
53Kb / 3P
   Ultra High Sensitivity Gateable Photon Counting Module
More results

Similar Description - MP96X-2

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
SPCM-AQRH ETC2-SPCM-AQRH Datasheet
931Kb / 15P
   Single Photon Counting Module
SPCM-AQ4C ETC2-SPCM-AQ4C Datasheet
749Kb / 9P
   Single Photon Counting Module 4 Channel Array
logo
Hamamatsu Corporation
C11202 HAMAMATSU-C11202_15 Datasheet
380Kb / 5P
   Single pixel photon counting module for low-light-level detection
H7360 HAMAMATSU-H7360 Datasheet
81Kb / 2P
   Photon Counting Head
H11123 HAMAMATSU-H11123 Datasheet
73Kb / 2P
   Photon Counting Head
H7467 HAMAMATSU-H7467 Datasheet
85Kb / 2P
   Photon Counting Head
C9744 HAMAMATSU-C9744 Datasheet
119Kb / 2P
   PHOTON COUNTING UNIT
H7155 HAMAMATSU-H7155 Datasheet
85Kb / 2P
   Photon Counting Head
C9744 HAMAMATSU-C9744_15 Datasheet
245Kb / 2P
   PHOTON COUNTING UNIT
logo
PerkinElmer Optoelectro...
MP900 PERKINELMER-MP900 Datasheet
53Kb / 3P
   Ultra High Sensitivity Gateable Photon Counting Module
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com