Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BSS84V-7 Datasheet(PDF) 2 Page - Diodes Incorporated

Part # BSS84V-7
Description  DUAL P-CHANNEL ENHANCEMENT MODE FIELD EFFECT TRANSISTOR
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

BSS84V-7 Datasheet(HTML) 2 Page - Diodes Incorporated

  BSS84V-7 Datasheet HTML 1Page - Diodes Incorporated BSS84V-7 Datasheet HTML 2Page - Diodes Incorporated BSS84V-7 Datasheet HTML 3Page - Diodes Incorporated BSS84V-7 Datasheet HTML 4Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
DS30605 Rev. 7 - 2
2 of 4
BSS84V
www.diodes.com
Characteristic
Symbol
Min
Typ
Max
Unit
Test Condition
OFF CHARACTERISTICS (Note 5)
Drain-Source Breakdown Voltage
BVDSS
-50
-75
¾
V
VGS = 0V, ID = -250
mA
Zero Gate Voltage Drain Current
IDSS
¾
¾
¾
¾
¾
¾
-15
-60
-100
µA
µA
nA
VDS = -50V, VGS = 0V, TJ = 25
°C
VDS = -50V, VGS = 0V, TJ = 125
°C
VDS = -25V, VGS = 0V, TJ = 25
°C
Gate-Body Leakage
IGSS
¾¾
±50
nA
VGS =
±20V, VDS = 0V
ON CHARACTERISTICS (Note 5)
Gate Threshold Voltage
VGS(th)
-0.8
-1.6
-2.0
V
VDS =VGS, ID = -1mA
Static Drain-Source On-Resistance
RDS (ON)
¾
210
W
VGS = -5V, ID = -0.100A
Forward Transconductance
gFS
0.05
¾¾
S
VDS = -25V, ID = -0.1A
DYNAMIC CHARACTERISTICS
Input Capacitance
Ciss
¾¾
45
pF
VDS = -25V, VGS = 0V
f = 1.0MHz
Output Capacitance
Coss
¾¾
25
pF
Reverse Transfer Capacitance
Crss
¾¾
12
pF
SWITCHING CHARACTERISTICS
Turn-On Delay Time
tD(ON)
¾
10
¾
ns
VDD = -30V, ID = -0.27A,
RGEN = 50
W,VGS = -10V
Turn-Off Delay Time
tD(OFF)
¾
18
¾
ns
Electrical Characteristics
@ TA = 25
°C unless otherwise specified
Ordering Information (Note 6)
Device
Packaging
Shipping
BSS84V-7
SOT-563
3000/Tape & Reel
Notes:
5. Short duration test pulse used to minimize self-heating effect.
6. For Packaging Details, go to our website at http://www.diodes.com/datasheets/ap02007.pdf.
Marking Information
K84
YM
K84 = Product Type Marking Code
YM = Date Code Marking
Y = Year ex: S = 2005
M = Month ex: 9 = September
Date Code Key
Year
2005
2006
2007
2008
2009
Code
ST
U
V
W
Month
Jan
Feb
March
Apr
May
Jun
Jul
Aug
Sep
Oct
Nov
Dec
Code
12
3
4
5
6
7
89
O
N
D
(Note 7)
Notes:
7. Package is non-polarized. Parts may be on reel in orientation illustrated, 180
° rotated, or mixed (both ways).


Similar Part No. - BSS84V-7

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
BSS84V-7 DIODES-BSS84V-7 Datasheet
216Kb / 3P
   DUAL P-CHANNEL ENHANCEMENT MODE FIELD EFFECT TRANSISTOR
More results

Similar Description - BSS84V-7

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
BSS84DW DIODES-BSS84DW_1 Datasheet
447Kb / 4P
   DUAL P-CHANNEL ENHANCEMENT MODE FIELD EFFECT TRANSISTOR
DS30204 Rev. 10 - 2
logo
Alpha & Omega Semicondu...
AO4801 AOSMD-AO4801 Datasheet
110Kb / 4P
   Dual P-Channel Enhancement Mode Field Effect Transistor
AO4813 AOSMD-AO4813 Datasheet
185Kb / 4P
   Dual P-Channel Enhancement Mode Field Effect Transistor
AO4817 AOSMD-AO4817 Datasheet
107Kb / 4P
   Dual P-Channel Enhancement Mode Field Effect Transistor
AO4821 AOSMD-AO4821 Datasheet
116Kb / 4P
   Dual P-Channel Enhancement Mode Field Effect Transistor
AO8801 AOSMD-AO8801 Datasheet
109Kb / 4P
   Dual P-Channel Enhancement Mode Field Effect Transistor
logo
Diodes Incorporated
DMP2004VK DIODES-DMP2004VK Datasheet
147Kb / 5P
   DUAL P-CHANNEL ENHANCEMENT MODE FIELD EFFECT TRANSISTOR
DMP3056LSD DIODES-DMP3056LSD Datasheet
178Kb / 4P
   DUAL P-CHANNEL ENHANCEMENT MODE FIELD EFFECT TRANSISTOR
logo
List of Unclassifed Man...
AO7801 ETC-AO7801 Datasheet
537Kb / 4P
   Dual P-Channel Enhancement Mode Field Effect Transistor
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com