Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AP1086K33A Datasheet(PDF) 2 Page - Anachip Corp

Part # AP1086K33A
Description  1.5A Low Dropout Positive Adjustable or Fixed-Mode Regulator
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANACHIP [Anachip Corp]
Direct Link  
Logo ANACHIP - Anachip Corp

AP1086K33A Datasheet(HTML) 2 Page - Anachip Corp

  AP1086K33A Datasheet HTML 1Page - Anachip Corp AP1086K33A Datasheet HTML 2Page - Anachip Corp AP1086K33A Datasheet HTML 3Page - Anachip Corp AP1086K33A Datasheet HTML 4Page - Anachip Corp AP1086K33A Datasheet HTML 5Page - Anachip Corp AP1086K33A Datasheet HTML 6Page - Anachip Corp AP1086K33A Datasheet HTML 7Page - Anachip Corp AP1086K33A Datasheet HTML 8Page - Anachip Corp AP1086K33A Datasheet HTML 9Page - Anachip Corp  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
1.5A Low Dropout Positive Adjustable or Fixed-Mode Regulator
AP1086
Anachip Corp.
www.anachip.com.tw
Rev.1.3 Jun. 8, 2005
2/9
Block Diagram
3
THERMAL
SHUTDOWN
1
2
Vout
Adj
(GND)
1.25V
+
+
CURRENT
LIMIT
Vin
+
+
Connection Diagram
3 PIN TO263
3 PIN TO252
3 PIN TO220
3
2
1
Vin
Vout
Tab is Vout
FRONT VIEW
Adj
(GND)
3
2
1
Vin
Vout
Adj
(GND)
Tab is Vout
FRONT VIEW
Tab is Vout
3
Vin
2
1
Vout
FRONT VIEW
Adj
(GND)
Pin Descriptions
NAME
I/O
PIN #
FUNCTION
Adj
(GND)
1
Adjustable (Ground only for fixed mode)
Vout
O
2
The output of the regulator. A minimum of 10uF capacitor must be
connected from this pin to ground to insure stability.
Vin
I
3
The input pin of regulator. Typically a large storage capacitor is
connected from this pin to ground to insure that the input voltage does
not sag below the minimum dropout voltage during the load transient
response. This pin must always be 1.4V higher than Vout in order for
the device to regulate properly.


Similar Part No. - AP1086K33A

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
AP1086K33G-13 DIODES-AP1086K33G-13 Datasheet
205Kb / 10P
   1.5A LOW DROPOUT POSITIVE ADJUSTABLE OR FIXED-MODE REGULATOR
AP1086K33G-U DIODES-AP1086K33G-U Datasheet
205Kb / 10P
   1.5A LOW DROPOUT POSITIVE ADJUSTABLE OR FIXED-MODE REGULATOR
AP1086K33L-13 DIODES-AP1086K33L-13 Datasheet
168Kb / 8P
   1.5A LOW DROPOUT POSITIVE ADJUSTABLE OR FIXED-MODE REGULATOR
AP1086 Rev. 2
AP1086K33L-13 DIODES-AP1086K33L-13 Datasheet
205Kb / 10P
   1.5A LOW DROPOUT POSITIVE ADJUSTABLE OR FIXED-MODE REGULATOR
AP1086K33L-U DIODES-AP1086K33L-U Datasheet
168Kb / 8P
   1.5A LOW DROPOUT POSITIVE ADJUSTABLE OR FIXED-MODE REGULATOR
AP1086 Rev. 2
More results

Similar Description - AP1086K33A

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
AP1086 DIODES-AP1086 Datasheet
168Kb / 8P
   1.5A LOW DROPOUT POSITIVE ADJUSTABLE OR FIXED-MODE REGULATOR
AP1086 Rev. 2
logo
GTM CORPORATION
GE1086 GTM-GE1086 Datasheet
265Kb / 4P
   1.5A Low Dropout Positive Adjustable or Fixed-Mode Regulator
GJ1086 GTM-GJ1086 Datasheet
270Kb / 4P
   1.5A Low Dropout Positive Adjustable or Fixed-Mode Regulator
GU1086 GTM-GU1086 Datasheet
302Kb / 4P
   1.5A Low Dropout Positive Adjustable or Fixed-Mode Regulator
logo
Advanced Power Electron...
APE1086 A-POWER-APE1086 Datasheet
279Kb / 6P
   1.5A Low Dropout Positive Adjustable or Fixed-Mode Regulator
logo
GTM CORPORATION
G3U1086 GTM-G3U1086 Datasheet
302Kb / 4P
   1.5A Low Dropout Positive Adjustable or Fixed-Mode Regulator
logo
Diodes Incorporated
AP1086D33G-13 DIODES-AP1086D33G-13 Datasheet
205Kb / 10P
   1.5A LOW DROPOUT POSITIVE ADJUSTABLE OR FIXED-MODE REGULATOR
logo
E-Tech Electronics LTD
GE1086 ETL-GE1086 Datasheet
268Kb / 4P
   1.5A Low Dropout Positive Adjustable or Fixed-Mode Regulator
GU1086 ETL-GU1086 Datasheet
304Kb / 4P
   1.5A Low Dropout Positive Adjustable or Fixed-Mode Regulator
logo
Anachip Corp
AP1186 ANACHIP-AP1186 Datasheet
191Kb / 8P
   1.5A Ultra Low Dropout Positive Adjustable or Fixed-mode Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com