Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DMN5L06 Datasheet(PDF) 4 Page - Diodes Incorporated

Part # DMN5L06
Description  SINGLE N-CHANNEL ENHANCEMENT MODE FIELD EFFECT TRANSISTOR
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

DMN5L06 Datasheet(HTML) 4 Page - Diodes Incorporated

  DMN5L06 Datasheet HTML 1Page - Diodes Incorporated DMN5L06 Datasheet HTML 2Page - Diodes Incorporated DMN5L06 Datasheet HTML 3Page - Diodes Incorporated DMN5L06 Datasheet HTML 4Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
DS30614 Rev. 3 - 2
4 of 4
DMN5L06
www.diodes.com
1
0.001
0.01
0.1
1
0
0.5
V,
Fig. 9 Reverse Drain Current
vs. Source-Drain Voltage
SD SOURCE-DRAIN VOLTAGE (V)
T = 25°C
Pulsed
A
V= 0V
GS
V= 10V
GS
1
I , DRAIN CURRENT (A)
D
Fig.10 Forward Transfer Admittance
vs. Drain Current
0.001
0.01
0.1
0.01
0.1
1
V
= 10V
Pulsed
DS
T=
A
-55 C
°
T=
A
-25 C
°
T=
A
0C
°
T= 25 C
A
°
T=
A
85 C
°
T=
A
125 C
°
T=
A
150 C
°
-50
0
50
100
150
500
400
300
100
200
0
T , AMBIENT TEMPERATURE ( C)
Fig. 11, Derating Curve - Total
A
°
(Note 5)
Device
Packaging
Shipping
DMN5L06-7
SOT-23
3000/Tape & Reel
Marking Information
K5L = DMN5L06 Product Type Marking Code
YM = Date Code Marking
Y = Year ex: S = 2005
M = Month ex: 9 = September
K5L
Date Code Key
Year
2005
2006
2007
2008
2009
Code
ST
U
V
W
Month
Jan
Feb
March
Apr
May
Jun
Jul
Aug
Sep
Oct
Nov
Dec
Code
12
3
4
5
6
7
89
O
N
D
Notes:
4. Short duration test pulse used to minimize self-heating effect.
5. For Packaging Details, go to our website at http://www.diodes.com/datasheets/ap02007.pdf.
Ordering Information


Similar Part No. - DMN5L06

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
DMN5L06DMK DIODES-DMN5L06DMK Datasheet
144Kb / 5P
   DUAL N-CHANNEL ENHANCEMENT MODE FIELD EFFECT TRANSISTOR
DS30927 Rev. 2 - 2
DMN5L06DMK DIODES-DMN5L06DMK Datasheet
276Kb / 4P
   DUAL N-CHANNEL ENHANCEMENT MODE FIELD EFFECT TRANSISTOR
DMN5L06DMK-7 DIODES-DMN5L06DMK-7 Datasheet
144Kb / 5P
   DUAL N-CHANNEL ENHANCEMENT MODE FIELD EFFECT TRANSISTOR
DS30927 Rev. 2 - 2
DMN5L06DMK-7 DIODES-DMN5L06DMK-7 Datasheet
276Kb / 4P
   DUAL N-CHANNEL ENHANCEMENT MODE FIELD EFFECT TRANSISTOR
DMN5L06DMKQ DIODES-DMN5L06DMKQ Datasheet
608Kb / 6P
   DUAL N-CHANNEL ENHANCEMENT MODE FIELD EFFECT TRANSISTOR
More results

Similar Description - DMN5L06

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
NDS8410 FAIRCHILD-NDS8410 Datasheet
265Kb / 10P
   Single N-Channel Enhancement Mode Field Effect Transistor
NDS8410S FAIRCHILD-NDS8410S Datasheet
264Kb / 10P
   Single N-Channel Enhancement Mode Field Effect Transistor
NDS8426 FAIRCHILD-NDS8426 Datasheet
266Kb / 10P
   Single N-Channel Enhancement Mode Field Effect Transistor
logo
CET-MOS Technology Corp...
CEM1010 CET-MOS-CEM1010 Datasheet
714Kb / 4P
   Single N-Channel Enhancement Mode Field Effect Transistor
Rev 2.
CEM1510 CET-MOS-CEM1510 Datasheet
753Kb / 5P
   Single N-Channel Enhancement Mode Field Effect Transistor
Rev 2.
CEM1310SL CET-MOS-CEM1310SL Datasheet
484Kb / 5P
   Single N-Channel Enhancement Mode Field Effect Transistor
Rev 2.
logo
Fairchild Semiconductor
NDS8410A FAIRCHILD-NDS8410A Datasheet
265Kb / 10P
   Single N-Channel Enhancement Mode Field Effect Transistor
logo
CET-MOS Technology Corp...
CEM1210 CET-MOS-CEM1210 Datasheet
770Kb / 5P
   Single N-Channel Enhancement Mode Field Effect Transistor
Rev 2.
logo
Fairchild Semiconductor
NDS8425 FAIRCHILD-NDS8425 Datasheet
264Kb / 10P
   Single N-Channel Enhancement Mode Field Effect Transistor
NDS9410S FAIRCHILD-NDS9410S Datasheet
329Kb / 10P
   Single N-Channel Enhancement Mode Field Effect Transistor
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com