Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DFLT9V0A Datasheet(PDF) 3 Page - Diodes Incorporated

Part # DFLT9V0A
Description  225W SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

DFLT9V0A Datasheet(HTML) 3 Page - Diodes Incorporated

  DFLT9V0A Datasheet HTML 1Page - Diodes Incorporated DFLT9V0A Datasheet HTML 2Page - Diodes Incorporated DFLT9V0A Datasheet HTML 3Page - Diodes Incorporated DFLT9V0A Datasheet HTML 4Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
DS30581 Rev. 3 - 2
3 of 4
DFLT5V0A - DFLT51A
PowerDI is a trademark of Diodes Incorporated.
www.diodes.com
10 X 1000 Waveform
as defined by REA
0
25
50
75
100
125
150 175 200
100
75
50
25
0
T , AMBIENT TEMPERATURE ( C)
Fig. 1 Pulse Derating Curve
A
°
0.1
1.0
0.1
10
100
t , PULSE WIDTH (ms)
Fig. 5 Pulse Rating Curve
p
1.0
10
1000
10000
T= 25 C
j
°
100
Non Repetitive
Pulse Waveform
Shown in Fig. 4
0
t, TIME ( s)
Fig. 4 Pulse Waveform
m
20
40
60
100
50
0
Peak Value I
pp
Half Value I /2
pp
8x20 Waveform
as defined by R.E.A.
t
p
01
2
3
100
50
0
Peak Value I
pp
Half Value I /2
pp
10 X 1000 Waveform
as defined by R.E.A.
t
p
t, TIME (ms)
Fig. 3 Pulse Waveform
0
0.2
0.4
0.6
0
25
50
75
100
125
150
T , TERMINAL TEMPERATURE ( C)
Fig. 2 Steady State Power Derating Curve
T
°
1.0
0.8
1.2
TOTAL CAPACITANCE
Fig. 6 V
(V)
RWM
0
200
400
600
800
1000
1200
1400
1600
0
10
20
30
40
50
60
V= 0V
f = 1MHz
R


Similar Part No. - DFLT9V0A

ManufacturerPart #DatasheetDescription
logo
SUNMATE electronic Co.,...
DFLT9V0A SUNMATE-DFLT9V0A Datasheet
614Kb / 3P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPESSOR DIODE
More results

Similar Description - DFLT9V0A

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
DPD13AWF DIODES-DPD13AWF Datasheet
432Kb / 5P
   225W SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
D5V0AP2WF DIODES-D5V0AP2WF Datasheet
339Kb / 5P
   225W SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
December 2019 Rev. 1 - 2
D3V3AP2WF DIODES-D3V3AP2WF Datasheet
335Kb / 5P
   225W SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
December 2019 Rev. 1 - 2
DFLT5V0A DIODES-DFLT5V0A_09 Datasheet
103Kb / 5P
   225W SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
D13AP2WF DIODES-D13AP2WF Datasheet
290Kb / 5P
   225W SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
April 2019 Rev. 2 - 2
D18AP2WF DIODES-D18AP2WF Datasheet
383Kb / 5P
   225W SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
July 2021 Rev. 1 - 2
DFLT5V0A DIODES-DFLT5V0A_17 Datasheet
212Kb / 5P
   225W SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR POWERDI
logo
EIC discrete Semiconduc...
SMBJ50 EIC-SMBJ50 Datasheet
110Kb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
STUB06I EIC-STUB06I_05 Datasheet
79Kb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
Diotech Company.
3.0SMCJ5.0 DIOTECH-3.0SMCJ5.0 Datasheet
1Mb / 3P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com