Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CX74037 Datasheet(PDF) 1 Page - Synaptics Incorporated.

Part # CX74037
Description  Transmit RF IC for TDMA or AMPS Applications
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CONEXANT [Synaptics Incorporated.]
Direct Link  https://www.synaptics.com/
Logo CONEXANT - Synaptics Incorporated.

CX74037 Datasheet(HTML) 1 Page - Synaptics Incorporated.

  CX74037 Datasheet HTML 1Page - Synaptics Incorporated. CX74037 Datasheet HTML 2Page - Synaptics Incorporated. CX74037 Datasheet HTML 3Page - Synaptics Incorporated. CX74037 Datasheet HTML 4Page - Synaptics Incorporated. CX74037 Datasheet HTML 5Page - Synaptics Incorporated. CX74037 Datasheet HTML 6Page - Synaptics Incorporated. CX74037 Datasheet HTML 7Page - Synaptics Incorporated. CX74037 Datasheet HTML 8Page - Synaptics Incorporated. CX74037 Datasheet HTML 9Page - Synaptics Incorporated. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
Data Sheet
Conexant Proprietary
Doc. No. 101103A
Data Subject to Change
September 27, 2000
CX74037
Transmit RF IC for TDMA or AMPS Applications
Conexant’s CX74037 Transmit RF Application-Specific Integrated Circuit (ASIC) is
a triple-mode, dual-band transmitter intended for use in IS-136 compliant cellular
phones. As a dual mode IC, it can be used in Time Division Multiple Access
(TDMA) mode or Advanced Mobile Phone System (AMPS) mode. The device is
available in a 48-pin 7x7 Land Grid Array (LGA) package with downset paddle.
The CX74037 RF IC device includes the following functional components:
In-Phase and Quadrature (I/Q) modulator
Two Intermediate Frequency (IF) Voltage Controlled Oscillator (VCO) inputs
IF Variable Gain Amplifier (VGA)
Two upconverters
Two drivers for external Power Amplifiers (PAs).
The CX74037 48-pin, 7x7 LGA package pin configuration is shown in Figure 1. A
CX74037 block diagram is shown in Figure 2.
Features
• Sectional enable lines for independent control of
circuits within the chip
• 90 dB IF VGA range
• Separate IF frequencies can be used for the 800
MHz (AMPS) and 1900 MHz Bands (PCS)
• Dual drivers for 800 MHz and 1900 MHz
• PA driver is deactivated by using the Driver Enable
signal when there is no transmission
• Available in a 48-pin, 7x7 LGA package with
downset paddle
Applications
• Cellular and/or PCS-band phones
• TDMA and/or AMPS-mode phones
• Portable battery powered equipment
101103A-1_080400
NC
IF_VCO_IN1-
IF_VCO_IN1+
NC
NC
NC
VCC_DIV
MIX_CELL_OUT
PULL_ENA
VCC_DIFF_DRV
MIX_PCS_OUT
NC
NC
MIX_IN+
MIX_IN-
VCC_IF
VGA_GC
VGA_OUT-
VGA_OUT+
VCC_LD_PCS
POT_CELL
DRV_ENA
RF_PCS_OUT
VCC_BIAS
RF_CELL_OUT
BAND
1
2
3
4
5
6
7
8
9
10
11
12
13
35
34
33
32
31
30
29
28
27
26
25
36
37
45
46
47
48
44
43
42
41
40
39
38
17
16
15
14
18
19
20
21
22
23
24
Figure 1. CX74037 48-Pin, 7x7 LGA Package Pin Configuration


Similar Part No. - CX74037

ManufacturerPart #DatasheetDescription
logo
Synaptics Incorporated.
CX74036 CONEXANT-CX74036 Datasheet
106Kb / 13P
   IS-136 Receive RF IC for TDMA and AMPS Applications
logo
Skyworks Solutions Inc.
CX74038 SKYWORKS-CX74038 Datasheet
127Kb / 12P
   2.6 GHz/800 MHz Dual Fractional-N/lnteger-N Frequency Synthesizer
CX74038-12 SKYWORKS-CX74038-12 Datasheet
127Kb / 12P
   2.6 GHz/800 MHz Dual Fractional-N/lnteger-N Frequency Synthesizer
More results

Similar Description - CX74037

ManufacturerPart #DatasheetDescription
logo
Zarlink Semiconductor I...
MGCT02 ZARLINK-MGCT02 Datasheet
273Kb / 12P
   Transmit Circuit for TDMA/AMPS
MGCT03 ZARLINK-MGCT03 Datasheet
366Kb / 11P
   Transmit Circuit for TDMA/AMPS
logo
Synaptics Incorporated.
CX74036 CONEXANT-CX74036 Datasheet
106Kb / 13P
   IS-136 Receive RF IC for TDMA and AMPS Applications
logo
Zarlink Semiconductor I...
MGCT04 ZARLINK-MGCT04 Datasheet
343Kb / 12P
   Transmit Circuit for TDMA/AMPS and CDMA/AMPS
logo
Transko Electronics, In...
TF-8010-ND TRANSKO-TF-8010-ND Datasheet
375Kb / 3P
   Low-loss RF SAW filter for AMPS, CDMA, and TDMA applications
TF-8011-ND TRANSKO-TF-8011-ND Datasheet
378Kb / 3P
   Low-loss RF SAW filter for AMPS, CDMA, and TDMA applications
logo
RF Micro Devices
RF2152 RFMD-RF2152 Datasheet
251Kb / 12P
   DUAL-MODE CDMA/AMPS OR TDMA/AMPS 3V POWER AMPLIFIER
logo
TriQuint Semiconductor
TQ9132B TRIQUINT-TQ9132B Datasheet
192Kb / 8P
   3V Cellular TDMA/AMPS Power Amplifier IC
TQ9223C TRIQUINT-TQ9223C Datasheet
252Kb / 12P
   3V Cellular TDMA/AMPS LNA/mixer Receiver IC
TQ5121 TRIQUINT-TQ5121 Datasheet
153Kb / 10P
   3V Cellular TDMA/AMPS LNA/mixer Receiver IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com