Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CY2SSTU877BVXC-XXT Datasheet(PDF) 4 Page - Cypress Semiconductor

Part # CY2SSTU877BVXC-XXT
Description  1.8V, 500-MHz, 10-Output JEDEC-Compliant Zero Delay Buffer
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY2SSTU877BVXC-XXT Datasheet(HTML) 4 Page - Cypress Semiconductor

  CY2SSTU877BVXC-XXT Datasheet HTML 1Page - Cypress Semiconductor CY2SSTU877BVXC-XXT Datasheet HTML 2Page - Cypress Semiconductor CY2SSTU877BVXC-XXT Datasheet HTML 3Page - Cypress Semiconductor CY2SSTU877BVXC-XXT Datasheet HTML 4Page - Cypress Semiconductor CY2SSTU877BVXC-XXT Datasheet HTML 5Page - Cypress Semiconductor CY2SSTU877BVXC-XXT Datasheet HTML 6Page - Cypress Semiconductor CY2SSTU877BVXC-XXT Datasheet HTML 7Page - Cypress Semiconductor CY2SSTU877BVXC-XXT Datasheet HTML 8Page - Cypress Semiconductor CY2SSTU877BVXC-XXT Datasheet HTML 9Page - Cypress Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
PRELIMINARY
CY2SSTU877
Document #: 38-07575 Rev. *B
Page 4 of 9
Tjit (H-Period)
Half Period Cycle-to-cycle jitter
Above 270 MHz
–45
45
ps
Below 270 MHz
–70
70
ps
Td(0)
Static Phase Offset
Average 1000 cycles
–50
50
ps
Td(0)
Dynamic Phase Offset
–30
30
ps
TSKEW
Clock Skew
25
ps
TR/TF
Rise/Fall Time
(Y[0:9], Y#[0:9] @ 500 MHz)
300
ps
TODC
Output Duty Cycle
49
51
%
TOENB
Output Enable Time
OE to any Y/Y#
8
ns
TODIS
Output Disable Time
OE to any Y/Y#
8
ns
TPLH
Propagation Delay
8
ns
AC Timing Specifications (continued)
Parameter
Description
Conditions
Min.
Max.
Unit
Figure 1. Test Loads for Timing Measurement #1
Figure 2. Test Loads for Timing Measurement #2


Similar Part No. - CY2SSTU877BVXC-XXT

ManufacturerPart #DatasheetDescription
logo
SpectraLinear Inc
CY2SSTU877BVXC-32 SPECTRALINEAR-CY2SSTU877BVXC-32 Datasheet
135Kb / 8P
   1.8V, 500MHz 10-Output JEDEC-Compliant Zero Delay Buffer
logo
Cypress Semiconductor
CY2SSTU877BVXC-32 CYPRESS-CY2SSTU877BVXC-32 Datasheet
196Kb / 9P
   1.8V, 500-MHz, 10-Output JEDEC-Compliant Zero Delay Buffer
logo
SpectraLinear Inc
CY2SSTU877BVXC-32T SPECTRALINEAR-CY2SSTU877BVXC-32T Datasheet
135Kb / 8P
   1.8V, 500MHz 10-Output JEDEC-Compliant Zero Delay Buffer
logo
Cypress Semiconductor
CY2SSTU877BVXC-32T CYPRESS-CY2SSTU877BVXC-32T Datasheet
196Kb / 9P
   1.8V, 500-MHz, 10-Output JEDEC-Compliant Zero Delay Buffer
logo
SpectraLinear Inc
CY2SSTU877BVXC-43 SPECTRALINEAR-CY2SSTU877BVXC-43 Datasheet
135Kb / 8P
   1.8V, 500MHz 10-Output JEDEC-Compliant Zero Delay Buffer
More results

Similar Description - CY2SSTU877BVXC-XXT

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY2SSTU877 CYPRESS-CY2SSTU877_06 Datasheet
196Kb / 9P
   1.8V, 500-MHz, 10-Output JEDEC-Compliant Zero Delay Buffer
logo
SpectraLinear Inc
CY2SSTU877 SPECTRALINEAR-CY2SSTU877 Datasheet
135Kb / 8P
   1.8V, 500MHz 10-Output JEDEC-Compliant Zero Delay Buffer
logo
Cypress Semiconductor
CY23020-3 CYPRESS-CY23020-3 Datasheet
112Kb / 9P
   10-output, 400-MHz LVPECL Zero Delay Buffer
CY23FS08-04 CYPRESS-CY23FS08-04 Datasheet
315Kb / 11P
   FailSafe??1.8V Zero Delay Buffer
CY23020-1 CYPRESS-CY23020-1 Datasheet
121Kb / 10P
   20-output, 200-MHz Zero Delay Buffer
CY29658 CYPRESS-CY29658 Datasheet
109Kb / 7P
   2.5V or 3.3V 200-MHz 10-Output Zero Delay Buffer
Z9973 CYPRESS-Z9973 Datasheet
97Kb / 9P
   3.3V, 125-MHz, Multi-Output Zero Delay Buffer
Z9974 CYPRESS-Z9974 Datasheet
93Kb / 7P
   3.3V, 125-MHz, Multi-Output Zero Delay Buffer
CY29653 CYPRESS-CY29653 Datasheet
197Kb / 7P
   3.3V 125-MHz 8-Output Zero Delay Buffer
CY29972 CYPRESS-CY29972_05 Datasheet
85Kb / 8P
   3.3V, 125-MHz Multi-Output Zero Delay Buffer
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com