Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CY2SSTU877LFXI-XXT Datasheet(PDF) 7 Page - Cypress Semiconductor

Part # CY2SSTU877LFXI-XXT
Description  1.8V, 500-MHz, 10-Output JEDEC-Compliant Zero Delay Buffer
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY2SSTU877LFXI-XXT Datasheet(HTML) 7 Page - Cypress Semiconductor

  CY2SSTU877LFXI-XXT Datasheet HTML 1Page - Cypress Semiconductor CY2SSTU877LFXI-XXT Datasheet HTML 2Page - Cypress Semiconductor CY2SSTU877LFXI-XXT Datasheet HTML 3Page - Cypress Semiconductor CY2SSTU877LFXI-XXT Datasheet HTML 4Page - Cypress Semiconductor CY2SSTU877LFXI-XXT Datasheet HTML 5Page - Cypress Semiconductor CY2SSTU877LFXI-XXT Datasheet HTML 6Page - Cypress Semiconductor CY2SSTU877LFXI-XXT Datasheet HTML 7Page - Cypress Semiconductor CY2SSTU877LFXI-XXT Datasheet HTML 8Page - Cypress Semiconductor CY2SSTU877LFXI-XXT Datasheet HTML 9Page - Cypress Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 7 / 9 page
background image
PRELIMINARY
CY2SSTU877
Document #: 38-07575 Rev. *B
Page 7 of 9
Figure 9. Time Delay Between OE and Clock Output (Y, Y)
Figure 10. Input/Output Slew Rates
Ordering Information
Part Number
Package Type
Product Flow
Standard
CY2SSTU877LFC-XX
40-pin QFN
Commercial, 0
° to 70°C
CY2SSTU877LFC-XXT
40-pin QFN – Tape and Reel
Commercial, 0
° to 70°CC
CY2SSTU877BVC-XX
52-pin VFBGA
Commercial, 0
° to 70°C
CY2SSTU877BVC-XXT
52-pin VFBGA– Tape and Reel
Commercial, 0
° to 70°C
CY2SSTU877LFI-XX
40-pin QFN
Industrial, –40
° to 85°C
CY2SSTU877LFI-XXT
40-pin QFN – Tape and Reel
Industrial, –40
° to 85°C
CY2SSTU877BVI-XX
52-pin VFBGA
Industrial, –40
° to 85°C
CY2SSTU877BVI-XXT
52-pin VFBGA– Tape and Reel
Industrial, –40
° to 85°C
Lead-free
CY2SSTU877LFXC-XX
40-pin QFN
Commercial, 0
° to 70°C
CY2SSTU877LFXC-XXT
40-pin QFN – Tape and Reel
Commercial, 0
° to 70°CC
CY2SSTU877BVXC-XX
52-pin VFBGA
Commercial, 0
° to 70°C
CY2SSTU877BVXC-XXT
52-pin VFBGA– Tape and Reel
Commercial, 0
° to 70°C
CY2SSTU877LFXI-XX
40-pin QFN
Industrial, –40
° to 85°C
CY2SSTU877LFXI-XXT
40-pin QFN – Tape and Reel
Industrial, –40
° to 85°C
CY2SSTU877BVXI-XX
52-pin VFBGA
Industrial, –40
° to 85°C
CY2SSTU877BVXI-XXT
52-pin VFBGA– Tape and Reel
Industrial, –40
° to 85°C


Similar Part No. - CY2SSTU877LFXI-XXT

ManufacturerPart #DatasheetDescription
logo
SpectraLinear Inc
CY2SSTU877 SPECTRALINEAR-CY2SSTU877 Datasheet
135Kb / 8P
   1.8V, 500MHz 10-Output JEDEC-Compliant Zero Delay Buffer
logo
Cypress Semiconductor
CY2SSTU877 CYPRESS-CY2SSTU877 Datasheet
196Kb / 9P
   1.8V, 500-MHz, 10-Output JEDEC-Compliant Zero Delay Buffer
logo
SpectraLinear Inc
CY2SSTU877BVXC-32 SPECTRALINEAR-CY2SSTU877BVXC-32 Datasheet
135Kb / 8P
   1.8V, 500MHz 10-Output JEDEC-Compliant Zero Delay Buffer
logo
Cypress Semiconductor
CY2SSTU877BVXC-32 CYPRESS-CY2SSTU877BVXC-32 Datasheet
196Kb / 9P
   1.8V, 500-MHz, 10-Output JEDEC-Compliant Zero Delay Buffer
logo
SpectraLinear Inc
CY2SSTU877BVXC-32T SPECTRALINEAR-CY2SSTU877BVXC-32T Datasheet
135Kb / 8P
   1.8V, 500MHz 10-Output JEDEC-Compliant Zero Delay Buffer
More results

Similar Description - CY2SSTU877LFXI-XXT

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY2SSTU877 CYPRESS-CY2SSTU877_06 Datasheet
196Kb / 9P
   1.8V, 500-MHz, 10-Output JEDEC-Compliant Zero Delay Buffer
logo
SpectraLinear Inc
CY2SSTU877 SPECTRALINEAR-CY2SSTU877 Datasheet
135Kb / 8P
   1.8V, 500MHz 10-Output JEDEC-Compliant Zero Delay Buffer
logo
Cypress Semiconductor
CY23020-3 CYPRESS-CY23020-3 Datasheet
112Kb / 9P
   10-output, 400-MHz LVPECL Zero Delay Buffer
CY23FS08-04 CYPRESS-CY23FS08-04 Datasheet
315Kb / 11P
   FailSafe??1.8V Zero Delay Buffer
CY23020-1 CYPRESS-CY23020-1 Datasheet
121Kb / 10P
   20-output, 200-MHz Zero Delay Buffer
CY29658 CYPRESS-CY29658 Datasheet
109Kb / 7P
   2.5V or 3.3V 200-MHz 10-Output Zero Delay Buffer
Z9973 CYPRESS-Z9973 Datasheet
97Kb / 9P
   3.3V, 125-MHz, Multi-Output Zero Delay Buffer
Z9974 CYPRESS-Z9974 Datasheet
93Kb / 7P
   3.3V, 125-MHz, Multi-Output Zero Delay Buffer
CY29653 CYPRESS-CY29653 Datasheet
197Kb / 7P
   3.3V 125-MHz 8-Output Zero Delay Buffer
CY29972 CYPRESS-CY29972_05 Datasheet
85Kb / 8P
   3.3V, 125-MHz Multi-Output Zero Delay Buffer
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com