Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LMN200B01 Datasheet(PDF) 6 Page - Diodes Incorporated

Part # LMN200B01
Description  200 mA LOAD SWITCH FEATURING PRE-BIASED PNP TRANSISTOR AND N-MOSFET WITH PULL DOWN RESISTOR
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

LMN200B01 Datasheet(HTML) 6 Page - Diodes Incorporated

Back Button LMN200B01 Datasheet HTML 2Page - Diodes Incorporated LMN200B01 Datasheet HTML 3Page - Diodes Incorporated LMN200B01 Datasheet HTML 4Page - Diodes Incorporated LMN200B01 Datasheet HTML 5Page - Diodes Incorporated LMN200B01 Datasheet HTML 6Page - Diodes Incorporated LMN200B01 Datasheet HTML 7Page - Diodes Incorporated LMN200B01 Datasheet HTML 8Page - Diodes Incorporated LMN200B01 Datasheet HTML 9Page - Diodes Incorporated LMN200B01 Datasheet HTML 10Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
DS30651 Rev. 7 - 2
6 of 10
LMN200B01
www.diodes.com
V
, GATE-SOURCE VOLTAGE (V)
GS
Fig. 10 Transfer Characteristics
0
0.2
0.4
0.6
0.8
1
1.2
1.4
0
1
2
3
4
5
T =
A
-55
°C
T =
A
25
°C
T =
A
85
°C
T =
A
125
°C
T =
A
150
°C
V
= 10V
DS
T , JUNCTION TEMPERATURE (°C)
J
Fig. 11 Gate Threshold Voltage
vs. Junction Temperature
0
1.2
1.4
1.6
1.8
2
2.2
-50
-75
-25
0
25
50
75
100 125 150
V
= 10V
DS
V= V
DS
GS
I = 0.25mA
D
Pulsed
I , DRAIN CURRENT (A)
D
Fig. 12 Static Drain-Source On-Resistance
vs. Drain Current
0.001
0.01
0.1
1
0
1
2
3
4
5
V
= 5V
GS
Pulsed
T = -55
°C
A
T = 25
°C
A
T = 125
°C
A
T = 150
°C
A
T = 85
°C
A
1
I , DRAIN CURRENT (A)
D
Fig. 13 Static Drain-Source On-Resistance
vs. Drain Current
4
0
1
2
3
0.001
0.01
0.1
V
= 10V
GS
Pulsed
T = 150
°C
A
T = 125
°C
A
T = 85
°C
A
T = 25
°C
A
T = -55
°C
A
0
V
GATE SOURCE VOLTAGE (V)
GS,
Fig. 14 Static Drain-Source On-Resistance
vs. Gate-Source Voltage
1
2
3
4
5
6
7
0
2
4
6
8
10
12
14
16
18
20
I = 115mA
D
I = 50mA
D
T = 25
°C
A
Pulsed
V
, DRAIN-SOURCE VOLTAGE (V)
DS
Fig. 9 Output Characteristics
T = 25
°C
A
0
1
2
3
4
5
6
7
0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
1.8
V
= 8V
GS
V
= 10V
GS
V
= 3V
GS
V
= 4V
GS
V
= 5V
GS
V
= 6V
GS
Typical N-Channel MOSFET (Q2) Characteristics


Similar Part No. - LMN200B01

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
LMN200B02 DIODES-LMN200B02 Datasheet
522Kb / 10P
   200 mA LOAD SWITCH FEATURING PRE-BIASED PNP TRANSISTOR AND N-MOSFET WITH GATE PULL DOWN RESISTOR
DS30658 Rev. 4 - 2
LMN200B02 DIODES-LMN200B02 Datasheet
251Kb / 10P
   200 mA LOAD SWITCH FEATURING PRE-BIASED PNP TRANSISTOR AND N-MOSFET
LMN200B02-7 DIODES-LMN200B02-7 Datasheet
522Kb / 10P
   200 mA LOAD SWITCH FEATURING PRE-BIASED PNP TRANSISTOR AND N-MOSFET WITH GATE PULL DOWN RESISTOR
DS30658 Rev. 4 - 2
LMN200B02-7 DIODES-LMN200B02-7 Datasheet
251Kb / 10P
   200 mA LOAD SWITCH FEATURING PRE-BIASED PNP TRANSISTOR AND N-MOSFET
LMN200B02 DIODES-LMN200B02_1 Datasheet
251Kb / 10P
   200 mA LOAD SWITCH FEATURING PRE-BIASED PNP TRANSISTOR AND N-MOSFET
More results

Similar Description - LMN200B01

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
LMN200B02 DIODES-LMN200B02 Datasheet
522Kb / 10P
   200 mA LOAD SWITCH FEATURING PRE-BIASED PNP TRANSISTOR AND N-MOSFET WITH GATE PULL DOWN RESISTOR
DS30658 Rev. 4 - 2
LMN200B02 DIODES-LMN200B02_1 Datasheet
251Kb / 10P
   200 mA LOAD SWITCH FEATURING PRE-BIASED PNP TRANSISTOR AND N-MOSFET
LMN400E01 DIODES-LMN400E01_1 Datasheet
290Kb / 8P
   400 mA LOAD SWITCH FEATURING PRE-BIASED PNP TRANSISTOR AND ESD PROTECTED N-MOSFET
LMN400B01 DIODES-LMN400B01 Datasheet
557Kb / 10P
   400mA LOAD SWITCH FEATURING PNP TRANSISTOR AND N-MOSFET WITH GATE PULL-DOWN RESISTOR
S30699 Rev. 5 - 2
LMN400E01 DIODES-LMN400E01 Datasheet
549Kb / 10P
   400 mA LOAD SWITCH FEATURING PRE-BIASED PNP TRANSISTOR AND ESD PROTECTED N-MOSFET
DS30750 Rev. 4 - 2
DDTA122LU DIODES-DDTA122LU_1 Datasheet
116Kb / 3P
   PNP PRE-BIASED 100 mA SURFACE MOUNT TRANSISTOR
DS30402 Rev. 6 - 2
DDTB122LU DIODES-DDTB122LU_2 Datasheet
115Kb / 3P
   PNP PRE-BIASED 500 mA SURFACE MOUNT TRANSISTOR
DS30400 Rev. 6 - 2
DDTB122LC DIODES-DDTB122LC_2 Datasheet
200Kb / 3P
   PNP PRE-BIASED 500 mA SURFACE MOUNT TRANSISTOR
DS30403 Rev. 6 - 2
DDTA122LE DIODES-DDTA122LE_1 Datasheet
176Kb / 3P
   PNP PRE-BIASED 100 mA SURFACE MOUNT TRANSISTOR
DS30405 Rev. 6 - 2
NMSD200B01 DIODES-NMSD200B01 Datasheet
177Kb / 8P
   200 mA SYNCHRONOUS RECTIFIER FEATURING N-MOSFET AND SCHOTTKY DIODE
DS30911 Rev. 2 - 2
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com