Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LMN200B02-7 Datasheet(PDF) 4 Page - Diodes Incorporated

Part # LMN200B02-7
Description  200 mA LOAD SWITCH FEATURING PRE-BIASED PNP TRANSISTOR AND N-MOSFET WITH GATE PULL DOWN RESISTOR
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

LMN200B02-7 Datasheet(HTML) 4 Page - Diodes Incorporated

  LMN200B02-7 Datasheet HTML 1Page - Diodes Incorporated LMN200B02-7 Datasheet HTML 2Page - Diodes Incorporated LMN200B02-7 Datasheet HTML 3Page - Diodes Incorporated LMN200B02-7 Datasheet HTML 4Page - Diodes Incorporated LMN200B02-7 Datasheet HTML 5Page - Diodes Incorporated LMN200B02-7 Datasheet HTML 6Page - Diodes Incorporated LMN200B02-7 Datasheet HTML 7Page - Diodes Incorporated LMN200B02-7 Datasheet HTML 8Page - Diodes Incorporated LMN200B02-7 Datasheet HTML 9Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
DS30658 Rev. 4 - 2
4 of 10
LMN200B02
www.diodes.com
Electrical Characteristics:
N-MOSFET with Gate Pull-Down Resistor (Q2) @ TA = 25°C unless otherwise specified
Characteristic
Symbol
Min
Typ
Max
Unit
Test Condition
OFF CHARACTERISTICS (Note 4)
Drain-Source Breakdown Voltage, BVDSS
V(BR)DSS
60
V
VGS = 0V, ID = 10
µA
Zero Gate Voltage Drain Current (Drain Leakage
Current)
IDSS
1
µA
VGS =0V, VDS = 60V
Gate-Body Leakage Current, Forward
IGSSF
0.95
mA
VGS = 20V, VDS = 0V
Gate-Body Leakage Current, Reverse
IGSSR
-0.95
m
Α
VGS = -20V, VDS = 0V
ON CHARACTERISTICS (Note 4)
Gate Source Threshold Voltage (Control Supply
Voltage)
VGS(th)
1
1.86
2.2
V
VDS = VGS, ID = 0.25mA
Static Drain-Source On-State Voltage
VDS(on)
0.08
1.5
V
VGS = 5V, ID = 50mA
0.15
3.75
VGS = 10V, ID = 115mA
On-State Drain Current
ID(on)
500
mA
VGS = 10V,
VDS
≥2XVDS(ON)
Static Drain-Source On Resistance
RDS(on)
1.55
3
VGS = 5V, ID = 50mA
1.4
2
VGS = 10V, ID = 500mA
Forward Transconductance
gFS
80
240
mS
VDS
≥2XVDS(ON), ID = 115 mA
80
350
VDS
≥2XVDS(ON), ID = 200 mA
Gate Pull-Down Resistor, +/- 30%
R3
37
ΚΩ
DYNAMIC CHARACTERISTICS
Input Capacitance
Ciss
50
pF
VDS = -25V, VGS = 0V,
ƒ= 1MHz
Output Capacitance
Coss
25
pF
Reverse Transfer Capacitance
Crss
5
pF
SWITCHING CHARACTERISTICS*
Turn-On Delay Time
td(on)
20
ns
VDD = 30V, VGS =10V,
ID = 200mA,
RG = 25 Ohm, RL = 150 Ohm
Turn-Off Delay Time
td(off)
40
ns
SOURCE-DRAIN (BODY) DIODE CHARACTERISTICS AND MAXIMUM RATINGS
Drain-Source Diode Forward On-Voltage
VSD
0.88
1.5
V
VGS = 0V, IS = 115 mA*
Maximum Continuous Drain-Source Diode Forward
Current (Reverse Drain Current)
IS
115
mA
Maximum Pulsed Drain-Source Diode Forward
Current
ISM
800
mA
Typical Characteristics
0
50
25
50
75
100
125
150
175
T , AMBIENT TEMPERATURE (°C)
A
Fig. 3, Max Power Dissipation vs
Ambient Temperature (Total Device)
100
150
300
350
200
250
0
* Pulse Test: Pulse width, tp<300
µS, Duty Cycle, d<=0.02
Notes:
4. Short duration test pulse used to minimize self-heating effect.


Similar Part No. - LMN200B02-7

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
LMN200B02-7 DIODES-LMN200B02-7 Datasheet
251Kb / 10P
   200 mA LOAD SWITCH FEATURING PRE-BIASED PNP TRANSISTOR AND N-MOSFET
More results

Similar Description - LMN200B02-7

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
LMN200B01 DIODES-LMN200B01 Datasheet
570Kb / 10P
   200 mA LOAD SWITCH FEATURING PRE-BIASED PNP TRANSISTOR AND N-MOSFET WITH PULL DOWN RESISTOR
DS30651 Rev. 7 - 2
LMN200B02 DIODES-LMN200B02_1 Datasheet
251Kb / 10P
   200 mA LOAD SWITCH FEATURING PRE-BIASED PNP TRANSISTOR AND N-MOSFET
LMN400B01 DIODES-LMN400B01 Datasheet
557Kb / 10P
   400mA LOAD SWITCH FEATURING PNP TRANSISTOR AND N-MOSFET WITH GATE PULL-DOWN RESISTOR
S30699 Rev. 5 - 2
LMN400E01 DIODES-LMN400E01_1 Datasheet
290Kb / 8P
   400 mA LOAD SWITCH FEATURING PRE-BIASED PNP TRANSISTOR AND ESD PROTECTED N-MOSFET
LMN400E01 DIODES-LMN400E01 Datasheet
549Kb / 10P
   400 mA LOAD SWITCH FEATURING PRE-BIASED PNP TRANSISTOR AND ESD PROTECTED N-MOSFET
DS30750 Rev. 4 - 2
DDTA122LU DIODES-DDTA122LU_1 Datasheet
116Kb / 3P
   PNP PRE-BIASED 100 mA SURFACE MOUNT TRANSISTOR
DS30402 Rev. 6 - 2
DDTB122LU DIODES-DDTB122LU_2 Datasheet
115Kb / 3P
   PNP PRE-BIASED 500 mA SURFACE MOUNT TRANSISTOR
DS30400 Rev. 6 - 2
DDTB122LC DIODES-DDTB122LC_2 Datasheet
200Kb / 3P
   PNP PRE-BIASED 500 mA SURFACE MOUNT TRANSISTOR
DS30403 Rev. 6 - 2
DDTA122LE DIODES-DDTA122LE_1 Datasheet
176Kb / 3P
   PNP PRE-BIASED 100 mA SURFACE MOUNT TRANSISTOR
DS30405 Rev. 6 - 2
NMSD200B01 DIODES-NMSD200B01 Datasheet
177Kb / 8P
   200 mA SYNCHRONOUS RECTIFIER FEATURING N-MOSFET AND SCHOTTKY DIODE
DS30911 Rev. 2 - 2
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com