Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LMN400E01-7 Datasheet(PDF) 5 Page - Diodes Incorporated

Part # LMN400E01-7
Description  400 mA LOAD SWITCH FEATURING PRE-BIASED PNP TRANSISTOR AND ESD PROTECTED N-MOSFET
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

LMN400E01-7 Datasheet(HTML) 5 Page - Diodes Incorporated

  LMN400E01-7 Datasheet HTML 1Page - Diodes Incorporated LMN400E01-7 Datasheet HTML 2Page - Diodes Incorporated LMN400E01-7 Datasheet HTML 3Page - Diodes Incorporated LMN400E01-7 Datasheet HTML 4Page - Diodes Incorporated LMN400E01-7 Datasheet HTML 5Page - Diodes Incorporated LMN400E01-7 Datasheet HTML 6Page - Diodes Incorporated LMN400E01-7 Datasheet HTML 7Page - Diodes Incorporated LMN400E01-7 Datasheet HTML 8Page - Diodes Incorporated LMN400E01-7 Datasheet HTML 9Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
DS30750 Rev. 4 - 2
5 of 10
LMN400E01
www.diodes.com
Typical Characteristics
0
50
100
25
50
75
100
125
150
175
T , AMBIENT TEMPERATURE (°C)
A
Fig. 3, Max Power Dissipation vs
Ambient Temperature
150
200
250
0
Pre-Biased PNP Transistor Characteristics
I
, COLLECTOR CURRENT (A)
C
Fig. 5 V
vs. I @ I /I = 10
CE(SAT)
C
C B
0.01
0.1
1
0
0.1
0.2
0.3
I /I = 10
C B
T =
A
150
°C
T =
A
125
°C
T =
A
25
°C
T =
A
85
°C
T =
A
-55
°C
I
, COLLECTOR CURRENT (A)
C
Fig. 6 V
vs. I @ I /I = 20
CE(SAT)
C
C B
0.6
0
0.1
0.2
0.3
0.4
0.5
0.01
0.1
1
I /I = 20
C B
T =
A
150
°C
T =
A
125
°C
T =
A
25
°C
T =
A
85
°C
T =
A
-55
°C
I
, COLLECTOR CURRENT (mA)
C
Fig. 8 V
vs. I @ V
= 5V
BE(ON)
C
CE
10
100
1000
3
0
6
9
12
15
10000
I /I = 10
C B
V
= 5V
CE
T =
A
150
°C
T =
A
125
°C
T =
A
25
°C
T =
A
85
°C
T =
A
-55
°C
I
, COLLECTOR CURRENT (mA)
C
Fig. 7 V
vs. I @ I /I = 10
BE(SAT)
C
C B
0
2
4
6
8
10
12
1
10
100
1000
I /I = 10
C B
T =
A
150
°C
T =
A
125
°C
T =
A
25
°C
T =
A
85
°C
T =
A
-55
°C
0
50
100
150
200
500
450
400
350
300
250
0
0.5 1.0 1.5 2.0 2.5 3.0 3.5
5.5
5.0
4.5
4.0
V
, COLLECTOR-BASE VOLTAGE (V)
CB
Fig. 4, Output Current vs.
Voltage Drop (Pass Element PNP)
lb = 1mA
lb = 2mA
lb = 3mA
lb = 4mA
lb = 5mA
lb = 6mA
lb = 10mA
lb = 9mA
lb = 8mA
lb = 7mA
T = 25°C
A


Similar Part No. - LMN400E01-7

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
LMN400E01-7 DIODES-LMN400E01-7 Datasheet
290Kb / 8P
   400 mA LOAD SWITCH FEATURING PRE-BIASED PNP TRANSISTOR AND ESD PROTECTED N-MOSFET
More results

Similar Description - LMN400E01-7

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
LMN400E01 DIODES-LMN400E01_1 Datasheet
290Kb / 8P
   400 mA LOAD SWITCH FEATURING PRE-BIASED PNP TRANSISTOR AND ESD PROTECTED N-MOSFET
LMN200B02 DIODES-LMN200B02_1 Datasheet
251Kb / 10P
   200 mA LOAD SWITCH FEATURING PRE-BIASED PNP TRANSISTOR AND N-MOSFET
LMN200B01 DIODES-LMN200B01 Datasheet
570Kb / 10P
   200 mA LOAD SWITCH FEATURING PRE-BIASED PNP TRANSISTOR AND N-MOSFET WITH PULL DOWN RESISTOR
DS30651 Rev. 7 - 2
LMN200B02 DIODES-LMN200B02 Datasheet
522Kb / 10P
   200 mA LOAD SWITCH FEATURING PRE-BIASED PNP TRANSISTOR AND N-MOSFET WITH GATE PULL DOWN RESISTOR
DS30658 Rev. 4 - 2
DDTA122LU DIODES-DDTA122LU_1 Datasheet
116Kb / 3P
   PNP PRE-BIASED 100 mA SURFACE MOUNT TRANSISTOR
DS30402 Rev. 6 - 2
DDTB122LU DIODES-DDTB122LU_2 Datasheet
115Kb / 3P
   PNP PRE-BIASED 500 mA SURFACE MOUNT TRANSISTOR
DS30400 Rev. 6 - 2
DDTB122LC DIODES-DDTB122LC_2 Datasheet
200Kb / 3P
   PNP PRE-BIASED 500 mA SURFACE MOUNT TRANSISTOR
DS30403 Rev. 6 - 2
DDTA122LE DIODES-DDTA122LE_1 Datasheet
176Kb / 3P
   PNP PRE-BIASED 100 mA SURFACE MOUNT TRANSISTOR
DS30405 Rev. 6 - 2
LMN400B01 DIODES-LMN400B01 Datasheet
557Kb / 10P
   400mA LOAD SWITCH FEATURING PNP TRANSISTOR AND N-MOSFET WITH GATE PULL-DOWN RESISTOR
S30699 Rev. 5 - 2
DDTB122LC DIODES-DDTB122LC_1 Datasheet
72Kb / 3P
   PNP PRE-BIASED 500 mA SOT-23 SURFACE MOUNT TRANSISTOR
DS30403 Rev. 5 - 2
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com