Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M1MA152WKT1 Datasheet(PDF) 1 Page - E-Tech Electronics LTD

Part # M1MA152WKT1
Description  Common Anode Silicon Dual Switching diodes
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETL [E-Tech Electronics LTD]
Direct Link  http://e-tech.com.hk
Logo ETL - E-Tech Electronics LTD

M1MA152WKT1 Datasheet(HTML) 1 Page - E-Tech Electronics LTD

  M1MA152WKT1 Datasheet HTML 1Page - E-Tech Electronics LTD M1MA152WKT1 Datasheet HTML 2Page - E-Tech Electronics LTD  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
H4–1/2
Common Anode Silicon
Dual Switching diodes
MAXIMUM RATINGS (T A = 2
5°C)
Rating
Symbol
Value
Unit
Reverse Voltage
M1MA151WAT1
V R
40
Vdc
M1MA152WAT1
80
Peak Reverse Voltage
M1MA151WAT1
V RM
40
Vdc
M1MA152WAT1
80
Forward Current
Single
I F
100
mAdc
Dual
150
Peak Forward Current
Single
I FM
225
mAdc
Dual
340
Peak Forward Surge Current
Single
I FSM (1)
500
mAdc
Dual
750
THERMAL CHARACTERISTICS
Rating
Symbo
lMax
Unit
Power Dissipation
P D
200
mW
Junction Temperature
T J
150
°C
Storage Temperature
T stg
-55 to +150
°C
ELECTRICAL CHARACTERISTICS (T A = 25°C)
Characteristic
Symbol
Condition
Min
Max
Unit
Reverse Voltage Leakage Current M1MA151WAT1
I R
V R = 35 V
0.1
µAdc
M1MA152WAT1
V R = 75 V
0.1
Forward Voltage
V F
I F = 100 mA
1.2
Vdc
Reverse Breakdown Voltage
M1MA151WAT1
V R
I R = 100
µA
40
Vdc
M1MA152WAT1
80
Diode Capacitance
C D
V R = 0, f = 1.0 MHz
2.0
pF
Reverse Recovery Time
t rr (2)
I F = 10 mA, V R = 6.0 V,
3.0
ns
R L = 100
Ω, I
rr = 0.1 I R
1. t = 1 SEC
2. t rr Test Circuit
M1MA151WKT1
M1MA152WKT1
1
3
2
SC-59 PACKAGE
COMMON CATHODE
DUAL SWITCHING DIODES
40/80 V-100mA
SURFACE MOUNT
CASE
318D–03, STYLE3
SC–59
2
1
ANODE
CATHODE
3
These Common Cathode Silicon Epitaxial Planar Dual Diodes are
designed for use in ultra high speed switching applications. These
devices are housed in the SC-59 package which is designed for low
power surface mount applications.
Fast t rr , < 3.0 ns
Low C D , < 2.0 pF
Available in 8 mm Tape and Reel
Use M1MA151/2WKT1 to order the 7 inch/3000 unit reel.
Use M1MA151/2WKT3 to order the 13 inch/10,000 unit reel.


Similar Part No. - M1MA152WKT1

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
M1MA152WKT1 MOTOROLA-M1MA152WKT1 Datasheet
87Kb / 6P
   Common Cathode Silicon Dual Switching Diodes
logo
Leshan Radio Company
M1MA152WKT1 LRC-M1MA152WKT1 Datasheet
58Kb / 2P
   Common Anode Silicon Dual Switching diodes
logo
ON Semiconductor
M1MA152WKT1 ONSEMI-M1MA152WKT1 Datasheet
47Kb / 3P
   Common Cathode Silicon Dual Switching Diodes
March, 2006 ??Rev. 8
M1MA152WKT1 ONSEMI-M1MA152WKT1 Datasheet
97Kb / 4P
   Common Cathode Silicon Dual Switching Diodes
July, 2012 ??Rev. 11
M1MA152WKT1G ONSEMI-M1MA152WKT1G Datasheet
47Kb / 3P
   Common Cathode Silicon Dual Switching Diodes
March, 2006 ??Rev. 8
More results

Similar Description - M1MA152WKT1

ManufacturerPart #DatasheetDescription
logo
Leshan Radio Company
M1MAWAT1 LRC-M1MAWAT1 Datasheet
58Kb / 2P
   Common Anode Silicon Dual Switching diodes
logo
ON Semiconductor
DAP202U ONSEMI-DAP202U Datasheet
54Kb / 6P
   Common Anode Silicon Dual Switching Diodes
April, 2004 ??Rev. 4
DAP222 ONSEMI-DAP222_05 Datasheet
59Kb / 5P
   Common Anode Silicon Dual Switching Diodes
October, 2005 ??Rev. 5
logo
Leshan Radio Company
M1MA151WALT1 LRC-M1MA151WALT1 Datasheet
111Kb / 3P
   Common Anode Silicon Dual Switching diodes
logo
E-Tech Electronics LTD
M1MA151WAT1 ETL-M1MA151WAT1 Datasheet
118Kb / 2P
   Common Anode Silicon Dual Switching diodes
logo
Leshan Radio Company
M1MA151WKLT1 LRC-M1MA151WKLT1 Datasheet
102Kb / 3P
   Common Anode Silicon Dual Switching diodes
LM1MA151WAT1 LRC-LM1MA151WAT1 Datasheet
67Kb / 3P
   Common Anode Silicon Dual Switching diodes
logo
Motorola, Inc
M1MA151WAT1 MOTOROLA-M1MA151WAT1 Datasheet
85Kb / 6P
   Common Anode Silicon Dual Switching Diodes
logo
Leshan Radio Company
M1MA151WKT1 LRC-M1MA151WKT1 Datasheet
58Kb / 2P
   Common Anode Silicon Dual Switching diodes
logo
ON Semiconductor
DAP222 ONSEMI-DAP222 Datasheet
64Kb / 5P
   Common Anode Silicon Dual Switching Diodes
October, 2005 ??Rev. 5
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com