Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DFLT12A-7 Datasheet(PDF) 4 Page - Diodes Incorporated

Part # DFLT12A-7
Description  225W SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

DFLT12A-7 Datasheet(HTML) 4 Page - Diodes Incorporated

  DFLT12A-7 Datasheet HTML 1Page - Diodes Incorporated DFLT12A-7 Datasheet HTML 2Page - Diodes Incorporated DFLT12A-7 Datasheet HTML 3Page - Diodes Incorporated DFLT12A-7 Datasheet HTML 4Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
DS30581 Rev. 3 - 2
4 of 4
DFLT5V0A - DFLT51A
PowerDI is a trademark of Diodes Incorporated.
www.diodes.com
Marking Information
Ordering Information
Device
Packaging
Shipping
DFLTxxxA-7*
PowerDIä123
3000/Tape & Reel
Notes:
8. For Packaging Details, go to our website at http://www.diodes.com/datasheets/ap02007.pdf.
* Add "-7" to the appropriate type number in Table 1 on page 2. Example: 10V reverse standoff device = DFLT10A-7.
(Note 8)
Year
2004
2005
2006
2007
2008
2009
Code
R
ST
U
V
W
Month
Jan
Feb
March
Apr
May
Jun
Jul
Aug
Sep
Oct
Nov
Dec
Code
12
3
4
5
6
7
89
O
N
D
Date Code Key
FXX = Product Type Marking Code (See Marking Codes on Page 2)
YM = Date Code Marking
Y = Year (ex: R = 2004)
M = Month (ex: 9 = September)
FXX
IMPORTANT NOTICE
LIFE SUPPORT
www.diodes.com
Diodes, Inc. and its subsidiaries reserve the right to make changes without further notice to any product herein to make corrections, modifications, enhance-
ments, improvements, or other changes. Diodes, Inc. does not assume any liability arising out of the application or use of any product described herein;
neither does it convey any license under its patent rights, nor the rights of others. The user of products in such applications shall assume all risks of such
use and will agree to hold Diodes Incorporated and all the companies whose products are represented on our website, harmless against all damages.
The products located on our website at
are not recommended for use in life support systems where a failure or malfunction of the
component may directly threaten life or cause injury without the expressed written approval of Diodes Incorporated.


Similar Part No. - DFLT12A-7

ManufacturerPart #DatasheetDescription
logo
SUNMATE electronic Co.,...
DFLT12A SUNMATE-DFLT12A Datasheet
614Kb / 3P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPESSOR DIODE
More results

Similar Description - DFLT12A-7

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
DPD13AWF DIODES-DPD13AWF Datasheet
432Kb / 5P
   225W SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
D5V0AP2WF DIODES-D5V0AP2WF Datasheet
339Kb / 5P
   225W SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
December 2019 Rev. 1 - 2
D3V3AP2WF DIODES-D3V3AP2WF Datasheet
335Kb / 5P
   225W SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
December 2019 Rev. 1 - 2
DFLT5V0A DIODES-DFLT5V0A_09 Datasheet
103Kb / 5P
   225W SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
D13AP2WF DIODES-D13AP2WF Datasheet
290Kb / 5P
   225W SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
April 2019 Rev. 2 - 2
D18AP2WF DIODES-D18AP2WF Datasheet
383Kb / 5P
   225W SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
July 2021 Rev. 1 - 2
DFLT5V0A DIODES-DFLT5V0A_17 Datasheet
212Kb / 5P
   225W SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR POWERDI
logo
EIC discrete Semiconduc...
SMBJ50 EIC-SMBJ50 Datasheet
110Kb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
STUB06I EIC-STUB06I_05 Datasheet
79Kb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
Diotech Company.
3.0SMCJ5.0 DIOTECH-3.0SMCJ5.0 Datasheet
1Mb / 3P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com