Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PDS4150-13 Datasheet(PDF) 1 Page - Diodes Incorporated

Part # PDS4150-13
Description  4A HIGH VOLTAGE SCHOTTKY BARRIER RECTIFIER
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

PDS4150-13 Datasheet(HTML) 1 Page - Diodes Incorporated

  PDS4150-13 Datasheet HTML 1Page - Diodes Incorporated PDS4150-13 Datasheet HTML 2Page - Diodes Incorporated PDS4150-13 Datasheet HTML 3Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
e3
DS30473 Rev. 8 - 2
1 of 3
PDS4150
PowerDI is a trademark of Diodes Incorporated.
www.diodes.com
ã Diodes Incorporated
PDS4150
4A HIGH VOLTAGE SCHOTTKY BARRIER RECTIFIER
PowerDI ä5
Single phase, half wave, 60Hz, resistive or inductive load.
For capacitive load, derate current by 20%.
Mechanical Data
Characteristic
Symbol
Value
Unit
Peak Repetitive Reverse Voltage
Working Peak Reverse Voltage
DC Blocking Voltage
VRRM
VRWM
VR
150
V
RMS Reverse Voltage
VR(RMS)
106
V
Average Rectified Output Current (See also figure 4)
IO
4A
Non-Repetitive Peak Forward Surge Current
8.3ms Single half sine-wave Superimposed on Rated Load
IFSM
180
A
Operating Temperature Range
Tj
-65 to +175
°C
Storage Temperature Range
TSTG
-65 to +175
°C
Maximum Ratings
@ TA = 25
°C unless otherwise specified
E
E1
b1
A
A2
A2
D
b2
b1
e
L1
L1
E
b1
D
b2
b1
e
D2
L
E2
L1
LEFT PIN
RIGHT PIN
Note: Pins Left & Right must
be electrically connected
at the printed circuit board.
BOTTOMSIDE
HEAT SINK
W
PowerDIä5
Dim
Min
Max
A
1.05
1.15
A2
0.33
0.43
b1
0.80
0.99
b2
1.70
1.88
D
3.90
4.05
D2
3.05 NOM
E
6.40
6.60
e
1.84 NOM
E1
5.30
5.45
E2
3.55 NOM
L
0.75
0.95
L1
0.50
0.65
W
1.20
1.50
All Dimensions in mm
Thermal Characteristics
@ TA = 25
°C unless otherwise specified
Characteristic
Symbol
Typ
Max
Unit
Thermal Resistance Junction to Soldering Point
RqJS
¾
2.0
°C/W
Thermal Resistance Junction to Ambient Air (Note 2)
RqJA
90
¾°C/W
Thermal Resistance Junction to Ambient Air (Note 3)
RqJA
60
¾°C/W
Thermal Resistance Junction to Ambient Air (Note 4)
RqJA
40
¾°C/W
Notes:
1. RoHS revision 13.2.2003. Glass and High Temperature Solder Exemptions Applied, see
EU Directive Annex Notes 5 and 7.
2. FR-4 PCB, 2 oz. Copper, minimum recommended pad layout per http://www.diodes.com/datasheets/ap02001.pdf.
3. Polymide PCB, 2 oz. Copper, minimum recommended pad layout per http://www.diodes.com/datasheets/ap02001.pdf.
4. Polymide PCB, 2 oz. Copper. Cathode pad dimensions 9.4 mm x 7.2 mm. Anode pad dimensions 2.7 mm x 1.6 mm.
·
Guard Ring Die Construction for Transient Protection
·
Low Forward Voltage Drop
·
Very Low Leakage Current
·
High Maximum Junction Temperature Capability
·
Highly Stable Oxide Passivated Junction
·
High Forward Surge Current Capability
·
Lead Free Finish, RoHS Compliant (Note 1)
·
"Green" Molding Compound (No Br, Sb)
·
Qualified to AEC-Q101 Standards for High Reliability
·
Case: PowerDIä5
·
Case Material: Molded Plastic, “Green” Molding
Compound. UL Flammability Classification Rating 94V-0
·
Moisture Sensitivity: Level 1 per J-STD-020C
·
Terminals: Finish – Matte Tin annealed over Copper leadframe.
Solderable per MIL-STD-202, Method 208
·
Polarity: See Diagram
·
Ordering Information (See Page 3)
·
Marking: Type Number (See Page 3)
·
Weight: 0.096 grams (approximate)
Features
SPICE MODEL: PDS4150


Similar Part No. - PDS4150-13

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
PDS4150-13 DIODES-PDS4150-13 Datasheet
98Kb / 5P
   4A HIGH VOLTAGE SCHOTTKY BARRIER RECTIFIER
DS30473 Rev. 12 - 2
PDS4150-13 DIODES-PDS4150-13 Datasheet
407Kb / 5P
   4A HIGH VOLTAGE SCHOTTKY BARRIER RECTIFIER
More results

Similar Description - PDS4150-13

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
PDS4150 DIODES-PDS4150_17 Datasheet
407Kb / 5P
   4A HIGH VOLTAGE SCHOTTKY BARRIER RECTIFIER
PDS4150 DIODES-PDS4150_10 Datasheet
98Kb / 5P
   4A HIGH VOLTAGE SCHOTTKY BARRIER RECTIFIER
DS30473 Rev. 12 - 2
PDS4200H DIODES-PDS4200H Datasheet
111Kb / 6P
   4A HIGH VOLTAGE SCHOTTKY BARRIER RECTIFIER
PDS4150 DIODES-PDS4150_15 Datasheet
214Kb / 4P
   4A HIGH VOLTAGE SCHOTTKY BARRIER RECTIFIER POWERDI짰
PDS4200H DIODES-PDS4200H_15 Datasheet
520Kb / 6P
   4A HIGH VOLTAGE SCHOTTKY BARRIER RECTIFIER POWERDI짰
MBRD460CT DIODES-MBRD460CT Datasheet
65Kb / 3P
   4A SURFACE MOUNT DUAL SCHOTTKY BARRIER RECTIFIER
DS30351 Rev. 3 - 2
logo
Sanken electric
FMEN-230A SANKEN-FMEN-230A Datasheet
206Kb / 4P
   High Voltage Schottky Barrier Rectifier
FMEN-230A SANKEN-FMEN-230A Datasheet
206Kb / 4P
   High Voltage Schottky Barrier Rectifier
logo
Inchange Semiconductor ...
VF20150S-E3 ISC-VF20150S-E3 Datasheet
303Kb / 2P
   High Voltage Barrier Schottky Rectifier
logo
Digitron Semiconductors
MUR405 DIGITRON-MUR405 Datasheet
203Kb / 3P
   4A SCHOTTKY RECTIFIER
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com