Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PE1500D-10F Datasheet(PDF) 2 Page - PerkinElmer Optoelectronics

Part # PE1500D-10F
Description  CERMAX FOCUSED XENON ARC LAMPS
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PERKINELMER [PerkinElmer Optoelectronics]
Direct Link  http://www.perkinelmer.com
Logo PERKINELMER - PerkinElmer Optoelectronics

PE1500D-10F Datasheet(HTML) 2 Page - PerkinElmer Optoelectronics

  PE1500D-10F Datasheet HTML 1Page - PerkinElmer Optoelectronics PE1500D-10F Datasheet HTML 2Page - PerkinElmer Optoelectronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Dimensions in parentheses are in millimeters.
CL Ellipse
Reflector Edge
Focal Point
Cathode
M=1.7038
N=0.932
1.434
(36.42)
2.587 (65.71)
1.246 (31.65)
.008 (.203)
.278 (7.06)
.604 (15.3)
.156 (3.96)
1.375
(34.93)
.946
(24.0)
2.998 (76.15)
.250 (6.35)
.53 (13.5)
.394
(1.0)
.62
(15.8)
1.330 (33.78)
.332
(8.43)
1.820 (46.23)
Focused Output
Description
Visible Output*
Total Output
12mm aperture
31000 Lumens
278 watts
9mm aperture
26000 Lumens
247 watts
6mm aperture
18000 Lumens
171 watts
3mm aperture
7600 Lumens
72 watts
* Nominal values at 1500 watts after 2 hour burn-in
PerkinElmer welcomes inquiries about special lamps. We would be pleased to discuss the requirements of your application and the feasibility of
designing a lamp specifically suited to your needs.
For more information e-mail us at opto@perkinelmer.com or visit our web site at www.perkinelmer.com/opto.
All values are nominal; specifications subject to change without notice.
© 2000 PerkinElmer inc. All rights reserved.
.
www.perkinelmer.com/opto
USA:
PerkinElmer Optoelectronics
44370 Christy St.
Fremont, CA 94538
Phone: (510) 979-6500
Fax: (510) 687-1140
Toll Free: (800) 775-6786
Europe:
PerkinElmer Optoelectronics
GmbH
Wenzel-Jaksch-Str. 31
65199 Wiesbaden
Germany
Phone: +49 611 492 0
Fax: +49 611 492 369
Asia:
PerkinElmer Optoelectronics
47 Ayer Rajah Crescent #06-12
Singapore 139947
Phone: +65 775 2022
Fax: +65 775 1008
Description
Nominal
Range
Power
1500 watts
900-1550 watts
Current
65 amps (DC)
45-80 amps (DC)
Operating Voltage
18.5 volts (DC)
17-23 volts (DC)
Ignition Voltage
28 kilovolts (recommended minimum)
Temperature
150º C (maximum)
Lifetime*
1000 hours (500 hour warranty)
* End of lamp life is defined as 50% of initial output.
Operational Specifications
Output at Nominal Power
PE1500D-10F and PE1500D-10UV
Physical Specifications
Description
Specification
Arc Gap
.075 inch (1.58 mm)
Reflector Geometry
Ellipsoidal 1=X2/M2 +Y2/N2
Weight
687 grams
Window Diameter
1.375 inch (34.92 mm)
F= UV Filtered Output/ UV = UV Enhanced Output
Description
PE1500D-10F
Radiant Output*
365 watts
UV Output*
19.5 watts
IR Output*
200 watts
Visible Output*
40000 Lumens
Color Temperature
5900 Kelvin
Peak Instabilities
4%
Spot Size at Crossover .15” at 50% pts
Spot Size at Crossover .40” at 10% pts
*These values indicate total output in all directions.
Wavelengths = UV<390nm, IR>770nm, Visible 390nm to 770nm.
** Beam Geometry defined as half angle at 10% PTS after 01/100/1000 hours.
Notes
1.
Lamp must not be operated with window facing upwards within
45º of vertical.
2.
Seal temperature must not exceed 150º C.
3.
Current/power regulated power supplies and PerkinElmer lamp
housing units are recommended.
4.
Lamp must be operated within recommended current and power
range. Over powering may lead to arc instability, hard starting
and premature aging.
5.
CERMAX lamps are much safer lamps to use than their quartz
xenon arc lamp equivalents. However, caution must be practiced
when operating lamps because they are under high pressure,
require high voltage, reach temperatures up to 200º C, and their
IR and UV radiation can cause skin burns and eye damage.
Read hazard sheet included with each lamp shipment.
Dimensions
PE1500D-10UV
-
-
-
-
5050 Kelvin
4%
.15” at 50% pts
.40” at 10% pts
Spectral Output
F
UV
F + HOT MIRROR
WAVELENGTH (NM)
200
300
400
500
600
700
800
900
1000
1100
100
80
40
20
0
60
DS-163 Rev C 1101


Similar Part No. - PE1500D-10F

ManufacturerPart #DatasheetDescription
logo
Nihon Inter Electronics...
PE1508N NIEC-PE1508N Datasheet
159Kb / 2P
   150A Avg 800 Volts
PE1508N NIEC-PE1508N Datasheet
189Kb / 3P
   Cathode & Anode Common
logo
Kyocera Kinseki Corpota...
PE1508N KSS-PE1508N Datasheet
253Kb / 2P
   Diode
logo
National Instruments Co...
PE1508N NI-PE1508N Datasheet
159Kb / 2P
   DIODE
logo
Nihon Inter Electronics...
PE1508N NIEC-PE1508N_1 Datasheet
159Kb / 2P
   150A Avg 800 Volts
More results

Similar Description - PE1500D-10F

ManufacturerPart #DatasheetDescription
logo
PerkinElmer Optoelectro...
PE1000D-10F PERKINELMER-PE1000D-10F Datasheet
67Kb / 2P
   CERMAX FOCUSED XENON ARC LAMPS
PE500C-13F PERKINELMER-PE500C-13F Datasheet
65Kb / 2P
   CERMAX FOCUSED XENON ARC LAMPS
PE125B-10F PERKINELMER-PE125B-10F Datasheet
64Kb / 2P
   CERMAX FOCUSED XENON ARC LAMPS
PE175B-10F PERKINELMER-PE175B-10F Datasheet
64Kb / 2P
   CERMAX FOCUSED XENON ARC LAMPS
PE150A-10F PERKINELMER-PE150A-10F Datasheet
66Kb / 2P
   CERMAX FOCUSED XENON ARC LAMPS
PE300C-10F PERKINELMER-PE300C-10F Datasheet
64Kb / 2P
   CERMAX FOCUSED XENON ARC LAMPS
PE500C-10F PERKINELMER-PE500C-10F Datasheet
65Kb / 2P
   CERMAX FOCUSED XENON ARC LAMPS
PE175BF PERKINELMER-PE175BF Datasheet
62Kb / 2P
   CERMAX XENON ARC LAMPS
PE1000D-13F PERKINELMER-PE1000D-13F Datasheet
64Kb / 2P
   CERMAX XENON ARC LAMPS
PE300BF PERKINELMER-PE300BF Datasheet
63Kb / 2P
   CERMAX XENON ARC LAMPS
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com