Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MIO1200-25E10 Datasheet(PDF) 2 Page - IXYS Corporation

Part # MIO1200-25E10
Description  IGBT Module Single switch
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

MIO1200-25E10 Datasheet(HTML) 2 Page - IXYS Corporation

  MIO1200-25E10 Datasheet HTML 1Page - IXYS Corporation MIO1200-25E10 Datasheet HTML 2Page - IXYS Corporation MIO1200-25E10 Datasheet HTML 3Page - IXYS Corporation MIO1200-25E10 Datasheet HTML 4Page - IXYS Corporation MIO1200-25E10 Datasheet HTML 5Page - IXYS Corporation MIO1200-25E10 Datasheet HTML 6Page - IXYS Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
© 2004 IXYS All rights reserved
2 - 6
MIO 1200-25E10
Advanced Technical Information
Diode
Symbol
Conditions
Maximum Ratings
I
F80
T
C =
80°C
1200
A
I
FSM
V
R = 0 V; TVJ = 125°C; tp = 10 ms; half-sinewave
11000
A
Symbol
Conditions
Characteristic Values
min.
typ.
max.
V
F
I
F = 1200 A;
T
VJ =
25°C
1.75
V
T
VJ = 125°C
1.8
V
I
RM
1180
A
t
rr
970
ns
Q
RR
1150
µC
E
rec
990
mJ
R
thJC
0.017 K/W
② Forward voltage is given at chip level
Module
Symbol
Conditions
Maximum Ratings
T
JM
max. junction temperature
+150
°C
T
VJ
Operating temperature
-40...+125
°C
T
stg
Storage temperature
-40...+125
°C
V
ISOL
50 Hz
5000
V~
M
d
Mounting torque
Base-heatsink, M6 screws
4 - 6
Nm
Main terminals, M8 screws
8 - 10
Nm
Symbol
Conditions
Characteristic Values
min.
typ. max.
d
A
Clearance distance
terminal to base
23
mm
terminal to terminal
19
mm
d
S
Surface creepage
terminal to base
33
mm
distance
terminal to terminal
33
mm
L
σσσσσ
Module stray inductance, C to E terminal
10
nH
R
term-chip *
)
Resistance terminal to chip
0.085
m
R
thCH
per module;
λ grease = 1 W/m•K
0.006
K/W
Weight
1500
g
*) V = V
CE(sat) + Rterm-chip · IC
resp. V = V
F + Rterm-chip · IF
V
CC = 1250 V; IC = 1200 A;
V
GE = ±15 V; RG = 1.5 Ω; TVJ = 125°C
Inductive load; Lσ = 100nH


Similar Part No. - MIO1200-25E10

ManufacturerPart #DatasheetDescription
logo
IXYS Corporation
MIO1200-33E10 IXYS-MIO1200-33E10 Datasheet
158Kb / 6P
   IGBT Module Single switch
MIO1200-33E11 IXYS-MIO1200-33E11 Datasheet
103Kb / 3P
   IGBT Module Single switch
More results

Similar Description - MIO1200-25E10

ManufacturerPart #DatasheetDescription
logo
Dynex Semiconductor
DIM1800ESM12-A000 DYNEX-DIM1800ESM12-A000 Datasheet
331Kb / 8P
   Single Switch IGBT Module
DIM800XSM45-TS000 DYNEX-DIM800XSM45-TS000 Datasheet
403Kb / 8P
   Single Switch IGBT Module
DIM800XSM45-TS001 DYNEX-DIM800XSM45-TS001 Datasheet
403Kb / 8P
   Single Switch IGBT Module
DIM2400ESM17-A000 DYNEX-DIM2400ESM17-A000_15 Datasheet
373Kb / 8P
   Single Switch IGBT Module
DIM800NSM33-F000 DYNEX-DIM800NSM33-F000_12 Datasheet
365Kb / 8P
   Single Switch IGBT Module
DIM1200FSS12-A000 DYNEX-DIM1200FSS12-A000 Datasheet
350Kb / 8P
   Single Switch IGBT Module
DIM1800ESS12-A000 DYNEX-DIM1800ESS12-A000 Datasheet
368Kb / 8P
   Single Switch IGBT Module
GP1200FSS18 DYNEX-GP1200FSS18 Datasheet
132Kb / 10P
   Single Switch IGBT Module
DIM800XSM33-F000 DYNEX-DIM800XSM33-F000 Datasheet
288Kb / 8P
   Single Switch IGBT Module
DIM2400ESM17-A000 DYNEX-DIM2400ESM17-A000 Datasheet
180Kb / 10P
   Single Switch IGBT Module
DIM800XSM45-TS001 DYNEX-DIM800XSM45-TS001_15 Datasheet
403Kb / 8P
   Single Switch IGBT Module
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com