Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

GS8161Z36BGT-250I Datasheet(PDF) 1 Page - GSI Technology

Part # GS8161Z36BGT-250I
Description  18Mb Pipelined and Flow Through Synchronous NBT SRAM
Download  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GSI [GSI Technology]
Direct Link  http://www.gsitechnology.com
Logo GSI - GSI Technology

GS8161Z36BGT-250I Datasheet(HTML) 1 Page - GSI Technology

  GS8161Z36BGT-250I Datasheet HTML 1Page - GSI Technology GS8161Z36BGT-250I Datasheet HTML 2Page - GSI Technology GS8161Z36BGT-250I Datasheet HTML 3Page - GSI Technology GS8161Z36BGT-250I Datasheet HTML 4Page - GSI Technology GS8161Z36BGT-250I Datasheet HTML 5Page - GSI Technology GS8161Z36BGT-250I Datasheet HTML 6Page - GSI Technology GS8161Z36BGT-250I Datasheet HTML 7Page - GSI Technology GS8161Z36BGT-250I Datasheet HTML 8Page - GSI Technology GS8161Z36BGT-250I Datasheet HTML 9Page - GSI Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 37 page
background image
GS8161Z18B(T/D)/GS8161Z32B(D)/GS8161Z36B(T/D)
18Mb Pipelined and Flow Through
Synchronous NBT SRAM
2.5 V or 3.3 V VDD
2.5 V or 3.3 V I/O
Commercial Temp
Industrial Temp
Preliminary
Rev: 1.00 9/2004
1/37
© 2004, GSI Technology
Specifications cited are subject to change without notice. For latest documentation see http://www.gsitechnology.com.
Features
• User-configurable Pipeline and Flow Through mode
• NBT (No Bus Turn Around) functionality allows zero wait
read-write-read bus utilization
• Fully pin-compatible with both pipelined and flow through
NtRAM™, NoBL™ and ZBT™ SRAMs
• IEEE 1149.1 JTAG-compatible Boundary Scan
• 2.5 V or 3.3 V +10%/–10% core power supply
• LBO pin for Linear or Interleave Burst mode
• Pin-compatible with 2M, 4M, and 8M devices
• Byte write operation (9-bit Bytes)
• 3 chip enable signals for easy depth expansion
• ZZ pin for automatic power-down
• JEDEC-standard 100-lead TQFP and 165-bump FP-BGA
packages
• Pb-Free 100-lead TQFP package available
Functional Description
The GS8161Z18B(T/D)/GS8161Z32B(D)/GS8161Z36B(T/D)
is an 18Mbit Synchronous Static SRAM. GSI's NBT SRAMs,
like ZBT, NtRAM, NoBL or other pipelined read/double late
write or flow through read/single late write SRAMs, allow
utilization of all available bus bandwidth by eliminating the
need to insert deselect cycles when the device is switched from
read to write cycles.
Because it is a synchronous device, address, data inputs, and
read/ write control inputs are captured on the rising edge of the
input clock. Burst order control (LBO) must be tied to a power
rail for proper operation. Asynchronous inputs include the
Sleep mode enable, ZZ and Output Enable. Output Enable can
be used to override the synchronous control of the output
drivers and turn the RAM's output drivers off at any time.
Write cycles are internally self-timed and initiated by the rising
edge of the clock input. This feature eliminates complex off-
chip write pulse generation required by asynchronous SRAMs
and simplifies input signal timing.
The GS8161Z18B(T/D)/GS8161Z32B(D)/GS8161Z36B(T/D)
may be configured by the user to operate in Pipeline or Flow
Through mode. Operating as a pipelined synchronous device,
in addition to the rising-edge-triggered registers that capture
input signals, the device incorporates a rising-edge-triggered
output register. For read cycles, pipelined SRAM output data is
temporarily stored by the edge triggered output register during
the access cycle and then released to the output drivers at the
next rising edge of clock.
The GS8161Z18B(T/D)/GS8161Z32B(D)/GS8161Z36B(T/D)
is implemented with GSI's high performance CMOS
technology and is available in JEDEC-standard 100-pin TQFP
and 165-bump FP-BGA packages.
Parameter Synopsis
-250
-200
-150
Unit
Pipeline
3-1-1-1
tKQ(x18/x36)
tCycle
2.5
4.0
3.0
5.0
3.8
6.7
ns
ns
Curr (x18)
Curr (x32/x36)
280
330
230
270
185
210
mA
mA
Flow Through
2-1-1-1
tKQ
tCycle
5.5
5.5
6.5
6.5
7.5
7.5
ns
ns
Curr (x18)
Curr (x32/x36)
210
240
185
205
170
190
mA
mA


Similar Part No. - GS8161Z36BGT-250I

ManufacturerPart #DatasheetDescription
logo
GSI Technology
GS8161Z36BGT-250IV GSI-GS8161Z36BGT-250IV Datasheet
1Mb / 35P
   18Mb Pipelined and Flow Through Synchronous NBT SRAM
More results

Similar Description - GS8161Z36BGT-250I

ManufacturerPart #DatasheetDescription
logo
GSI Technology
GS8162Z18BB-V GSI-GS8162Z18BB-V Datasheet
1Mb / 33P
   18Mb Pipelined and Flow Through Synchronous NBT SRAM
GS8162Z72C GSI-GS8162Z72C Datasheet
1Mb / 31P
   18Mb Pipelined and Flow Through Synchronous NBT SRAM
GS8162Z72CC-V GSI-GS8162Z72CC-V Datasheet
1Mb / 27P
   18Mb Pipelined and Flow Through Synchronous NBT SRAM
GS8160Z18CT GSI-GS8160Z18CT Datasheet
575Kb / 23P
   18Mb Pipelined and Flow Through Synchronous NBT SRAM
GS8161Z18 GSI-GS8161Z18 Datasheet
939Kb / 36P
   18Mb Pipelined and Flow Through Synchronous NBT SRAM
GS8160Z18BT-V GSI-GS8160Z18BT-V Datasheet
916Kb / 22P
   18Mb Pipelined and Flow Through Synchronous NBT SRAM
GS8160Z18T GSI-GS8160Z18T Datasheet
616Kb / 24P
   18Mb Pipelined and Flow Through Synchronous NBT SRAM
GS8160ZV18CT GSI-GS8160ZV18CT Datasheet
565Kb / 22P
   18Mb Pipelined and Flow Through Synchronous NBT SRAM
GS8161Z18BT-V GSI-GS8161Z18BT-V Datasheet
1Mb / 35P
   18Mb Pipelined and Flow Through Synchronous NBT SRAM
GS8162Z18BB GSI-GS8162Z18BB Datasheet
1Mb / 34P
   18Mb Pipelined and Flow Through Synchronous NBT SRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com