Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MPL73-1R5 Datasheet(PDF) 1 Page - Delta Electronics, Inc.

Part # MPL73-1R5
Description  Power Inductor
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DELTA [Delta Electronics, Inc.]
Direct Link  http://www.deltaww.com
Logo DELTA - Delta Electronics, Inc.

MPL73-1R5 Datasheet(HTML) 1 Page - Delta Electronics, Inc.

  MPL73-1R5 Datasheet HTML 1Page - Delta Electronics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
SUGGESTED PAD LAYOUT
7.50
4.00
A
BOTTOM VIEW
DATE CODE
XXX
F
A-47
MPL73 TYPE
SCHEMATICS
MECHANICAL CONSTRUCTION
AT 25 C: 100KHz, 0.25V
o
2
1
2
1
UNIT: mm / inch
A = 7.20 0.30 / 0.283 0.012
B=7.0/0.276
C = 2.40 0.30 / 0.094 0.012
D=3.00/0.118 MAX
E = 0.01 / 0.0004 MIN
F = 1.27 0.30 / 0.050 0.012
MAX
Notes 1. Lo is the value of initial inductance.
2. Isat shows the DC current that will cause Lo to drop approximately 20%.
3. Irms shows the DC current that will cause an approximately T of 40 C.
4. Operating Temperature Range: -55 C ~ +125 C.
5. RoHS Compliance.
o
oo
FEATURES
APPLICATIONS
Big current (32A)
Footprint compatible with most standard
Lower temperature rise at big current
Low DCR (1.7m )
Without noise
Notebook computers
DC/DC converters
Battery power equipment
Servers
Power Inductor
DELTA ELECTRONICS, INC.
(TAOYUAN PLANT CPBG) 252, SHANG YING ROAD, KUEI SAN, TAOYUAN H IEN 333, TAIWAN, R.O.C.
TEL: 886-3-3591968; FAX: 886-3-3591991
S
http://www.deltaww.com/products/networking/power.htm
SMD TYPE
PART NO.
Lo
DCR
DCR
Isat
Irms
(uH) 20%
(m )Typ
(m ) MAX
(Amperes)
(Amperes)
MPL73-0R1
0.10
1.5
1.7
60
32
MPL73-R15
0.15
1.9
2.5
52
26
MPL73-0R2
0.20
2.4
3.0
41
24
MPL73-R22
0.22
2.5
2.8
40
23
MPL73-R33
0.33
3.5
3.9
30
20
MPL73-R47
0.47
4
4.2
26
17.5
MPL73-R68
0.68
5
5.5
25
15.5
MPL73-R82
0.82
6.8
8
24
13
MPL73-1R0
1.00
9
10
22
11
MPL73-1R5
1.5
14
15
18
9
MPL73-2R2
2.2
18
20
14
8
MPL73-3R3
3.3
28
30
13.5
6
MPL73-4R7
4.7
37
40
10
5.5
MPL73-6R8
6.8
54
60
8
4.5
MPL73-8R2
8.2
64
68
7.5
4
MPL73-100
10
102
105
7
3


Similar Part No. - MPL73-1R5

ManufacturerPart #DatasheetDescription
logo
Chenmko Enterprise Co. ...
MPL760PT CHENMKO-MPL760PT Datasheet
211Kb / 2P
   SCHOTTKY DIODE ARRAY
More results

Similar Description - MPL73-1R5

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
LQH2HP_G0 MURATA-LQH2HP_G0 Datasheet
73Kb / 2P
   Chip Inductor Power Inductor
logo
Sumida Corporation
CDH5D16 SUMIDA-CDH5D16 Datasheet
169Kb / 2P
   SMD Power Inductor SMD Power Inductor
logo
XFMRS Inc.
XFRCR875D-102M XFMRS-XFRCR875D-102M_15 Datasheet
59Kb / 1P
   Power Inductor
XFHCL2-1R8M XFMRS-XFHCL2-1R8M Datasheet
37Kb / 1P
   Power Inductor
XFRCH654-102M XFMRS-XFRCH654-102M Datasheet
59Kb / 1P
   Power Inductor
XFRCRH875-100M XFMRS-XFRCRH875-100M Datasheet
59Kb / 1P
   Power Inductor
XFRCR110D-102M XFMRS-XFRCR110D-102M_15 Datasheet
58Kb / 1P
   Power Inductor
9XFXXX6-S3P XFMRS-9XFXXX6-S3P Datasheet
49Kb / 1P
   POWER INDUCTOR
XFHCL2-1R6M XFMRS-XFHCL2-1R6M Datasheet
60Kb / 1P
   POWER INDUCTOR
XFRLH875-101M XFMRS-XFRLH875-101M Datasheet
32Kb / 1P
   POWER INDUCTOR
XFRCRH875-100M XFMRS-XFRCRH875-100M_15 Datasheet
59Kb / 1P
   Power Inductor
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com