Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NE3512S02-T1C-A Datasheet(PDF) 2 Page - California Eastern Labs

Part # NE3512S02-T1C-A
Description  HETERO JUNCTION FIELD EFFECT TRANSISTOR
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CEL [California Eastern Labs]
Direct Link  http://www.cel.com
Logo CEL - California Eastern Labs

NE3512S02-T1C-A Datasheet(HTML) 2 Page - California Eastern Labs

  NE3512S02-T1C-A Datasheet HTML 1Page - California Eastern Labs NE3512S02-T1C-A Datasheet HTML 2Page - California Eastern Labs NE3512S02-T1C-A Datasheet HTML 3Page - California Eastern Labs NE3512S02-T1C-A Datasheet HTML 4Page - California Eastern Labs NE3512S02-T1C-A Datasheet HTML 5Page - California Eastern Labs NE3512S02-T1C-A Datasheet HTML 6Page - California Eastern Labs NE3512S02-T1C-A Datasheet HTML 7Page - California Eastern Labs NE3512S02-T1C-A Datasheet HTML 8Page - California Eastern Labs  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
NE3512S02
RECOMMENDED OPERATING CONDITIONS (TA = +25
°C)
Parameter
Symbol
MIN.
TYP.
MAX.
Unit
Drain to Source Voltage
VDS
1
2
3
V
Drain Current
ID
5
10
15
mA
Input Power
Pin
0
dBm
ELECTRICAL CHARACTERISTICS (TA = +25
°C, unless otherwise specified)
Parameter
Symbol
Test Conditions
MIN.
TYP.
MAX.
Unit
Gate to Source Leak Current
IGSO
VGS =
−3 V
0.5
10
µA
Saturated Drain Current
IDSS
VDS = 2 V, VGS = 0 V
15
40
70
mA
Gate to Source Cutoff Voltage
VGS (off)
VDS = 2 V, ID = 100
µA
−0.2
−0.7
−2.0
V
Transconductance
gm
VDS = 2 V, ID = 10 mA
40
55
mS
Noise Figure
NF
VDS = 2 V, ID = 10 mA, f = 12 GHz
0.35
0.5
dB
Associated Gain
Ga
12.5
13.5
dB
Data Sheet PG10592EJ01V0DS
2


Similar Part No. - NE3512S02-T1C-A

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
NE3512S02-T1C RENESAS-NE3512S02-T1C Datasheet
200Kb / 11P
   C TO Ku BAND SUPER LOW NOISE AMPLIFIER N-CHANNEL HJ-FET
More results

Similar Description - NE3512S02-T1C-A

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
NE3210S01 RENESAS-NE3210S01 Datasheet
197Kb / 18P
   HETERO JUNCTION FIELD EFFECT TRANSISTOR
1999
NE38018 RENESAS-NE38018 Datasheet
236Kb / 13P
   Hetero Junction Field Effect transistor
2003
logo
California Eastern Labs
NE3514S02 CEL-NE3514S02_13 Datasheet
285Kb / 8P
   HETERO JUNCTION FIELD EFFECT TRANSISTOR
logo
Renesas Technology Corp
NE32484A RENESAS-NE32484A Datasheet
195Kb / 14P
   HETERO JUNCTION FIELD EFFECT TRANSISTOR
1991
NE32900 RENESAS-NE32900 Datasheet
181Kb / 10P
   HETERO JUNCTION FIELD EFFECT TRANSISTOR
1997
NE32500 RENESAS-NE32500 Datasheet
199Kb / 10P
   HETERO JUNCTION FIELD EFFECT TRANSISTOR
1996
NE34018 RENESAS-NE34018 Datasheet
250Kb / 18P
   HETERO JUNCTION FIELD EFFECT TRANSISTOR
2000
logo
California Eastern Labs
NE3515S02-A CEL-NE3515S02-A Datasheet
415Kb / 9P
   HETERO JUNCTION FIELD EFFECT TRANSISTOR
logo
Renesas Technology Corp
NE32984D RENESAS-NE32984D Datasheet
207Kb / 14P
   HETERO JUNCTION FIELD EFFECT TRANSISTOR
1995
NE350184C RENESAS-NE350184C Datasheet
223Kb / 11P
   HETERO JUNCTION FIELD EFFECT TRANSISTOR
2005
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com