Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FTR-K1CL022W-LB Datasheet(PDF) 3 Page - Fujitsu Component Limited.

Part # FTR-K1CL022W-LB
Description  1 POLE - 16A LOW PROFILE TYPE
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJITSU [Fujitsu Component Limited.]
Direct Link  http://edevice.fujitsu.com/fmd/en/index.html
Logo FUJITSU - Fujitsu Component Limited.

FTR-K1CL022W-LB Datasheet(HTML) 3 Page - Fujitsu Component Limited.

  FTR-K1CL022W-LB Datasheet HTML 1Page - Fujitsu Component Limited. FTR-K1CL022W-LB Datasheet HTML 2Page - Fujitsu Component Limited. FTR-K1CL022W-LB Datasheet HTML 3Page - Fujitsu Component Limited. FTR-K1CL022W-LB Datasheet HTML 4Page - Fujitsu Component Limited. FTR-K1CL022W-LB Datasheet HTML 5Page - Fujitsu Component Limited. FTR-K1CL022W-LB Datasheet HTML 6Page - Fujitsu Component Limited. FTR-K1CL022W-LB Datasheet HTML 7Page - Fujitsu Component Limited. FTR-K1CL022W-LB Datasheet HTML 8Page - Fujitsu Component Limited.  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
3
FTR-K1 SERIES
n
SPECIFICATIONS
Item
FTR-KAK()T
Standard
FTR-KCK()W
Standard
Contact Arrangement
formA
fromC
Material
AgSnO2
Resistance(initial)
Maximum 100 mΩ at 1 A, 6 VDC
Rating
6A,250VAC/24VDC
MaximumCarryingCurrent*
6A
MaximumInrushCurrent
80A(20ms)250VAC
MaximumSwitchingRating
4,000VA/384W
MaximumSwitchingVoltage
440VAC/300VDC
MinimumSwitchingLoad*2
0mA5VDC
Coil
NominalPower(at20ºC)
400mW(at430mW48Vcoil)
OperatePower(at20ºC)
200mW(20mWat48Vcoil)
OperatingTemperature
-40ºCto+85ºC(nofrost)
Time
Value
Operate
Maximum5ms(atnominalvoltage,nobounce)
Release(withoutdiode)
Maximum5ms(atnominalvoltage,nobounce)
Life
Mechanical
20x06operationsminimum
Electrical
ACContactrating
00x03 operations min.
50x03 operations min.
DCcontactrating
00x03 operations min.
30x03 operations min.
PeakInrush(80A)
0x03 operations min.
Lampload(ULTV-5) 25x03 operations min.
-
Other
Vibration
Resistance
Misoperation
10 to 55 Hz, at double amplitude of 0.7 mm
Endurance
10-55Hz, at double amplitude of 1.5 mm
Shock
Resistance
Misoperation
Min. 100m/s2(±ms)
Endurance
Min. 1,000m/s2(6±ms)
Weight
Approximately3g
* Need to consider the heat from PCB when max. current is more than 10A.
*2 Minimum switching loads mentioned above are reference values. Please perform the confirmation test with the actual
loadbeforeproductionsincereferencevaluesmayvaryaccordingtoswitchingfrequencies,environmentalconditions
and expected reliability levels.


Similar Part No. - FTR-K1CL022W-LB

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
FTR-K1CK005E FUJITSU-FTR-K1CK005E Datasheet
621Kb / 8P
   POWER RELAY 1 POLE - 16A Silver Nickel Contact
FTR-K1CK005E-LA-RG FUJITSU-FTR-K1CK005E-LA-RG Datasheet
824Kb / 14P
   POWER RELAY 1 POLE - 16A/12A/10A Transparent cover
FTR-K1CK005E-LB-RG FUJITSU-FTR-K1CK005E-LB-RG Datasheet
824Kb / 14P
   POWER RELAY 1 POLE - 16A/12A/10A Transparent cover
FTR-K1CK005E-MA-RG FUJITSU-FTR-K1CK005E-MA-RG Datasheet
824Kb / 14P
   POWER RELAY 1 POLE - 16A/12A/10A Transparent cover
FTR-K1CK005E-MB-RG FUJITSU-FTR-K1CK005E-MB-RG Datasheet
824Kb / 14P
   POWER RELAY 1 POLE - 16A/12A/10A Transparent cover
More results

Similar Description - FTR-K1CL022W-LB

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
JQX115-F ETC1-JQX115-F Datasheet
88Kb / 2P
   16A 1 POLE PC BOARD TYPE
logo
Fujitsu Component Limit...
FTR-K1KW FUJITSU-FTR-K1KW Datasheet
939Kb / 8P
   POWER RELAY 1 POLE - 16A Sealed Type
FTR-K1-L FUJITSU-FTR-K1-L Datasheet
418Kb / 6P
   POWER RELAY 1 POLE - 16A / Inrush 80A type
FTR-K2 FUJITSU-FTR-K2 Datasheet
556Kb / 8P
   POWER RELAY 1 POLE-16A (CADMIUM FREE CONTACTS TYPE)
logo
Panasonic Battery Group
ADJ PANASONICBATTERY-ADJ Datasheet
142Kb / 9P
   1-pole/2-pole 16A polarized power relays
logo
Fujitsu Component Limit...
FTR-K1-105C FUJITSU-FTR-K1-105C Datasheet
623Kb / 8P
   POWER RELAY 1 POLE - 16A 105C
FTR-H1 FUJITSU-FTR-H1 Datasheet
688Kb / 8P
   POWER RELAY 1 POLE-10 A LOW PROFILE TYPE
FTR-H1 FUJITSU-FTR-H1_09 Datasheet
620Kb / 9P
   POWER RELAY 1 POLE-10 A LOW PROFILE TYPE
FTR-K1-16A FUJITSU-FTR-K1-16A Datasheet
621Kb / 8P
   POWER RELAY 1 POLE - 16A Silver Nickel Contact
FTR-K1-KS FUJITSU-FTR-K1-KS Datasheet
396Kb / 6P
   POWER RELAY 1 POLE - 16A / Inrush 120A relay
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com