Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PCLT-2AT4 Datasheet(PDF) 5 Page - STMicroelectronics

Part # PCLT-2AT4
Description  Dual current limited over-voltage protected digital termination
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

PCLT-2AT4 Datasheet(HTML) 5 Page - STMicroelectronics

  PCLT-2AT4 Datasheet HTML 1Page - STMicroelectronics PCLT-2AT4 Datasheet HTML 2Page - STMicroelectronics PCLT-2AT4 Datasheet HTML 3Page - STMicroelectronics PCLT-2AT4 Datasheet HTML 4Page - STMicroelectronics PCLT-2AT4 Datasheet HTML 5Page - STMicroelectronics PCLT-2AT4 Datasheet HTML 6Page - STMicroelectronics PCLT-2AT4 Datasheet HTML 7Page - STMicroelectronics PCLT-2AT4 Datasheet HTML 8Page - STMicroelectronics PCLT-2AT4 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 18 page
background image
PCLT-2A
1 Characteristics
5/18
1.6
Electromagnetic compatibility ratings
TJ=25 °C, RI = 750 RC = 2.2 k, & reverse diode connected (unless otherwise specified)
Note: 1 Test diagram described on Figure 1 using the application PCB with a normalized capacitive
coupling clamp
2 Test diagram described on Figure 1
1.7
Thermal resistance
Symbol
Node
Parameter name & conditions
Value
Unit
VESD
IN
VCC
ESD protection, IEC 61000-4-2, per input, in air
± 15
kV
ESD protection, IEC 61000-4-2, per input, in contact
± 8
kV
ESD protection, IEC 61000-4-2, per input, in air, RI = 0 Ω
± 3
kV
ESD protection, IEC 61000-4-2, per input, in contact, RI = 0 Ω
± 3
kV
VPPB
VI
Total Peak Pulse Voltage Burst, IEC61000-4-4
CC = 33 nF, CI = 22 nF, F = 5 kHz (Note 1)
± 4
kV
VPP
VI
Peak Pulse Voltage Surge, IEC61000-4-5, R = 42
Ω (Note 2)± 500
V
VPP
VI
Peak Pulse Voltage Surge, IEC61000-4-5, R = 42
Ω RI = 1200 Ω (Note 2)
± 1000
V
VPP
VCC
Peak Pulse Voltage Surge, IEC61000-4-5, R = 2
Ω (Note 2)
± 1000
V
Symbol
Parameter name & conditions
Value
Unit
RTH JA
Thermal resistance Junction to ambient
Board copper surface = 1.25 cm², copper thickness = 35 µm, single face
100
°C/W


Similar Part No. - PCLT-2AT4

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
PCLTA-21 ETC2-PCLTA-21 Datasheet
459Kb / 3P
   PCLTA-21 PCI Network Adapter
More results

Similar Description - PCLT-2AT4

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
CLT3-4B STMICROELECTRONICS-CLT3-4B_07 Datasheet
191Kb / 13P
   Current limited over-voltage protected quad digital termination
CLT3-4BT6 STMICROELECTRONICS-CLT3-4BT6 Datasheet
99Kb / 10P
   CURRENT LIMITED OVER-VOLTAGE PROTECTED QUAD DIGITAL TERMINATION
CLT3-4B STMICROELECTRONICS-CLT3-4B Datasheet
191Kb / 13P
   Current limited over-voltage protected quad digital termination
AN2846 STMICROELECTRONICS-AN2846 Datasheet
1Mb / 35P
   The serial current limited termination device
CLT01-38S4 STMICROELECTRONICS-CLT01-38S4 Datasheet
290Kb / 8P
   High speed protected digital termination array
April 2013 Rev1
logo
Infineon Technologies A...
AUIRS2127S INFINEON-AUIRS2127S Datasheet
1Mb / 24P
   Over Current Protected Single Channel Driver
June 12th, 2012
logo
PEAK electronics GmbH
PPM05-A-3R3ELF PEAK-PPM05-A-3R3ELF Datasheet
463Kb / 4P
   Over Current / Over Voltage Protection
logo
Toshiba Semiconductor
TCK22XXXG TOSHIBA-TCK22XXXG Datasheet
696Kb / 13P
   Load Switch IC with Over current limited function
2022-06-09
logo
STMicroelectronics
ACST8-8C STMICROELECTRONICS-ACST8-8C Datasheet
86Kb / 8P
   OVER VOLTAGE PROTECTED AC POWER SWITCH
ACST6-7S STMICROELECTRONICS-ACST6-7S Datasheet
122Kb / 10P
   OVER VOLTAGE PROTECTED AC POWER SWITCH
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com