Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ACA2408 Datasheet(PDF) 9 Page - ANADIGICS, Inc

Part # ACA2408
Description  870 MHz, 34 dB Gain CATV Push-Pull Line Amplifier
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANADIGICS [ANADIGICS, Inc]
Direct Link  http://www.anadigics.com
Logo ANADIGICS - ANADIGICS, Inc

ACA2408 Datasheet(HTML) 9 Page - ANADIGICS, Inc

Back Button ACA2408 Datasheet HTML 4Page - ANADIGICS, Inc ACA2408 Datasheet HTML 5Page - ANADIGICS, Inc ACA2408 Datasheet HTML 6Page - ANADIGICS, Inc ACA2408 Datasheet HTML 7Page - ANADIGICS, Inc ACA2408 Datasheet HTML 8Page - ANADIGICS, Inc ACA2408 Datasheet HTML 9Page - ANADIGICS, Inc ACA2408 Datasheet HTML 10Page - ANADIGICS, Inc ACA2408 Datasheet HTML 11Page - ANADIGICS, Inc ACA2408 Datasheet HTML 12Page - ANADIGICS, Inc  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
9
ACA2408
PRELIMINARY DATA SHEET - Rev 1.0
07/2003
APPLICATION INFORMATION
R2
C3
ACA2408
15
1
10
12
13
11
9
16
14
8
7
6
5
4
3
2
GND
ISET
1AIN
1AOUT
2AIN
2AOUT
GND
GND
GND
Bias 1B
GND
1BIN
2BIN
1BOUT
2BOUT
Bias 1A
C4
L1
C6
L3
C10
TVS
C15
L4
C8
C14
C9
RF OUT
L2
C7
C5
C1
C2
C11
RF IN
R3
R1
T1
T2
(+24 V)
C12
L6
L5
L5
L6
+
T1
T2
C1
C2
C3
C4
C5
C6
C7
C8
C9
R1
R2
L1
L2
L3
L4
C11
C12
C10
C14
R3
34dB 75
AC\AK 03/4
Input
Output
Vt
I adj
+24 V
+24 V
Figure 14: Evaluation Board Schematic
Figure 13: Evaluation Board Layout


Similar Part No. - ACA2408

ManufacturerPart #DatasheetDescription
logo
ANADIGICS, Inc
ACA2401 ANADIGICS-ACA2401 Datasheet
242Kb / 16P
   750/870 MHz CATV Power Doubler Line Amplifier
ACA2401S7 ANADIGICS-ACA2401S7 Datasheet
147Kb / 4P
   750/870 MHz Power Dobler CATV LINE AMPLIFIER MMIC
ACA2401S7P0 ANADIGICS-ACA2401S7P0 Datasheet
242Kb / 16P
   750/870 MHz CATV Power Doubler Line Amplifier
ACA2401S7TR ANADIGICS-ACA2401S7TR Datasheet
242Kb / 16P
   750/870 MHz CATV Power Doubler Line Amplifier
ACA2402 ANADIGICS-ACA2402 Datasheet
215Kb / 16P
   750/870 MHz CATV Push-Pull Line Amplifier
More results

Similar Description - ACA2408

ManufacturerPart #DatasheetDescription
logo
Quanzhou Jinmei Electro...
MC-7832_2015 JMNIC-MC-7832_2015 Datasheet
60Kb / 6P
   870 MHz CATV 22 dB PUSH-PULL AMPLIFIER
logo
California Eastern Labs
MC-7832 CEL-MC-7832_1 Datasheet
280Kb / 7P
   870 MHz CATV 22 dB PUSH-PULL AMPLIFIER
MC-7833 CEL-MC-7833_06 Datasheet
281Kb / 7P
   870 MHz CATV 25 dB PUSH-PULL AMPLIFIER
logo
Quanzhou Jinmei Electro...
MC-7833_2015 JMNIC-MC-7833_2015 Datasheet
61Kb / 6P
   870 MHz CATV 25 dB PUSH-PULL AMPLIFIER
logo
California Eastern Labs
MC-7831 CEL-MC-7831_1 Datasheet
280Kb / 7P
   870 MHz CATV 18 dB PUSH-PULL AMPLIFIER
logo
Quanzhou Jinmei Electro...
MC-7831_2015 JMNIC-MC-7831_2015 Datasheet
61Kb / 6P
   870 MHz CATV 18 dB PUSH-PULL AMPLIFIER
logo
ANADIGICS, Inc
ACA2402 ANADIGICS-ACA2402 Datasheet
215Kb / 16P
   750/870 MHz CATV Push-Pull Line Amplifier
logo
NXP Semiconductors
CGY887 PHILIPS-CGY887 Datasheet
51Kb / 8P
   870 MHz, 21.5 dB gain push-pull amplifier
2002 Jun 27
logo
ANADIGICS, Inc
ACA2402E ANADIGICS-ACA2402E_12 Datasheet
357Kb / 10P
   750/870 MHz CATV Push-Pull Line Amplifier
ACA2402E ANADIGICS-ACA2402E Datasheet
194Kb / 12P
   750/870 MHz CATV Push-Pull Line Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com