Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PI3B3245QE Datasheet(PDF) 3 Page - Pericom Semiconductor Corporation

Part # PI3B3245QE
Description  3.3V, Hot Insertion 8-Bit, 2-Port, NanoSwitch
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation

PI3B3245QE Datasheet(HTML) 3 Page - Pericom Semiconductor Corporation

  PI3B3245QE Datasheet HTML 1Page - Pericom Semiconductor Corporation PI3B3245QE Datasheet HTML 2Page - Pericom Semiconductor Corporation PI3B3245QE Datasheet HTML 3Page - Pericom Semiconductor Corporation PI3B3245QE Datasheet HTML 4Page - Pericom Semiconductor Corporation PI3B3245QE Datasheet HTML 5Page - Pericom Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
PI3B3245
3.3V, Hot Insertion
8-Bit, 2-Port, NanoSwitch™
3
PS8162F
09/23/04
12345678901234567890123456789012123456789012345678901234567890121234567890123456789012345678901212345678901234567890123456789012123456789012
12345678901234567890123456789012123456789012345678901234567890121234567890123456789012345678901212345678901234567890123456789012123456789012
PI3B3245
Com.
Parameters Description
Conditions(1)
Min.
Max.
Units
tPLH
Propagation Delay(2,3) CL = 50pF
tPHL
Ax to Bx, Bx to Ax
RL = 500
0.25
ns
tPZH
Bus Enable Time
CL = 50pF,
tPZL
BE to Ax or Bx
RL = 500
Ω,
1.0
4.0
ns
tPHZ
Bus Disable Time
RL = 500
tPLZ
BE to Ax or Bx
1.0
4.5
ns
Power Supply Characteristics
Parameters Description
Test Conditions(1)
Min.
Typ(2)
Max.
Units
ICC
Quiescent Power
VCC = Max.
VIN = GND or VCC
0.1
3.0
µA
Supply Current
∆ICC
Supply Current per
VCC = Max.
VIN = 3.0V(3)
750
µA
Input HIGH
Notes:
1. For Max. or Min. conditions, use appropriate value specified under Electrical Characteristics for the applicable device.
2. Typical values are at VCC = 3.3V, +25°C ambient.
3. Per TTL driven input (control input only); A and B pins do not contribute to ICC.
Switching Characteristics over Operating Range
Notes:
1. See test circuit and waveforms.
2. This parameter is guaranteed but not tested on Propagation Delays.
3. The bus switch contributes no propagational delay other than the RC delay of the ON
resistance of the switch and the load capacitance. The time constant for the switch alone is
of the order of 0.25ns for 50pF load. Since this time constant is much smaller than the rise/
fall times of typical driving signals, it adds very little propagational delay to the system.
Propagational delay of the bus switch when used in a system is determined by the driving
circuit on the driving side of the switch and its interaction with the load on the driven side.
ApplicationsInformation
LogicInputs
The logic control inputs can be driven up to +3.6 regardless of the supply voltage. For example, given a + 3.3V supply, IN may be
driven low to 0V and high to 3.6V. Driving IN Rail-to-Rail® minimizes power consumption.
Power-SupplySequencingandHot-PlugInformation
Proper power-supply sequencing is recommended for all CMOS devices. Always apply VCC and GND before applying signals to
input/output or control pins.
Rail-to-Rail is a registeredtrademark of Nippon Motorola, Ltd


Similar Part No. - PI3B3245QE

ManufacturerPart #DatasheetDescription
logo
Pericom Semiconductor C...
PI3B3245QE PERICOM-PI3B3245QE Datasheet
672Kb / 5P
   3.3V, Hot Insertion, 8-Bit, 2-Port NanoSwitchTM
PI3B3245QE PERICOM-PI3B3245QE Datasheet
672Kb / 5P
   3.3V, Hot Insertion, 8-Bit, 2-Port NanoSwitch
PI3B3245QEX PERICOM-PI3B3245QEX Datasheet
672Kb / 5P
   3.3V, Hot Insertion, 8-Bit, 2-Port NanoSwitchTM
More results

Similar Description - PI3B3245QE

ManufacturerPart #DatasheetDescription
logo
Pericom Semiconductor C...
PI3B3244 PERICOM-PI3B3244_10 Datasheet
616Kb / 4P
   3.3V, Hot Insertion, 8-Bit, 2-Port NanoSwitch
PI3B3244 PERICOM-PI3B3244 Datasheet
186Kb / 5P
   3.3V, Hot Insertion, 8-Bit, 2-Port NanoSwitch
PI3B3245 PERICOM-PI3B3245_10 Datasheet
672Kb / 5P
   3.3V, Hot Insertion, 8-Bit, 2-Port NanoSwitch
PI3B3245QEX PERICOM-PI3B3245QEX Datasheet
672Kb / 5P
   3.3V, Hot Insertion, 8-Bit, 2-Port NanoSwitchTM
PI3B16245 PERICOM-PI3B16245 Datasheet
92Kb / 3P
   3.3V, Hot Insertion, 16-Bit, 2-Port BusSwitch
PI3B16210 PERICOM-PI3B16210 Datasheet
129Kb / 3P
   3.3V, Hot Insertion 20-Bit, 2-Port BusSwitch
PI3B16245 PERICOM-PI3B16245 Datasheet
147Kb / 3P
   3.3V, 16-Bit, 2-Port NanoSwitch?
PI3B34X245 PERICOM-PI3B34X245 Datasheet
122Kb / 4P
   3.3V, 32-Bit, 2-Port NanoSwitch
PI3B3861 PERICOM-PI3B3861 Datasheet
174Kb / 5P
   3.3V, 10-Bit, 2-Port, NanoSwitch
PI3B3125LEX PERICOM-PI3B3125LEX Datasheet
440Kb / 6P
   3.3V, 4-Bit, 2-Port Nanoswitch
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com