Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MD1363 Datasheet(PDF) 5 Page - PerkinElmer Optoelectronics

Part # MD1363
Description  Ultra High Sensitivity Gateable Channel Photomultiplier DC-Modules
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PERKINELMER [PerkinElmer Optoelectronics]
Direct Link  http://www.perkinelmer.com
Logo PERKINELMER - PerkinElmer Optoelectronics

MD1363 Datasheet(HTML) 5 Page - PerkinElmer Optoelectronics

  MD1363 Datasheet HTML 1Page - PerkinElmer Optoelectronics MD1363 Datasheet HTML 2Page - PerkinElmer Optoelectronics MD1363 Datasheet HTML 3Page - PerkinElmer Optoelectronics MD1363 Datasheet HTML 4Page - PerkinElmer Optoelectronics MD1363 Datasheet HTML 5Page - PerkinElmer Optoelectronics  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
www.per kinelmer.com/opto
© 2001 PerkinElmer, Inc. All rights reserved.
.
USA:
PerkinElmer Optoelectronics
2175 Mission College Blvd.
Santa Clara, CA 95054
Phone: (408) 565-0850
Fax: (408) 565-0793
EUROPE:
PerkinElmer Optoelectronics GmbH
Wenzel-Jaksch-Str. 31
65199 Wiesbaden
Germany
Phone: +49 611 492 534
Fax: +49 611 492 578
ASIA:
PerkinElmer Optoelectronics
47 Ayer Rajah Crescent #06-12
Singapore 139947
Phone: +65 775 2022
Fax: +65 775 1008
DS-287 Rev A 1101
Dimensions (mm)
MD 900 Series
MD 1300 Series
MD 1900 Series
Red:
Vcc, input (+5 V to +5.5 V DC)
Black: GND
Coax:
External Gate in (TTL,active high)
Yellow: Monitor voltage output (|V
ch-ent /1000|)
Green: Control voltage input via ext.
OpAmp (ref. to manual)
BNC Connector:
-
DC 0 - 10 V Signal Output
-
GND
Connections
·
CAUTION: HIGH VOLTAGE WARNING
This product operates at high voltage. Extreme care must be taken to ensure operator safety and to avoid damage to other
instruments. Avoid direct contact with the entrance window of the built in CPM when high voltage is applied. Avoid placing
conductive material close to the cathode.
Ensure that no light levels are applied, generating higher anode currents than specified.
All given values are nominal/typical @ 20 °C ambient temperature; specification subject to change without notice
CPM


Similar Part No. - MD1363

ManufacturerPart #DatasheetDescription
logo
Jiangsu APT Semiconduct...
MD130S08M3 APTSEMI-MD130S08M3 Datasheet
99Kb / 3P
   Glass Passivated Three Phase Rectifier Bridge
logo
Micro Commercial Compon...
MD130S08M3 MCC-MD130S08M3 Datasheet
510Kb / 4P
   Rectifiers for DC motor field supplies
logo
Yangzhou yangjie electr...
MD130S08M3 YANGJIE-MD130S08M3 Datasheet
160Kb / 3P
   Glass Passivated Three Phase Rectifier Bridge
logo
Shanghai Leiditech Elec...
MD130S08M3 LEIDITECH-MD130S08M3 Datasheet
384Kb / 3P
   Glass Passivated Three Phase Rectifier Bridge
logo
Jiangsu APT Semiconduct...
MD130S08M5 APTSEMI-MD130S08M5 Datasheet
115Kb / 3P
   Glass Passivated Three
More results

Similar Description - MD1363

ManufacturerPart #DatasheetDescription
logo
PerkinElmer Optoelectro...
MP900 PERKINELMER-MP900 Datasheet
53Kb / 3P
   Ultra High Sensitivity Gateable Photon Counting Module
MH900 PERKINELMER-MH900 Datasheet
562Kb / 5P
   Ultra High Sensitivity Channel Photomultiplier Head Including High Voltage Power Supply
logo
Hamamatsu Corporation
R7518 HAMAMATSU-R7518 Datasheet
196Kb / 4P
   PHOTOMULTIPLIER TUBES High Sensitivity with Low Noise Photocathode
R9110 HAMAMATSU-R9110 Datasheet
177Kb / 4P
   PHOTOMULTIPLIER TUBE High Sensitivity and Lower Dark Current
logo
List of Unclassifed Man...
GPS-18X19 ETC2-GPS-18X19 Datasheet
407Kb / 11P
   GPS Ultra High Sensitivity Module
logo
Hamamatsu Corporation
C7169 HAMAMATSU-C7169_15 Datasheet
215Kb / 2P
   POWER SUPPLIES FOR PHOTOMULTIPLIER TUBE MODULES
logo
MultiDimension Technolo...
TMR2922 MULTIDIMENSION-TMR2922 Datasheet
469Kb / 4P
   Ultra High Sensitivity TMR linear sensor
V1.0a
logo
OmniVision Technologies...
OV7740 OMNIVISION-OV7740 Datasheet
161Kb / 2P
   ultra-high sensitivity CMOS image sensor
OV07740-A32A OMNIVISION-OV07740-A32A Datasheet
161Kb / 2P
   ultra-high sensitivity CMOS image sensor
logo
MultiDimension Technolo...
TMR2901 MULTIDIMENSION-TMR2901 Datasheet
507Kb / 5P
   Ultra High Sensitivity TMR linear sensor
V1.0a
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com