Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PI6C182H Datasheet(PDF) 7 Page - Pericom Semiconductor Corporation

Part # PI6C182H
Description  Precision 1-10 Clock Buffer
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation

PI6C182H Datasheet(HTML) 7 Page - Pericom Semiconductor Corporation

  PI6C182H Datasheet HTML 1Page - Pericom Semiconductor Corporation PI6C182H Datasheet HTML 2Page - Pericom Semiconductor Corporation PI6C182H Datasheet HTML 3Page - Pericom Semiconductor Corporation PI6C182H Datasheet HTML 4Page - Pericom Semiconductor Corporation PI6C182H Datasheet HTML 5Page - Pericom Semiconductor Corporation PI6C182H Datasheet HTML 6Page - Pericom Semiconductor Corporation PI6C182H Datasheet HTML 7Page - Pericom Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 7 / 7 page
background image
PI6C182
Precision 1-10 Clock Buffer
7
PS8165D
07/19/04
Packaging Mechanical: 28-Pin SSOP (H)
Pericom Semiconductor Corporation • 1-800-435-2336 • www.pericom.com
Notes:
1. Thermal characteristics can be found on the company web site at www.pericom.com/packaging/
Ordering Information
Ordering Code
Package Code
Package Type
PI6C182H
H
110 MHz 28-pin SSOP
PI6C182AH
H
125 MHz 28-pin SSOP


Similar Part No. - PI6C182H

ManufacturerPart #DatasheetDescription
logo
Pericom Semiconductor C...
PI6C182B PERICOM-PI6C182B Datasheet
458Kb / 7P
   Precision 1-10 Clock Buffer
PI6C182BH PERICOM-PI6C182BH Datasheet
458Kb / 7P
   Precision 1-10 Clock Buffer
PI6C182BH PERICOM-PI6C182BH Datasheet
487Kb / 7P
   Precision 1-10 Clock Buffer
PI6C182BHE PERICOM-PI6C182BHE Datasheet
458Kb / 7P
   Precision 1-10 Clock Buffer
PI6C182BHE PERICOM-PI6C182BHE Datasheet
487Kb / 7P
   Precision 1-10 Clock Buffer
More results

Similar Description - PI6C182H

ManufacturerPart #DatasheetDescription
logo
Pericom Semiconductor C...
PI6C182B PERICOM-PI6C182B Datasheet
458Kb / 7P
   Precision 1-10 Clock Buffer
PI6C182BHEX PERICOM-PI6C182BHEX Datasheet
487Kb / 7P
   Precision 1-10 Clock Buffer
PI6C180B PERICOM-PI6C180B Datasheet
573Kb / 7P
   Precision 1-18 Clock Buffer
PI6C185-02B PERICOM-PI6C185-02B Datasheet
285Kb / 6P
   Precision 1-7 Clock Buffer
logo
Advanced Analogic Techn...
PI6C184 ANALOGICTECH-PI6C184 Datasheet
205Kb / 7P
   Precision 1-13 Clock Buffer
logo
Pericom Semiconductor C...
PI6C184-02 PERICOM-PI6C184-02 Datasheet
246Kb / 6P
   Precision 1-13 Clock Buffer
PI6C185-01B PERICOM-PI6C185-01B Datasheet
362Kb / 6P
   Precision 1-5 Clock Buffer
PI6C185-00 PERICOM-PI6C185-00 Datasheet
398Kb / 7P
   Precision 1-7 Clock Buffer
PI6C185-01 PERICOM-PI6C185-01 Datasheet
188Kb / 7P
   Precision 1-5 Clock Buffer
logo
Cypress Semiconductor
CY2CC910 CYPRESS-CY2CC910_05 Datasheet
217Kb / 9P
   1:10 Clock Fanout Buffer
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com