Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ATA06211 Datasheet(PDF) 1 Page - ANADIGICS, Inc

Part # ATA06211
Description  AGC Transimpedance Amplifier
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANADIGICS [ANADIGICS, Inc]
Direct Link  http://www.anadigics.com
Logo ANADIGICS - ANADIGICS, Inc

ATA06211 Datasheet(HTML) 1 Page - ANADIGICS, Inc

  ATA06211 Datasheet HTML 1Page - ANADIGICS, Inc ATA06211 Datasheet HTML 2Page - ANADIGICS, Inc ATA06211 Datasheet HTML 3Page - ANADIGICS, Inc ATA06211 Datasheet HTML 4Page - ANADIGICS, Inc ATA06211 Datasheet HTML 5Page - ANADIGICS, Inc ATA06211 Datasheet HTML 6Page - ANADIGICS, Inc ATA06211 Datasheet HTML 7Page - ANADIGICS, Inc ATA06211 Datasheet HTML 8Page - ANADIGICS, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
08/2001
FEATURES
·
Single +5 Volt Supply
·
Automatic Gain Control
·
-32 dBm Sensitivity
·
0 dBm Optical Overload
·
550 MHz Bandwidth
APPLICATIONS
·
SONET OC-12 /SDH STM-4 (622Mb/s)
Receiver
·
FITL
·
BISDN
·
Workstation Interconnects
·
Low Noise RF Amplifier
PRODUCT DESCRIPTION
Figure 1: Equivalent Circuit
ATA06211
AGC Transimpedance Amplifier
SONET OC-12
PRELIMINARY DATA SHEET-Rev 4
D1
The ANADIGICS ATA06211 is a 5V low noise
transimpedance amplifier with AGC designed to be
used in OC-12/STM-4 fiber optic links. The device is
used in conjunction with a photodetector (PIN diode
or avalanche photodiode) to convert an optical signal
into an output voltage. The ATA06211 offers a
bandwidth of 550MHz and a dynamic range of 32dB.
It is manufactured in a GaAs MESFET process and
is available in bare die form.
V
DD2
V
OUT
C
AGC
GND
V
DD1
I
IN
CBY
US PATENT
GND
or
neg.supply
VGA
- 35
70K
+
4pF
+ 0.8
AGC
19 K
Photodector cathode must be connected
to Iin for proper AGC operation
I
IN


Similar Part No. - ATA06211

ManufacturerPart #DatasheetDescription
logo
ANADIGICS, Inc
ATA06212A ANADIGICS-ATA06212A Datasheet
49Kb / 8P
   AGC Transimpedance Amplifier
ATA06212AD1C ANADIGICS-ATA06212AD1C Datasheet
112Kb / 8P
   AGC TRANSIMPEDANCE AMPLIFIER
ATA06212AD1C ANADIGICS-ATA06212AD1C Datasheet
49Kb / 8P
   AGC Transimpedance Amplifier
More results

Similar Description - ATA06211

ManufacturerPart #DatasheetDescription
logo
ANADIGICS, Inc
ATA01504 ANADIGICS-ATA01504 Datasheet
204Kb / 8P
   AGC Transimpedance Amplifier
ATA00501D1C ANADIGICS-ATA00501D1C Datasheet
306Kb / 7P
   AGC TRANSIMPEDANCE AMPLIFIER
ATA01502 ANADIGICS-ATA01502 Datasheet
245Kb / 8P
   AGC Transimpedance Amplifier
ATA01502D1C ANADIGICS-ATA01502D1C Datasheet
202Kb / 6P
   AGC TRANSIMPEDANCE AMPLIFIER
ATA01504D1C ANADIGICS-ATA01504D1C Datasheet
224Kb / 6P
   AGC TRANSIMPEDANCE AMPLIFIER
ATA01501 ANADIGICS-ATA01501 Datasheet
417Kb / 12P
   AGC Transimpedance Amplifier
ATA12001 ANADIGICS-ATA12001 Datasheet
201Kb / 8P
   AGC Transimpedance Amplifier
ATA00501S2C ANADIGICS-ATA00501S2C Datasheet
180Kb / 6P
   AGC TRANSIMPEDANCE AMPLIFIER
ATA00501D1C ANADIGICS-ATA00501D1C Datasheet
222Kb / 8P
   AGC TRANSIMPEDANCE AMPLIFIER
ATA01501D1C ANADIGICS-ATA01501D1C Datasheet
333Kb / 4P
   AGC TRANSIMPEDANCE AMPLIFIER
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com