Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RC0910-250 Datasheet(PDF) 3 Page - List of Unclassifed Manufacturers

Part # RC0910-250
Description  ECM Flat Radial Coil
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

RC0910-250 Datasheet(HTML) 3 Page - List of Unclassifed Manufacturers

  RC0910-250 Datasheet HTML 1Page - List of Unclassifed Manufacturers RC0910-250 Datasheet HTML 2Page - List of Unclassifed Manufacturers RC0910-250 Datasheet HTML 3Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
ECM Flat Radial Coil
ECM Electronics Limited, Penmaen House, Ashington, West Sussex, RH20 3JR, UK
Tel: +44(0)1903 892810: Fax: +44(0)1903 892738. Email: ecm@ecmelectronics.co.uk
Although we have attempted to accurately reflect the products we market. ECM reserve the right without prior notice to
discontinue any product or make design changes we believe necessary.
Issue 1
ECM
Part
L
(
µµH)
Tol
%
Q Min.
(**MHz)
RDC
MAX
(
Ω)
IDC
IN
(A)
RC0910-271
270 @0.796MHz
K
69
2.53
0.45
RC0910-331
330 @0.796MHz
K
58
3.34
0.41
RC0910-391
390 @0.796MHz
K
60
3.45
0.39
RC0910-471
470 @0.796MHz
K
76
5.29
0.35
RC0910-501
500 @0.796MHz
K
71
3.30
0.34
RC0910-561
560 @0.796MHz
K
68
5.40
0.31
RC0910-681
680 @0.796MHz
K
64
5.93
0.29
RC0910-751
750 @0.796MHz
K
62
4.20
0.28
RC0910-821
820 @0.796MHz
K
60
6.34
0.27
RC0910-102
1000 @0.252MHz
K
65
8.60
0.25
RC0910-122
1200 @0.252MHz
K
70
10.0
0.21
RC0910-152
1500 @0.252MHz
K
72
14.2
0.19
RC0910-182
1800 @0.252MHz
K
73
15.8
0.17
RC0910-222
2200 @0.252MHz
K
74
17.6
0.15
RC0910-252
2500 @0.252MHz
K
75
18.0
0.14
RC0910-272
2700 @0.252MHz
K
72
19.3
0.14
RC0910-332
3300 @0.252MHz
K
71
21.7
0.13
RC0910-392
3900 @0.252MHz
K
70
26.1
0.12
RC0910-472
4700 @0.252MHz
K
63
29.8
0.11
RC0910-502
5000 @0.252MHz
K
45
31.2
0.10
RC0910-752
7500 @0.252MHz
K
25
50.0
0.08
RC0910-103
10000 @0.252MHz
K
25
70.0
0.07
TOLERANCE; K=10%.
** = Test Frequency as specified in ‘L’ column


Similar Part No. - RC0910-250

ManufacturerPart #DatasheetDescription
logo
ECM Electronics Limited...
RC0910-250 ECM-RC0910-250 Datasheet
66Kb / 3P
   Flat Radial Coil
More results

Similar Description - RC0910-250

ManufacturerPart #DatasheetDescription
logo
ECM Electronics Limited...
RC0910 ECM-RC0910 Datasheet
66Kb / 3P
   Flat Radial Coil
logo
Allied Components Inter...
RFC20 ALLIED-RFC20 Datasheet
895Kb / 1P
   Radial Flat Coils
logo
Central Technologies
CTFCF CT-CTFCF Datasheet
205Kb / 1P
   Flat Coils - Radial
logo
Allied Components Inter...
RFC20-1R0K-RC ALLIED-RFC20-1R0K-RC Datasheet
894Kb / 1P
   Radial Flat Coils
logo
Superworld Electronics
RCB0810 SUPERWORLD-RCB0810 Datasheet
601Kb / 4P
   RADIAL CHOKE COIL
RCB0812 SUPERWORLD-RCB0812 Datasheet
597Kb / 4P
   RADIAL CHOKE COIL
RCB2023 SUPERWORLD-RCB2023 Datasheet
596Kb / 4P
   RADIAL CHOKE COIL
RCC0605 SUPERWORLD-RCC0605 Datasheet
373Kb / 4P
   RADIAL CHOKE COIL
RCC0606 SUPERWORLD-RCC0606 Datasheet
354Kb / 4P
   RADIAL CHOKE COIL
RCC0807 SUPERWORLD-RCC0807 Datasheet
375Kb / 4P
   RADIAL CHOKE COIL
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com