Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ATA7550D1 Datasheet(PDF) 5 Page - ANADIGICS, Inc

Part # ATA7550D1
Description  5.0V 2.5Gb/s TIA
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANADIGICS [ANADIGICS, Inc]
Direct Link  http://www.anadigics.com
Logo ANADIGICS - ANADIGICS, Inc

ATA7550D1 Datasheet(HTML) 5 Page - ANADIGICS, Inc

  ATA7550D1 Datasheet HTML 1Page - ANADIGICS, Inc ATA7550D1 Datasheet HTML 2Page - ANADIGICS, Inc ATA7550D1 Datasheet HTML 3Page - ANADIGICS, Inc ATA7550D1 Datasheet HTML 4Page - ANADIGICS, Inc ATA7550D1 Datasheet HTML 5Page - ANADIGICS, Inc ATA7550D1 Datasheet HTML 6Page - ANADIGICS, Inc ATA7550D1 Datasheet HTML 7Page - ANADIGICS, Inc ATA7550D1 Datasheet HTML 8Page - ANADIGICS, Inc ATA7550D1 Datasheet HTML 9Page - ANADIGICS, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
5
PRELIMINARY DATA SHEET - Rev 0
07/01
ATA7550
0.0
50.0
100.0
150.0
200.0
250.0
300.0
350.0
400.0
450.0
0
200
400
600
800
1000
Input Current (uApp)
Figure 3: External Capacitor Required for Low Frequency Cutoff
Figure 5: Eye Diagram with an Optical Input Power of -20dBm
PERFORMANCE DATA
Figure 4: Differential Output Voltage vs. Input Current
10
100
1000
10000
0
50
100
150
200
250
300
350
400
Low Frequency Cutoff (kHz)
10mV/Div.
100ps/Div.


Similar Part No. - ATA7550D1

ManufacturerPart #DatasheetDescription
logo
ANADIGICS, Inc
ATA7601 ANADIGICS-ATA7601 Datasheet
194Kb / 8P
   5.0V 10Gb/s TIA
ATA7601D1 ANADIGICS-ATA7601D1 Datasheet
194Kb / 8P
   5.0V 10Gb/s TIA
ATA7602 ANADIGICS-ATA7602 Datasheet
201Kb / 8P
   10GB/s Offset Control TIA
ATA7602D1 ANADIGICS-ATA7602D1 Datasheet
201Kb / 8P
   10GB/s Offset Control TIA
ATA7603 ANADIGICS-ATA7603 Datasheet
185Kb / 12P
   10 Gb/s High Overload TIA PRELIMINARY DATA SHEET - Rev 1.0
More results

Similar Description - ATA7550D1

ManufacturerPart #DatasheetDescription
logo
ANADIGICS, Inc
ATA7601 ANADIGICS-ATA7601 Datasheet
194Kb / 8P
   5.0V 10Gb/s TIA
logo
Vitesse Semiconductor C...
VSC7146 VITESSE-VSC7146 Datasheet
251Kb / 19P
   2.5Gb/s, 20-Bit Transceiver
VSC7927 VITESSE-VSC7927 Datasheet
124Kb / 12P
   SONET/SDH 2.5Gb/s Laser Diode Driver
logo
TriQuint Semiconductor
TGA4815-EPU TRIQUINT-TGA4815-EPU Datasheet
110Kb / 7P
   10Gb/s Differential TIA
TGA4816-EPU TRIQUINT-TGA4816-EPU Datasheet
107Kb / 7P
   10Gb/s Differential TIA
logo
Vitesse Semiconductor C...
VSC7937 VITESSE-VSC7937 Datasheet
153Kb / 14P
   Single Supply 2.5Gb/s Voltage Driver
logo
Bookham, Inc.
ATM2400C BOOKHAM-ATM2400C Datasheet
438Kb / 5P
   2.5Gb/s APD preamp Mini-DIL receiver
logo
Vitesse Semiconductor C...
VSC8061FI VITESSE-VSC8061FI Datasheet
684Kb / 20P
   2.5Gb/s 16-Bit Multiplexer/Demultiplexer Chipset
VSC7923 VITESSE-VSC7923 Datasheet
126Kb / 14P
   SONET/SDH 2.5Gb/s Laser Diode Driver
logo
ANADIGICS, Inc
ATA7602 ANADIGICS-ATA7602 Datasheet
201Kb / 8P
   10GB/s Offset Control TIA
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com